Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106KFM250MFBW Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 106KFM250MFBW
Description  High temperature - High voltage ??Long Life (10k Hrs)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106KFM250MFBW Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  106KFM250MFBW Datasheet HTML 1Page - Illinois Capacitor, Inc. 106KFM250MFBW Datasheet HTML 2Page - Illinois Capacitor, Inc. 106KFM250MFBW Datasheet HTML 3Page - Illinois Capacitor, Inc. 106KFM250MFBW Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
High temperature - High voltage Long Life (10k Hrs)
APPLICATIONS
Switching Power Supplies Electronic Ballasts
Operating Temperature Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
160
200
250
350
400
450
Surge Voltage
SVDC
200
250
300
400
450
500
WVDC
160
200
250
350
400
450
Dissipation Factor
120 Hz, 20°C
tan
δ
.15
.15
.15
.2
.2
.2
2 Minutes
Leakage Current
.02CV+10uA
Rated WVDC
160 to 250
350 to 400
450
Low Temperature Stability
Impedance Ratio
(120 Hz)
-25°C to +20°C
6
7
9
10000 hours with rated voltage applied at 105°C
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Load Life
Leakage Current
<100% of maximum specified value
1000 hours at 105°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Shelf Life
Leakage Current
<100% of maximum specified value
Frequency (Hz)
50
120
1k
10k
100k
Ripple Current Multipliers
0.4
0.5
0.8
0.9
1.0
Lead spacing VS. Case diameter
D
10
12.5
16
S
5.0
5.0
7.5
d
0.6
0.6
0.8
B
1.5
1.5
1.5
L1=L+1.5mm Max (L<20mm)
L1=L+2mm Max (L>20mm )
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 106KFM250MFBW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106KFM250MFBW ILLINOISCAPACITOR-106KFM250MFBW Datasheet
133Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 106KFM250MFBW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Nichicon corporation
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
logo
FSP TECHNOLOGY INC.
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
FSP015-DZ24CE070 FSP-FSP015-DZ24CE070 Datasheet
84Kb / 1P
   High Efficiency & Long Life
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com