Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG4P809RANY-LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # PG4P809RANY-LF
Description  POE applications with 720mA current capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

PG4P809RANY-LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  PG4P809RANY-LF Datasheet HTML 1Page - Bothhand USA, LP. PG4P809RANY-LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE –T QUAD PORT MAGNETICS MODULES
P/N: PG4P809RANY LF DATA SHEET
Page :1/2
A3(11/10)
Feature
Designed for Ethernet 1000 BASE-T, full Quad port
applications.
Supports 16 pairs of category 5 UTP cable.
Cable interface for isolation and low common mode emissions.
Compliant with IEEE 802.3at standard for 1000 BASE-T.
POE applications with 720mA current capability
Compliance with ROHS requirements.
Operating temperature range: 0℃ to +70℃.
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Turns Ratio
(±5%)
Cross talk Attenuation
(dB Min)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
with 18mA DC Bias
30MHz
60MHz
100MHz
HI-POT
(Vrms)
PG4P809RANY LF 1CT:1CT
1CT:1CT
350
-40
-35
-30
1500
Continue
Insertion
Loss
(dB Max)
Return Loss
(dB Min)@ Load 100Ω
DCMR
(dB Min)
Part
Number
1-100MHz 1-30MHz
40MHz
50MHz
60-80MHz
100MHz
30MHz
60MHz
100MHz
PG4P809RANY LF
-1.0
-18
-14.4
-13.1
-12
-10
-40
-35
-30
Schematic
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


Similar Part No. - PG4P809RANY-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PG4P809RBNY-LF BOTHHAND-PG4P809RBNY-LF Datasheet
767Kb / 2P
   Supports 16 pairs of category 5 UTP cable
More results

Similar Description - PG4P809RANY-LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VP6014RM-HF BOTHHAND-VP6014RM-HF Datasheet
246Kb / 2P
   Suitable for End-span POE applications with 720mA current capability.
VP6015M-LF BOTHHAND-VP6015M-LF Datasheet
126Kb / 2P
   Suitable for End-span POE applications with 720mA current capability
LGP5409-LF BOTHHAND-LGP5409-LF Datasheet
98Kb / 2P
   POE applications with 350mA current capability
G2P109NY-LF BOTHHAND-G2P109NY-LF Datasheet
313Kb / 2P
   POE applications with 600mA current capability
logo
E&E Magnetic Products L...
824-00540F EEMAGNETIC-824-00540F Datasheet
230Kb / 3P
   4S-CPHaEirMPAToIECSapplication with 720mA balanced DC line current capability
logo
Bothhand USA, LP.
GP5609S-2-LF BOTHHAND-GP5609S-2-LF Datasheet
353Kb / 2P
   Suitable for End-span POE applications with 700mA current capability
VP6019R-HF BOTHHAND-VP6019R-HF Datasheet
125Kb / 2P
   Suitable for End-span POE applications with 700mA current capability.
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com