Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

186KFM450MTJD Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 186KFM450MTJD
Description  High temperature - High voltage ??Long Life (10k Hrs)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

186KFM450MTJD Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  186KFM450MTJD Datasheet HTML 1Page - Illinois Capacitor, Inc. 186KFM450MTJD Datasheet HTML 2Page - Illinois Capacitor, Inc. 186KFM450MTJD Datasheet HTML 3Page - Illinois Capacitor, Inc. 186KFM450MTJD Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KFM
+105°C, High Frequency Low
Impedance/ESR,8000 to
10000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(A)
100 kHz,
+105°C
Dims DxL
(mm)
22
200
226KFM200M
11.304
410
10x20
22
250
226KFM250MGJG 11.304
475
10x20
22
350
226KFM350M
15.0715
475
12.5x20
22
400
226KFM400M
15.0715
475
12.5x25
22
400
226KFM400MQU 15.0715
430
16x20
22
400
226KFM400MFDG 15.0715
475
8x50
22
450
226KFM450MGCG 15.0715
550
10x40
22
450
226KFM450MKJG 15.0715
550
16x20
22
450
226KFM450M
15.0715
560
16x25
22
450
226KFM450MRU 15.0715
560
18x20
27
160 276KFM160MGBW 9.2104
410
10x16
27
200
276KFM200MGJG 9.2104
410
10x20
33
160
336KFM160MTBD 7.5357
570
12.5x30
33
160
336KFM160M
7.5357
530
10x20
33
200
336KFM200MGJD 7.5357
530
10x25
33
250
336KFM250MFDG 7.5357
570
8x50
33
250
336KFM250M
7.5357
570
12.5x20
33
350
336KFM350M
10.0477
500
16x20
33
350
336KFM350MTJD 10.0477
570
12.5x25
33
400
336KFM400M
10.0477
610
16x25
33
400
336KFM400MRU 10.0477
640
18x20
33
450 336KFM450MGDG 10.0477
665
10x50
33
450
336KFM450MKJD 10.0477
665
16x25
33
450
336KFM450M
10.0477
700
16x31.5
33
450
336KFM450MRV 10.0477
700
18x25
39
160
396KFM160MGJD
52.91
590
10x25
39
160
396KFM160MTBD
52.91
590
12.5x15
39
200
396KFM200MTJG
52.91
620
12.5x30
47
160
476KFM160MGJD 5.2911
610
10x25
47
200
476KFM200MFDG 5.2911
650
8x50
47
200
476KFM200M
5.2911
630
12.5x20
47
250
476KFM250M
5.2911
650
12.5x25
47
250
476KFM250MQU
5.2911
720
16x20
47
250
476KFM250MTJD
5.2911
650
12.5x25
47
350
476KFM350M
7.0547
800
16x25
47
350
476KFM350MRU
7.0547
660
18x20
47
400
476KFM400M
7.0547
840
16x31.5
47
400
476KFM400MRV
7.0547
795
18x25
47
450
476KFM450M
7.0547
880
18x31.5
47
450 476KFM450MKAD 7.0547
730
16x35
47
450
476KFM450MTDG 7.0547
730
12.5x50
56
160
566KFM160MFDG 4.4407
740
8x50
56
160
566KFM160MTJG
4.4407
740
12.5x20
56
200 566KFM200MGDG 4.4407
670
10x50
56
200
566KFM200MTJD
4.4407
670
12.5x25
56
250
566KFM250MTAG 4.4407
750
12.5x30
56
400
566KFM400MKAG 5.9209
820
16x30
56
400
566KFM400MTDG 5.9209
820
12.5x50
56
450 566KFM450MKAD 5.9209
750
16x35
68
160
686KFM160MTJG
3.657
800
12.5x20
68
200
686KFM200M
3.657
760
12.5x25
68
200
686KFM200MQU
3.657
760
16x20
68
250
686KFM250M
3.657
920
16x25
68
250
686KFM250MRU
3.657
920
18x20
68
250 686KFM250MGDG
3.657
870
10x50
68
250
686KFM250MTAG
3.657
870
12.5x30
68
350
686KFM350MTDG 4.8761
880
12.5x50
68
350
686KFM350M
4.8761
850
16x31.5


Similar Part No. - 186KFM450MTJD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
186KFM450MTJD ILLINOISCAPACITOR-186KFM450MTJD Datasheet
133Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 186KFM450MTJD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Nichicon corporation
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
logo
FSP TECHNOLOGY INC.
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
FSP015-DZ24CE070 FSP-FSP015-DZ24CE070 Datasheet
84Kb / 1P
   High Efficiency & Long Life
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com