Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

228KBM050M Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 228KBM050M
Description  Long Life - High temperature ??RoHS Compliant
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

228KBM050M Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  228KBM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 228KBM050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBM
+105°C, High Frequency Low
Impedance/ESR,8000 to
10000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
0.47
50
474KBM050M
352.737
5.5
20
5x11
0.47
100
474KBM100M
282.333
6
15
5x11
1
50
105KBM050M
165.786
3
45
5x11
1
100
105KBM100M
132.696
4.5
20
5x11
2.2
50
225KBM050M
75.3575
2.5
60
5x11
2.2
100
225KBM100M
60.317
3
30
5x11
3.3
50
335KBM050M
50.2383
2.2
65
5x11
3.3
100
335KBM100M
40.211
2.7
40
5x11
4.7
50
475KBM050M
35.2737
1.9
100
5x11
4.7
100
475KBM100M
28.233
2.5
65
5x11
10
50
106KBM050M
16.5786
1.5
130
5x11
10
63
106KBM063M
14.9208
1.5
105
5x11
10
100
106KBM100M
13.2629
1.2
140
6.3x11
15
100
156KBM100MEBB 8.8419
1
140
6.3x11
22
50
226KBM050M
7.5357
0.7
200
5x11
22
63
226KBM063M
6.7822
0.96
200
6.3x11
22
100
226KBM100M
6.032
0.7
210
8x11.5
33
35
336KBM035M
6.032
0.58
210
5x11
33
50
336KBM050M
5.0238
0.6
280
6.3x11
33
63
336KBM063MEBB 4.5214
0.96
200
6.3x11
33
100
336KBM100M
4.021
0.5
240
10x12.5
47
25
476KBM025M
4.941
0.58
210
5x11
47
50
476KBM050M
3.5274
0.35
290
6.3x11
47
63
476KBM063M
3.1746
0.4
360
8x11.5
47
100
476KBM100MGU
2.823
0.34
400
10x12.5
68
63
686KBM063MFH
2.1942
0.3
420
8x11.5
68
100 686KBM100MGBW
1.95
0.3
460
10x16
100
10
107KBM010M
3.152
0.58
210
5x11
100
25
107KBM025M
2.322
0.22
350
6.3x11
100
35
107KBM035M
1.99
0.16
460
8x11.5
100
50
107KBM050MFH
1.6579
0.16
600
8x11.5
100
63
107KBM063MGU
1.4921
0.1
685
10x12.5
100
100
107KBM100M
1.327
0.18
820
12.5x20
220
10
227KBM010M
1.433
0.22
340
6.3x11
220
25
227KBM025M
1.056
0.13
640
8x11.5
220
35
227KBM035M
0.905
0.08
910
10x12.5
220
35
227KBM035MFBW
0.905
0.087
900
8x16
220
50
227KBM050M
0.7536
0.064
1050
10x16
220
63
227KBM063M
0.6782
0.08
1100
10x25
270
35
277KBM035MFJG
0.7368
0.069
1000
8x20
330
6.3
337KBM6R3M
1.106
0.21
340
6.3x11
330
16
337KBM016M
0.804
0.1
640
8x11.5
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Impedance
Ω +20°C,
100kHz
Maximum
RMS
Ripple
Current
(mA)
100 kHz,
+105°C
Dims DxL
(mm)
330
35
337KBM035M
0.603
0.06
1210
10x16
330
50
337KBM050MGJD 0.5024
0.055
1480
10x25
330
63
337KBM063M
0.4521
0.075
1100
12.5x20
330
100
337KBM100M
0.402
0.07
1300
16x25
470
10
477KBM010M
0.671
0.13
640
8x11.5
470
25
477KBM025M
0.494
0.06
1210
10x16
470
35
477KBM035M
0.423
0.046
1400
10x20
470
50
477KBM050M
0.3527
0.045
1670
12.5x20
470
63
477KBM063M
0.1492
0.065
1800
12.5x25
470
63
477KBM063MTAG 0.1492
0.06
360
12.5x30
680
63
687KBM063MKJD
0.219
0.05
2000
16x25
820
63
827KBM063MLJD
0.182
0.048
2200
18x25
1000
6.3 108KBM6R3MFBW
0.365
0.08
850
8x16
1000
6.3
108KBM6R3M
0.365
0.08
870
10x12.5
1000
10
108KBM010M
0.315
0.06
1210
10x16
1000
10
108KBM010MGJG
0.315
0.069
1050
8x20
1000
16
108KBM016M
0.265
0.046
1400
10x20
1000
25
108KBM025M
0.232
0.035
1900
12.5x20
1000
35
108KBM035M
0.199
0.027
2130
12.5x25
1000
50
108KBM050M
0.1658
0.025
2410
16x25
1000
63
108KBM063M
0.1492
0.04
2500
16x35
1200
63
128KBM063MLAG
0.152
0.03
2600
18x30
2200
6.3
228KBM6R3MGJD 0.1959
0.042
1650
10x25
2200
10
228KBM010M
0.173
0.035
1900
12.5x20
2200
16
228KBM016M
0.151
0.027
2230
12.5x25
2200
25
228KBM025M
0.136
0.025
2780
16x25
2200
35
228KBM035M
0.121
0.025
2610
16x30
2200
50
228KBM050M
0.1055
0.022
3180
18x35
3300
6.3
338KBM6R3M
0.1407
0.035
1900
12.5x20
3300
10
338KBM010M
0.126
0.03
2125
12.5x25
3300
16
338KBM016M
0.111
0.025
2420
16x25
3300
25
338KBM025M
0.101
0.02
2920
16x30
3300
35
338KBM035M
0.09
0.02
3200
18x35
4700
6.3
478KBM6R3MTJD 0.1058
0.03
2200
12.5x25
4700
10
478KBM010M
0.095
0.025
2400
16x25
4700
16
478KBM016M
0.085
0.02
2920
16x30
4700
25
478KBM025M
0.078
0.018
3520
18x35
6800
6.3
688KBM6R3M
0.073
0.025
2400
16x25
6800
10
688KBM010M
0.076
0.02
2920
16x30
6800
16
688KBM016M
0.068
0.018
3520
18x35
10000
6.3
109KBM6R3M
0.066
0.02
2920
16x30
10000
10
109KBM010M
0.061
0.018
3520
18x35


Similar Part No. - 228KBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
228KBM050M ILLINOISCAPACITOR-228KBM050M Datasheet
412Kb / 3P
   10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
228KBM050M ILLINOISCAPACITOR-228KBM050M Datasheet
280Kb / 2P
   Radial Lead Aluminum Electrolytic Capacitors
228KBM050M ILLINOISCAPACITOR-228KBM050M Datasheet
185Kb / 2P
   High Frequency Low Impedance/ESR,8000 to 10000 hours
228KBM050M ILLINOISCAPACITOR-228KBM050M Datasheet
109Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 228KBM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
GXX ILLINOISCAPACITOR-GXX Datasheet
230Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stablewith temperature ??High frequency ??Long life ??ROHS compliant
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Panasonic Semiconductor
EET-HC2C102HA PANASONIC-EET-HC2C102HA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Illinois Capacitor, Inc...
KFM ILLINOISCAPACITOR-KFM Datasheet
201Kb / 4P
   High temperature - High voltage ??Long Life (10k Hrs)
logo
Finisar Corporation.
FTL-1319-3D-2.5 FINISAR-FTL-1319-3D-2.5 Datasheet
187Kb / 9P
   RoHS Compliant Long-Wavelength GBIC Transceiver
FTL-1319-3D FINISAR-FTL-1319-3D Datasheet
181Kb / 9P
   RoHS Compliant Long-Wavelength GBIC Transceiver
logo
FSP TECHNOLOGY INC.
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com