Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA10-600BW Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTA10-600BW
Description  10A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA10-600BW Datasheet(HTML) 5 Page - STMicroelectronics

  BTA10-600BW Datasheet HTML 1Page - STMicroelectronics BTA10-600BW Datasheet HTML 2Page - STMicroelectronics BTA10-600BW Datasheet HTML 3Page - STMicroelectronics BTA10-600BW Datasheet HTML 4Page - STMicroelectronics BTA10-600BW Datasheet HTML 5Page - STMicroelectronics BTA10-600BW Datasheet HTML 6Page - STMicroelectronics BTA10-600BW Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BTA10 and BTB10 Series
5/7
Figure 10: Ordering Information Scheme
Table 7: Product Selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB10-xxxB
X
X
50 mA
Standard
TO-220AB
BTA/BTB10-xxxBW
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB10-xxxC
X
X
25 mA
Standard
TO-220AB
BTA/BTB10-xxxCW
X
X
35 mA
Snubberless
TO-220AB
BTB: non insulated TO-220AB package
BT A 10 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
10 = 10A
600 = 600V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA
RG = Tube
Snubberless


Similar Part No. - BTA10-600BW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10-600BW STMICROELECTRONICS-BTA10-600BW Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
BTA10-600BWRG STMICROELECTRONICS-BTA10-600BWRG Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
BTA10-600BWRG STMICROELECTRONICS-BTA10-600BWRG Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
More results

Similar Description - BTA10-600BW

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
BTA10 SIPOWER-BTA10 Datasheet
863Kb / 6P
   10A Triacs
logo
Unisonic Technologies
BTB10A UTC-BTB10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10A UTC-BTB10A_15 Datasheet
166Kb / 3P
   10A TRIACS
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
   10A TRIACS
BTA10A UTC-BTA10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10_15 Datasheet
163Kb / 3P
   10A TRIACS
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com