Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZV49C4V3 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # BZV49C4V3
Description  SOT89 SILICON PLANAR VOLTAGE REGULATOR DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

BZV49C4V3 Datasheet(HTML) 2 Page - Zetex Semiconductors

  BZV49C4V3 Datasheet HTML 1Page - Zetex Semiconductors BZV49C4V3 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZV49
SERIES
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
Type
Zener Voltage
V
Z at IZ=2mA
VOLTS
Differential
Resistance
r
Z at IZ=2mA
Temperature
Coefficient
S
Z at IZ=2mA
mV/°C
Reverse Current
I
R at VR
µA
V
BZV49:
Nom.
Min.
Max.
Max.
Min
Max
Max
Max
C30 30
28.0
32.0
80
24.4
29.4
0.05
21
C36 36
34.0
38.0
90
30.4
37.4
0.05
25
C39 39
37.0
41.0
130
33.4
41.2
0.05
27
C43 43
40.0
46.0
150
37.6
46.6
0.05
30
Type
Zener Voltage (V)
V
Z at IZ=1mA
Differential Resistance (
Ω)
r
Z at IZ=1mA
Partmarking
BZV49:
Min.
Max.
C3V9
3.0
600
W8
C4V3
3.3
600
W9
C4V7
3.7
500
Z1
C5V1
4.2
480
Z2
C5V6
4.8
400
Z3
C6V2
5.6
150
Z4
C6V8
6.3
80
Z5
C7V5
6.9
80
Z6
C8V2
7.6
80
Z7
C9V1
8.4
100
Z8
C10
9.3
150
Z9
C11
10.2
150
Y1
C15
13.7
200
Y4
C16
15.2
200
Y5
C22
20.7
250
Y8
C24
22.7
250
Y9
V
z at IZ=0.5mA
r
z at IZ=0.5mA
C30
27.8
300
X2
C36
33.8
350
36Y
C39
36.7
350
X5
C43
39.7
375
X6
4
3
1
2
SOT89
SOT89 SILICON PLANAR
VOLTAGE REGULATOR DIODES
ISSUE 4 - AUGUST 1996
7
ABSOLUTE MAXIMUM RATINGS (as per Electron Coding Sytem).
PARAMETER
SYMBOL
VALUE
UNIT
Voltage Range
V
Z
3.9 to 43
V
Nominal Tolerance
C
±5
%
Maximum Forward Current
I
F
250
mA
Power Dissipation at T
amb=25°C
P
tot
1W
Operating and Storage Temperature Range
T
j:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
Type
Zener Voltage
V
Z at IZ=5mA
VOLTS
Differential
Resistance
r
Z at IZ=5mA
Temperature
Coefficient
S
Z at IZ=5mA
mV/°C
Reverse Current
I
R at VR
µA
V
BZV49:
Nom.
Min.
Max.
Max.
Min
Max
Max
Max
C3V9 3.9
3.7
4.1
100
-3.5
0
3
1
C4V3 4.3
4.0
4.6
90
-3.5
0
3
1
C4V7 4.7
4.4
5.0
80
-3.5
0.2
3
2
C5V1 5.1
4.8
5.4
60
-2.7
1.2
2
2
C5V6 5.6
5.2
6.0
40
-2.0
2.5
1
2
C6V2 6.2
5.8
6.6
10
0.4
3.7
3
4
C6V8 6.8
6.4
7.2
15
1.2
4.5
2
4
C7V5 7.5
7.0
7.9
15
2.5
5.3
1
5
C8V2 8.2
7.7
8.7
15
3.2
6.2
0.7
5
C9V1 9.1
8.5
9.6
15
3.8
7.0
0.5
6
C10 10
9.4
10.6
20
4.5
8.0
0.2
7
C11 11
10.4
11.6
20
5.4
9.0
0.1
8
C15 15
13.8
15.6
30
9.2
13.0
0.05
10
C16 16
15.3
17.1
40
10.4
14.0
0.05
11
C22 22
20.8
23.3
55
16.4
20.0
0.05
15
C24 24
22.8
25.6
70
18.4
22.0
0.05
17
SELECTED RANGE SUPPLIED. OTHER VOLTAGES MAY BE OFFERED SUBJECT TO
AVAILABILITY.
BZV49
SERIES
Pin Configuration
1
3,4
2


Similar Part No. - BZV49C4V3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV49C39 PHILIPS-BZV49C39 Datasheet
65Kb / 10P
   Voltage regulator diodes
2005 Feb 03
BZV49C39 NXP-BZV49C39 Datasheet
199Kb / 10P
   Voltage regulator diodes
2005 Feb 03
BZV49C39 NXP-BZV49C39 Datasheet
199Kb / 10P
   Voltage regulator diodes
2005 Feb 03
More results

Similar Description - BZV49C4V3

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
BZX84C TEL-BZX84C Datasheet
50Kb / 3P
   SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
Zetex Semiconductors
BZX84 ZETEX-BZX84 Datasheet
36Kb / 3P
   SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
Diodes Incorporated
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
   SOT89 Silicon planar high voltage transistor
logo
Zetex Semiconductors
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
   SOT89 Silicon planar high voltage transistor
logo
Diodes Incorporated
FCX596 DIODES-FCX596 Datasheet
711Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE
logo
Zetex Semiconductors
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
   SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
List of Unclassifed Man...
BCX6925TA ETC2-BCX6925TA Datasheet
243Kb / 1P
   SOT89 PNP SILICON PLANAR
logo
Zetex Semiconductors
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
BST39TA DIODES-BST39TA Datasheet
32Kb / 1P
   SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com