Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

566KFM200MTJD Datasheet(PDF) 2 Page - Illinois Capacitor, Inc.

Part # 566KFM200MTJD
Description  High temperature - High voltage ??Long Life (10k Hrs)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

566KFM200MTJD Datasheet(HTML) 2 Page - Illinois Capacitor, Inc.

  566KFM200MTJD Datasheet HTML 1Page - Illinois Capacitor, Inc. 566KFM200MTJD Datasheet HTML 2Page - Illinois Capacitor, Inc. 566KFM200MTJD Datasheet HTML 3Page - Illinois Capacitor, Inc. 566KFM200MTJD Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KFM
+105°C, High Frequency Low
Impedance/ESR,8000 to
10000 hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
RMS Ripple
Current
(A)
100 kHz,
+105°C
Dims DxL
(mm)
1
450
105KFM450MEBB 331.573
50
6.3x11
1.5
400
155KFM400MEBB 221.048
75
6.3x11
1.5
450
155KFM450MFH
221.048
80
8x11.5
1.8
400
185KFM400MEBB 184.207
85
6.3x11
1.8
450
185KFM450MFH
184.207
85
8x11.5
2.2
350
225KFM350MEBB 150.715
70
6.3x11
2.2
400
225KFM400MFH
150.715
90
8x11.5
2.2
450 225KFM450MFBW 150.715
95
8x16
2.7
250
275KFM250MEBB
1.13
90
6.3x11
2.7
400
275KFM400MFH
122.805
95
8x11.5
2.7
450 275KFM450MFBW 122.805
100
8x16
3.3
400
335KFM400MFH
100.477
100
8x11.5
3.3
450 335KFM450MFBW 100.477
110
8x16
3.9
200
395KFM200MFH
63.764
105
8x11.5
3.9
400
395KFM400MFH
85.0187
105
8x11.5
3.9
450 395KFM450MFBW 85.0187
120
8x16
4.7
400 475KFM400MFBW 70.5474
115
8x16
4.7
400
475KFM400MFH
70.5474
110
8x11.5
4.7
450
475KFM450MFJG 70.5474
150
8x20
4.8
450 475KFM450MGBW 70.5474
150
10x16
5.6
250
565KFM250MFH
44.4071
150
8x11.5
5.6
400 565KFM400MFBW 59.2094
160
8x16
5.6
400
565KFM400MGU 59.2094
180
10x12.5
5.6
450
565KFM450MFJG 59.2094
180
8x20
5.6
450 565KFM450MGBW 59.2094
180
10x16
6.8
250
685KFM250MFH
36.5705
160
8x11.5
6.8
350
685KFM350MGU 48.7607
170
10x12.5
6.8
400
685KFM400MFJG 48.7607
180
8x30
6.8
400
685KFM400M
48.7607
220
10x16
6.8
450 685KFM450MGBW 48.7607
220
10x16
6.8
450
685KFM450M
48.7607
150
10x20
8.2
350 825KFM400MGBW 40.4357
252
10x16
8.2
400
825KFM450MGJG 40.4357
265
10x20
8.2
450
825KFM350MFJG 40.4357
240
8x20
10
200
106KFM200M
24.868
250
10x16
10
200
106KFM200MFBJ
24.868
175
8x12
10
200 106KFM250MFBW 24.868
250
8x16
10
250
106KFM250MGU
24.868
250
10x12.5
10
350 106KFM350MGBW 33.1573
250
10x16
10
400
106KFM400M
33.1573
288
10x20
10
450
106KFM450MGJD 33.1573
305
10x25
10
450
106KFM450M
33.1573
305
12.5x20
12
200 126KFM200MFBW 20.7233
190
8x16
15
160
156KFM160MGU 16.5786
290
10x12.5
15
200 156KFM200MFBW 16.5786
360
8x16
15
250
156KFM250MFJG 16.5786
380
8x20
15
250 156KFM250MGBW 16.5786
390
10x16
15
350
156KFM350MGJD 22.1049
340
10x25
15
350
156KFM350MTBD 22.1049
340
12.5x15
15
450
156KFM450MFDG 22.1049
400
8x50
15
450
156KFM450MTJG 22.1049
400
12.5x20
18
160 186KFM160MFBW 13.8155
310
8x16
18
250 186KFM250MGBW 13.8155
410
10x16
18
350
186KFM350MGJD 18.4207
430
10x25
18
400
186KFM400MTJG 18.4207
470
12.5x20
18
450
186KFM450MTJD 18.4207
470
12.5x25
22
160
226KFM160MFJG
11.304
390
8x20
22
200 226KFM200MGBW 11.304
390
10x16


Similar Part No. - 566KFM200MTJD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
566KFM200MTJD ILLINOISCAPACITOR-566KFM200MTJD Datasheet
134Kb / 1P
   Radial Lead High Frequency / Low Impedance
More results

Similar Description - 566KFM200MTJD

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
TXK ILLINOISCAPACITOR-TXK Datasheet
221Kb / 2P
   High Temperature - High Voltage ??Long Life
FSL ILLINOISCAPACITOR-FSL Datasheet
229Kb / 2P
   High reliability - High voltage ??Long life
logo
Dubilier
CEAJ10016TR DUBILIER-CEAJ10016TR Datasheet
160Kb / 2P
   AXIAL LONG LIFE HIGH TEMPERATURE CEAJ
logo
Illinois Capacitor, Inc...
KBM ILLINOISCAPACITOR-KBM Datasheet
179Kb / 2P
   Long Life - High temperature ??RoHS Compliant
logo
RUBYCON CORPORATION
JGV RUBYCON-JGV Datasheet
61Kb / 2P
   105oC Long Life, High Temperature Reflow Soldering.
logo
Nichicon corporation
PCX NICHICON-PCX Datasheet
1Mb / 2P
   Chip Type, High Voltage / Long Life
PCV NICHICON-PCV Datasheet
1Mb / 3P
   Chip Type, High Voltage / Long Life
logo
FSP TECHNOLOGY INC.
FSP18-ZZAP035M FSP-FSP18-ZZAP035M Datasheet
94Kb / 1P
   High Efficiency & Long Life
FSP030-1FZ1FS FSP-FSP030-1FZ1FS Datasheet
118Kb / 1P
   High Efficiency & Long Life
FSP015-DZ24CE070 FSP-FSP015-DZ24CE070 Datasheet
84Kb / 1P
   High Efficiency & Long Life
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com