Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C921 Datasheet(PDF) 6 Page - PerkinElmer Optoelectronics

Part # C921
Description  CHANNEL PHOTO MULTIPLIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C921 Datasheet(HTML) 6 Page - PerkinElmer Optoelectronics

Back Button C921 Datasheet HTML 2Page - PerkinElmer Optoelectronics C921 Datasheet HTML 3Page - PerkinElmer Optoelectronics C921 Datasheet HTML 4Page - PerkinElmer Optoelectronics C921 Datasheet HTML 5Page - PerkinElmer Optoelectronics C921 Datasheet HTML 6Page - PerkinElmer Optoelectronics C921 Datasheet HTML 7Page - PerkinElmer Optoelectronics C921 Datasheet HTML 8Page - PerkinElmer Optoelectronics C921 Datasheet HTML 9Page - PerkinElmer Optoelectronics C921 Datasheet HTML 10Page - PerkinElmer Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CPM C900 Series
1/3” CPM Channel Photomultipliers
Spectral response
0.1
1
10
10 0
10 0
200
300
400
50 0
600
70 0
800
900
Wavelength (nm )
C 9 11
C 942
C 962
C 921
C 9 52
C 9 72
C 943
C 9 73
C 983
C 982
C 922
C 944
CPM C900 Performance Specifications
Current Amplification
1,E+02
1,E+03
1,E+04
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1000
1500
2000
2500
3000
Bias Voltage (V)
Dark Current
1,E-12
1,E-11
1,E-10
1,E-09
1,E-08
1,E-07
1,E-06
1,E-05
1000
1500
2000
2500
3000
Bias voltage (V)
C 972
C 942
C 911
C 922
C 962
C 952
C 982
Equivalent Noise Input
1E-18
1E-17
1E-16
1E-15
1E-14
100
200
300
400
500
600
700
800
900
Wavelength (nm)
C 911 C 922
C 942
C 952
C 962
C 972
C 982
Magnetic Field Effects
0
20
40
60
80
100
120
-400
-300
-200
-100
0
100
200
300
400
Magnetic field (Gauss)
CPM -axial magn field
CPM -transverse magn field
CAUTION: High Voltage Warning!
This product is operated at high voltage. Extreme care must be taken to ensure operator safety and to avoid
damage to other instruments. Avoid direct contact with the photomultiplier when high voltage is applied. Avoid
placing conductive material close to the cathode.
All given values are nominal/typical @ 20 °C ambient temperature; specifications subject to change without
notice.


Similar Part No. - C921

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9210A GENERAL-C9210A Datasheet
69Kb / 1P
   3C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9211A GENERAL-C9211A Datasheet
69Kb / 1P
   4C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9212A GENERAL-C9212A Datasheet
70Kb / 1P
   6C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9213A GENERAL-C9213A Datasheet
70Kb / 1P
   8C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9214A GENERAL-C9214A Datasheet
70Kb / 1P
   10C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
More results

Similar Description - C921

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-S4N44C013 BOARDCOM-AFBR-S4N44C013 Datasheet
691Kb / 7P
   4x4 NUV-HD Silicon Photo Multiplier Array
logo
Gennum Corporation
GT4123B GENNUM-GT4123B Datasheet
57Kb / 5P
   GT4123B Two Channel Video Multiplier
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
AD539 AD-AD539_15 Datasheet
570Kb / 21P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
AD539 AD-AD539 Datasheet
637Kb / 8P
   Wideband Dual-Channel Linear Multiplier/Divider
REV. A
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Sipex Corporation
SP8042PB SIPEX-SP8042PB Datasheet
64Kb / 4P
   7 Channel Photo Detector IC
SP8053 SIPEX-SP8053 Datasheet
91Kb / 3P
   10 - Channel Photo Detector IC
SP8043 SIPEX-SP8043 Datasheet
185Kb / 5P
   10 Channel Photo Detector IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com