Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD3-0315S20A6 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RD3-0315S20A6
Description  DC/DC-Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD3-0315S20A6 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RD3-0315S20A6 Datasheet HTML 1Page - RSG Electronic Components GmbH RD3-0315S20A6 Datasheet HTML 2Page - RSG Electronic Components GmbH RD3-0315S20A6 Datasheet HTML 3Page - RSG Electronic Components GmbH RD3-0315S20A6 Datasheet HTML 4Page - RSG Electronic Components GmbH RD3-0315S20A6 Datasheet HTML 5Page - RSG Electronic Components GmbH RD3-0315S20A6 Datasheet HTML 6Page - RSG Electronic Components GmbH RD3-0315S20A6 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page4(7)
MODEL NUMBER
INPUT
INPUT Current
OUTPUT
OUTPUT Current
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RS3-0303S20AX
3.3
26
797
3.3
400
76
470
RS3-0305S20AX
3.3
30
797
5
400
76
470
RS3-0307S20AX
3.3
30
808
7.2
277.7
75
470
RS3-0309S20AX
3.3
30
758
9
222.2
80
470
RS3-0312S20AX
3.3
35
748
12
166.7
81
470
RS3-0315S20AX
3.3
40
777
15
133.3
78
470
RS3-0318S20AX
3.3
35
787
18
111.1
77
470
RS3-0324S20AX
3.3
35
767
24
83.3
79
470
RS3-0503S20AX
5
30
367
3.3
400
72
470
RS3-0505S20AX
5
30
512
5
400
78
470
RS3-0507S20AX
5
30
500
7.2
277.7
80
470
RS3-0509S20AX
5
30
500
9
222.2
80
470
RS3-0512S20AX
5
30
487
12
166.7
82
470
RS3-0515S20AX
5
30
487
15
133.3
82
470
RS3-0518S20AX
5
30
487
18
111.1
82
470
RS3-0524S20AX
5
30
487
24
83.3
82
470
RS3-1203S20AX
12
36
169
3.3
400
65
470
RS3-1205S20AX
12
20
216
5
400
77
470
RS3-1207S20AX
12
20
208
7.2
277.7
80
470
RS3-1209S20AX
12
20
208
9
222.2
80
470
RS3-1212S20AX
12
20
203
12
166.7
82
470
RS3-1215S20AX
12
20
203
15
133.3
82
470
RS3-1218S20AX
12
20
208
18
111.1
80
470
RS3-1224S20AX
12
20
208
24
83.3
80
470
RS3-2403S20AX
24
10
76
3.3
400
72
470
RS3-2405S20AX
24
10
105
5
400
79
470
RS3-2407S20AX
24
10
104
7.2
277.7
80
470
RS3-2409S20AX
24
10
104
9
222.2
80
470
RS3-2412S20AX
24
10
102
12
166.7
80
470
RS3-2415S20AX
24
10
101
15
133.3
82
470
RS3-2418S20AX
24
10
101
18
111.1
82
470
RS3-2424S20AX
24
10
104
24
83.3
80
470
RS3-4803S20AX
48
6
45
3.3
400
60
470
RS3-4805S20AX
48
6
54
5
400
77
470
RS3-4807S20AX
48
6
54
7.2
277.7
77
470
RS3-4809S20AX
48
6
54
9
222.2
77
470
RS3-4812S20AX
48
6
53
12
166.7
78
470
RS3-4815S20AX
48
6
53
15
133.3
78
470
RS3-4818S20AX
48
6
53
18
111.1
78
470
RS3-4824S20AX
48
6
55
24
83.3
75
470
RD3-0303S20AX
3.3
26
808
3.3
400
75
470
RD3-0305S20AX
3.3
40
819
5
400
74
470
RD3-0307S20AX
3.3
40
808
7.2
277.7
75
470
RD3-0309S20AX
3.3
45
808
9
222.2
75
470
RD3-0312S20AX
3.3
50
767
12
166.7
79
470
RD3-0315S20AX
3.3
47
767
15
133.3
79
470
RD3-0318S20AX
3.3
50
787
18
111.1
77
470
RD3-0324S20AX
3.3
47
797
24
83.3
76
470
Suffix “3” means 3 KVdc isolation
Suffix “5” means 5.2 KVdc isolation
Suffix “6” means 6 KVdc isolation
DC/DC-Converter
2.0W unregulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RD3-0315S20A6

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD3-0503E20A1 RSG-RD3-0503E20A1 Datasheet
626Kb / 4P
   DC/DC-Converter
RD3-0503E20A3 RSG-RD3-0503E20A3 Datasheet
626Kb / 4P
   DC/DC-Converter
RD3-0503T20A1 RSG-RD3-0503T20A1 Datasheet
626Kb / 4P
   DC/DC-Converter
RD3-0503T20A3 RSG-RD3-0503T20A3 Datasheet
626Kb / 4P
   DC/DC-Converter
RD3-0507E20A1 RSG-RD3-0507E20A1 Datasheet
626Kb / 4P
   DC/DC-Converter
More results

Similar Description - RD3-0315S20A6

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com