Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

224PGM050M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 224PGM050M
Description  Small size ??7mm Height
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

224PGM050M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  224PGM050M Datasheet HTML 1Page - Illinois Capacitor, Inc. 224PGM050M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size 7mm Height
APPLICATIONS
Bypass Coupling Filtering De-coupling
Operating Temperature
Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
Tan δ
.22
.2
.16
.14
.12
.1
Leakage current
2 Minutes
.01CV or 3uA,Whichever is greater
Low temperature
stability
Impedance ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
-25°C to +20°C
4
3
2
2
2
2
-40°C to +20°C
8
6
4
4
3
3
Load Life
1000 hours at 105°C with rated WVDC applied
Capacitance change
<25% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
<25% initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
Capacitance
(uF)
50
120
400
1k
10k
0.1~68
.8
1.0
1
1.5
1.5
100~470
.8
1.0
1
1.15
1.2
D
5
6.3
8
S
2.0
2.5
3.5
d
0.5
0.5
0.6
L1=L+1.5mm Max. mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 224PGM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
224PGM050M ILLINOISCAPACITOR-224PGM050M Datasheet
414Kb / 2P
   105째C 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
224PGM050M ILLINOISCAPACITOR-224PGM050M Datasheet
184Kb / 2P
   105C, 7mm Height Low Profile Radial Lead Aluminum Electrolytic Capacitors
224PGM050M ILLINOISCAPACITOR-224PGM050M Datasheet
214Kb / 2P
   7mm Height, General Purpose, 1000 hours
More results

Similar Description - 224PGM050M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A1CKG100 PANASONIC-ECE-A1CKG100 Datasheet
607Kb / 3P
   7mm height miniature size/105
logo
RUBYCON CORPORATION
25MS747MEFC6.3X7 RUBYCON-25MS747MEFC6.3X7 Datasheet
235Kb / 2P
   85??7mm Height.
16MS747MEFC5X7 RUBYCON-16MS747MEFC5X7 Datasheet
235Kb / 2P
   85??7mm Height.
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
List of Unclassifed Man...
HR10A-7P-5P ETC2-HR10A-7P-5P Datasheet
1Mb / 23P
   HR10 SEIREIS SHELL SIZE 7mm PUSH-PULL CONNECTORS
logo
Hirose Electric
HR10A-7P-4PA HIROSE-HR10A-7P-4PA Datasheet
923Kb / 22P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
logo
List of Unclassifed Man...
HR10-7P-6P ETC2-HR10-7P-6P Datasheet
1Mb / 23P
   HR10 SERIES SHELL SIZE 7mm PUSH-PULL CONNECTORS
logo
Murata Manufacturing Co...
BLM15HB121SZ1 MURATA1-BLM15HB121SZ1_V01 Datasheet
241Kb / 3P
   Small size: 1.0x0.5mm
Last updated06/30/2022
DLW21SH391XQ2 MURATA1-DLW21SH391XQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
logo
Skyworks Solutions Inc.
AAT1184 SKYWORKS-AAT1184 Datasheet
3Mb / 18P
   Small Solution Size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com