Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

335MHBA01K2J Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 335MHBA01K2J
Description  Small size - High voltage ??High Capacitance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

335MHBA01K2J Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  335MHBA01K2J Datasheet HTML 1Page - Illinois Capacitor, Inc. 335MHBA01K2J Datasheet HTML 2Page - Illinois Capacitor, Inc. 335MHBA01K2J Datasheet HTML 3Page - Illinois Capacitor, Inc. 335MHBA01K2J Datasheet HTML 4Page - Illinois Capacitor, Inc. 335MHBA01K2J Datasheet HTML 5Page - Illinois Capacitor, Inc. 335MHBA01K2J Datasheet HTML 6Page - Illinois Capacitor, Inc. 335MHBA01K2J Datasheet HTML 7Page - Illinois Capacitor, Inc. 335MHBA01K2J Datasheet HTML 8Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MHBA
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) **,
+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+15°C
+10°C
+5°C
17.5
500
176MHBA03K2J
47.5
14
0
0
5
41.5x44x24
37.5
1.2
0
2
17.5
500
176MHBA03K4J
47.5
19
0
0
4.4
41.5x44x24
37.5
1.2
10.2
4
20
370
206MHBA04K4J
37.5
17
0
0
4.4
41.5x40x20
37.5
1.2
10.2
4
20
370
206MHBA04K2J
37.5
14
0
0
5
41.5x40x20
37.5
1.2
0
2
20
600
206MHBA02K##
40
23
0
0
4
57.5x45x30
0
0
0
lugs
20
600
206MHBA02K2R
40
14
0
0
4.7
57.5x45x30
52.5
1.2
0
2
20
600
206MHBA02K2R
40
21
0
0
4.1
57.5x45x30
52.5
1.2
20.3
4
20
700
206MHBA06K4R
50
23
0
0
4.1
57.5x50x35
52.5
1.2
20.3
4
20
700
206MHBA06K2R
50
14
0
0
4.7
57.5x50x35
52.5
1.2
0
2
20
700
206MHBA06K##
50
25
0
0
4
57.5x50x35
0
0
0
lugs
20
800
206MHBA01K##
55
26
0
0
3.7
57.5x57.5x38
0
0
0
lugs
20
800
206MHBA01K4R
55
24
0
0
3.8
57.5x57.5x38
52.5
1.2
20.3
4
20
800
206MHBA01K6R
55
25
0
0
3.7
57.5x57.5x38
52.5
1.2
10.2
4
22
370
226MHBA04K4J
37.5
17.5
0
0
4.1
42.5x37x28
37.5
1.2
10.2
4
22
370
226MHBA04K##
37.5
19.5
0
0
4
42.5x37x28
0
0
0
lugs
22
370
226MHBA04K2J
37.5
14
0
0
4.7
42.5x37x28
37.5
1.2
0
2
22
500
226MHBA03K2J
47.5
14
0
0
4.5
42.5x45x30
37.5
1.2
0
2
22
500
226MHBA03K##
47.5
21.5
0
0
3.8
42.5x45x30
0
0
0
lugs
22
500
226MHBA03K4J
47.5
19.5
0
0
3.9
42.5x45x30
37.5
1.2
20.3
4
25
370
256MHBA04K2J
37.5
14
0
0
4.3
41.5x44x24
37.5
1.2
0
2
25
370
256MHBA04K4J
37.5
20.5
0
0
3.7
41.5x44x24
37.5
1.2
10.2
4
25
500
256MHBA03K4R
32.5
20
0
0
4.4
57.5x45x30
52.5
1.2
20.3
4
25
500
256MHBA03K2R
32.5
14
0
0
5
57.5x45x30
52.5
1.2
0
2
25
500
256MHBA03K##
32.5
22
0
0
4.3
57.5x45x30
0
0
0
lugs
25
600
256MHBA02K##
40
27
0
0
3.5
57.5x50x35
0
0
0
lugs
25
600
256MHBA02K2R
40
14
0
0
4.2
57.5x50x35
52.5
1.2
0
2
25
600
256MHBA02K4R
40
24.5
0
0
3.6
57.5x50x35
52.5
1.2
20.3
4
25
700
256MHBA06K4R
50
25
0
0
3.6
57.5x57.5x38
52.5
1.2
20.3
4
25
700
256MHBA06K6R
50
26
0
0
3.5
57.5x57.5x38
52.5
1.2
10.2
4
25
700
256MHBA06K##
50
27
0
0
3.5
57.5x57.5x38
0
0
0
lugs
30
500
306MHBA03K##
32.5
24
0
0
3.8
57.5x45x30
0
0
0
lugs
30
500
306MHBA03K2R
32.5
14
0
0
4.5
57.5x45x30
52.5
1.2
0
2
30
500
306MHBA03K4R
32.5
22
0
0
3.9
57.5x45x30
52.5
1.2
20.3
4
33
370
336MHBA04K4J
37.5
22
0
0
3.4
42.5x45x30
37.5
1.2
20.3
4
33
370
336MHBA04K##
37.5
24
0
0
3.3
42.5x45x30
0
0
0
lugs
33
370
336MHBA04K2J
37.5
14
0
0
4
42.5x45x30
37.5
1.2
0
2
33
600
336MHBA02K##
40
29
0
0
3
57.5x57.5x38
0
0
0
lugs
33
600
336MHBA02K4R
40
26.5
0
0
3.1
57.5x57.5x38
52.5
1.2
20.3
4
33
600
336MHBA02K6R
40
27.5
0
0
3
57.5x57.5x38
52.5
1.2
10.2
4
40
370
406MHBA04K2R
25
14
0
0
4.5
57.5x45x30
52.5
1.2
0
2
40
370
406MHBA04K##
25
24
0
0
3.8
57.5x45x30
0
0
0
lugs
40
370
406MHBA04K4R
25
22
0
0
3.9
57.5x45x30
52.5
1.2
20.3
4
40
500
406MHBA03K##
32.5
28
0
0
3.2
57.5x50x35
0
0
0
lugs
40
500
406MHBA03K2R
32.5
14
0
0
3.9
57.5x50x35
52.5
1.2
0
2
40
500
406MHBA03K4R
32.5
25
0
0
3.3
57.5x50x35
52.5
1.2
20.3
4
47
500
476MHBA03K4R
32.5
26.5
0
0
3.1
57.5x57.5x38
52.5
1.2
20.3
4
47
500
476MHBA03K##
32.5
29
0
0
3
57.5x57.5x38
0
0
0
lugs
50
370
506MHBA04K##
25
27.5
0
0
3.2
57.5x50x35
0
0
0
lugs
50
370
506MHBA04K2R
25
14
0
0
3.9
57.5x50x35
52.5
1.2
0
2
50
370
506MHBA04K4R
25
25
0
0
3.3
57.5x50x35
52.5
1.2
20.3
4
55
500
556MHBA03K4R
32.5
27
0
0
2.9
57.5x57.5x38
52.5
1.2
20.3
4
55
500
556MHBA03K6R
32.5
28.5
0
0
2.8
57.5x57.5x38
52.5
1.2
10.2
4
55
500
556MHBA03K##
32.5
30
0
0
2.8
57.5x57.5x38
0
0
0
lugs
60
370
606MHBA04K##
25
29
0
0
2.9
57.5x50x35
0
0
0
lugs
60
370
606MHBA04K2R
25
14
0
0
3.6
57.5x50x35
52.5
1.2
0
2
60
370
606MHBA04K4R
25
26
0
0
3
57.5x50x35
52.5
1.2
20.3
4
68
370
686MHBA04K4R
25
27
0
0
2.8
57.5x57.5x38
52.5
1.2
20.3
4
68
370
686MHBA04K6R
25
28.5
0
0
2.7
57.5x57.5x38
52.5
1.2
10.2
4


Similar Part No. - 335MHBA01K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
335MHBA01K2J ILLINOISCAPACITOR-335MHBA01K2J Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
More results

Similar Description - 335MHBA01K2J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com