Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

335MHBS70K2H Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 335MHBS70K2H
Description  Small size - High voltage ??High Capacitance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

335MHBS70K2H Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

Back Button 335MHBS70K2H Datasheet HTML 3Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 4Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 5Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 6Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 7Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 8Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 9Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 10Page - Illinois Capacitor, Inc. 335MHBS70K2H Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MHBS
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) **,
+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+15°C
+10°C
+5°C
4.7
1275
475MHBS70K4J
41
11.5
9
6.5
7.3
42.5x33.5x22
37.5
1.2
5.1
4
4.7
1275
475MHBS70K2J
41
10.5
8.5
6
7.9
42.5x33.5x22
37.5
1.2
2
4.7
1275 475MHBS70KJ##
41
12.5
10
7.5
7.1
42.5x33.5x22
lugs
5
575
505MHBS35K2H
27
6
4.5
3.5
11
32x22x13
27.5
1
2
5
700
505MHBS40K2H
31
7
5.5
4
9.7
32x24.5x15
27.5
1.2
2
5
800
505MHBS45K2J
24
7.5
6
4
10.3
42.5x25x14
37.5
1.2
2
5
800
505MHBS45K2H
36
7.5
6
4
10.5
32x28x14
27.5
1.2
2
5
1000 505MHBS55KJ##
31
10.5
8.5
6
8.5
42.5x28x17
lugs
5
1000
505MHBS55K2H
47
10
7.5
5.5
8
32x33x18
27.5
1.2
2
5
1000
505MHBS55K2J
31
9.5
7.5
5.5
9.3
42.5x28x17
37.5
1.2
2
5
1000
505MHBS55K4H
47
11
9
6.5
7.4
32x33x18
27.5
1.2
10.2
4
5
1100
505MHBS60K4H
50
13
10.5
7.5
6.6
32x37x22
27.5
1.2
10.2
4
5
1100 505MHBS60KJ##
34
12
9
6.5
7.3
42.5x30x22
lugs
5
1100
505MHBS60K2J
34
10.5
8
5.5
8.1
42.5x30x22
37.5
1.2
2
5
1100
505MHBS60K2H
50
12
9.5
7
7.2
32x37x22
27.5
1.2
2
5
1275
505MHBS70K2J
41
10.5
8.5
6.5
7.7
42.5x33.5x22
37.5
1.2
2
5
1275 505MHBS70KJ##
41
12.5
10
7.5
6.9
42.5x33.5x22
lugs
5
1275
505MHBS70K4J
41
11.5
9
6.5
7.1
42.5x33.5x22
37.5
1.2
5.1
4
6
900
605MHBS50K2J
42.5
9
7
5
9.2
42.5x18x17
37.5
1.2
4
6
900
605MHBS50KJ##
28
10.5
8.5
6
8.4
42.5x28x17
lugs
6
900
605MHBS50K2H
41.5
9.5
7.5
5.5
7.6
32x33x18
27.5
1.2
2
6
900
605MHBS50K4H
41.5
10.5
8.5
6
7
32x33x18
27.5
1.2
5.1
2
6.8
575
685MHBS35K2H
27
7
5.5
4
9.4
32x24.5x15
27.5
1
2
6.8
800
685MHBS45K2H
36
9.5
7.5
5.5
7.6
32x33x18
27.5
1.2
2
6.8
1000
685MHBS55K2H
47
12
10
7.5
6.9
32x37x22
27.5
1.2
2
6.8
1000
685MHBS55K2J
31
10
8
6
7.9
42.5x30x22
37.5
1.2
2
6.8
1000 685MHBS55KJ##
31
11.5
9
7
7.1
42.5x30x22
lugs
6.8
1000
685MHBS55K4H
47
13.5
11
8
6.3
32x37x22
27.5
1.2
10.2
4
6.8
1100 685MHBS60KJ##
34
13
10.5
7.5
6.1
42.5x33.5x22
lugs
6.8
1100
685MHBS60K2J
34
11
9
6.5
6.9
42.5x33.5x22
37.5
1.2
2
6.8
1100
685MHBS60K4J
34
12
9.5
7
6.3
42.5x33.5x22
37.5
1.2
5.1
4
6.8
1275
685MHBS70K4JA
41
14.5
11.5
8.5
5.9
41.5x44x24
37.5
1.2
10.2
4
6.8
1275
685MHBS70K2JA
41
13.5
11
8
6.5
41.5x44x24
37.5
1.2
2
6.8
1275 685MHBS70KJA##
41
16
12.5
9.5
5.7
41.5x44x24
lugs
7.5
575
755MHBS35K2H
27
8
6.5
4.5
8.6
32x28x14
27.5
1.2
2
7.5
700
755MHBS40K2J
21
7.5
6
4.5
9.2
42.5x25x14
37.5
1.2
2
7.5
800
755MHBS45K2H
36
10.5
8.5
6
7.1
32x33x18
27.5
1.2
2
7.5
800
755MHBS45K2J
24
9
7
5
8.3
42.5x28x17
37.5
1.2
2
7.5
800
755MHBS45K4H
36
11.5
9
6.5
6.5
32x33x18
27.5
1.2
5.1
4
7.5
800
755MHBS45KJ##
24
10.5
8.5
6
7.5
42.5x28x17
lugs
7.5
900
755MHBS50KH##
28
12
9.5
7
7.2
42.5x30x22
lugs
7.5
900
755MHBS50K2J
28
10
8
5.5
8
42.5x30x22
37.5
1.2
2
7.5
900
755MHBS50K4H
41.5
13.5
10.5
8
6.3
32x37x22
27.5
1.2
10.2
4
7.5
900
755MHBS50K2H
41.5
12.5
9.5
7
6.9
32x37x22
27.5
1.2
2
7.5
1000
755MHBS55K4J
31
12
9.5
7
6.8
42.5x33.5x22
37.5
1.2
5.1
4
7.5
1000
755MHBS55K2J
31
11
8.5
6.5
7.4
42.5x33.5x22
37.5
1.2
2
7.5
1000 755MHBS55KJ##
31
13
10.5
7.5
6.6
42.5x33.5x22
lugs
7.5
1100 755MHBS60KJA##
34
14
11.5
8.5
5.8
41.5x40x20
lugs
7.5
1100
755MHBS70K2J
41
14
11.5
8.5
6.1
42.5x37x28
37.5
1.2
2
7.5
1100 755MHBS70KJ##
41
17.5
13.5
10
5.3
42.5x37x28
lugs
7.5
1100
755MHBS60K2J
34
11.5
9.5
6.5
6.6
42.5x33.5x22
37.5
1.2
2
7.5
1100
755MHBS60K4J
34
12.5
10.5
7.5
6
42.5x33.5x22
37.5
1.2
10.2
4
7.5
1100
755MHBS70K4J
41
16
12.5
9
5.5
42.5x37x28
37.5
1.2
10.2
4
7.5
1275
755MHBS70K4JA
41
16
12.5
9
5.5
41.5x44x24
37.5
1.2
10.2
4
7.5
1275
755MHBS70K2JA
41
14
11.5
8.5
6.1
41.5x44x24
37.5
1.2
2
7.5
1275 755MHBS70KJA##
41
17.5
13.5
10
5.3
41.5x44x24
lugs
9
1000 905MHBS55KJA##
31
15.5
12
8.5
5.8
41.5x40x20
lugs
9
1000
905MHBS55K2JA
31
13
10
7.5
6.6
41.5x40x20
37.5
1.2
2


Similar Part No. - 335MHBS70K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
335MHBS70K2H ILLINOISCAPACITOR-335MHBS70K2H Datasheet
1Mb / 11P
   Boxed Metallized Polypropylene Film
More results

Similar Description - 335MHBS70K2H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com