Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

397LBB250M2BE Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 397LBB250M2BE
Description  Multiple Case Sizes - High Voltage ??High Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397LBB250M2BE Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  397LBB250M2BE Datasheet HTML 1Page - Illinois Capacitor, Inc. 397LBB250M2BE Datasheet HTML 2Page - Illinois Capacitor, Inc. 397LBB250M2BE Datasheet HTML 3Page - Illinois Capacitor, Inc. 397LBB250M2BE Datasheet HTML 4Page - Illinois Capacitor, Inc. 397LBB250M2BE Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LBB
+85°C, Extended Life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
10000
50
109LBB050M2CH
33.16
3.7
25x50
10000
63
109LBB063M2DG
24.87
3.72
30x45
10000
63
109LBB063M2EF
24.87
5.47
35x40
15000
16
159LBB016M2DC
55.26
3.66
30x25
15000
16
159LBB016M2CD
55.26
3.46
25x30
15000
16
159LBB016M2BE
55.26
3.29
22x35
15000
25
159LBB025M2DD
33.16
4
30x30
15000
25
159LBB025M2BG
33.16
3.7
22x45
15000
25
159LBB025M2EC
33.16
3.95
35x25
15000
25
159LBB025M2CE
33.16
3.45
25x35
15000
35
159LBB035M2DE
27.63
3.67
30x35
15000
35
159LBB035M2ED
27.63
3.98
35x30
15000
35
159LBB035M2CH
27.63
4.54
25x50
15000
50
159LBB050M2EF
22.1
4.83
35x40
15000
50
159LBB050M2DH
22.1
4.61
30x50
15000
63
159LBB063M2EH
16.58
5.3
35x50
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+85°C
Dims DxL
(mm)
22000
16
229LBB016M2CF
37.68
4.26
25x40
22000
16
229LBB016M2DD
37.68
4.21
30x30
22000
16
229LBB016M2EC
37.68
4.15
35x25
22000
16
229LBB016M2BH
37.68
4.37
22x50
22000
25
229LBB025M2DE
22.61
4.52
30x35
22000
25
229LBB025M2CG
22.61
4.48
25x45
22000
25
229LBB025M2ED
22.61
4.61
35x30
22000
35
229LBB035M2DG
18.84
4.94
30x45
22000
35
229LBB035M2EF
18.84
5.41
35x40
33000
16
339LBB016M2DF
25.12
5.36
30x40
33000
16
339LBB016M2ED
25.12
5.15
35x30
33000
25
339LBB025M2DH
15.07
6.15
30x50
33000
25
339LBB025M2EF
15.07
6.33
35x40
33000
35
339LBB035M2EH
12.56
7.27
35x50
47000
16
479LBB016M2EF
17.64
6.76
35x40
47000
16
479LBB016M2DH
17.64
6.79
30x50


Similar Part No. - 397LBB250M2BE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397LBB250M2BE ILLINOISCAPACITOR-397LBB250M2BE Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
397LBB250M2BE ILLINOISCAPACITOR-397LBB250M2BE Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
397LBB250M2BE ILLINOISCAPACITOR-397LBB250M2BE Datasheet
348Kb / 5P
   Extended Life, 3000 hours
397LBB250M2BE ILLINOISCAPACITOR-397LBB250M2BE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
397LBB250M2BE ILLINOISCAPACITOR-397LBB250M2BE Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 397LBB250M2BE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
477LBA200M2BF ILLINOISCAPACITOR-477LBA200M2BF Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com