Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

187LMB400M2BG Datasheet(PDF) 7 Page - Illinois Capacitor, Inc.

Part # 187LMB400M2BG
Description  Multiple Case Sizes - High Voltage ??High Current
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

187LMB400M2BG Datasheet(HTML) 7 Page - Illinois Capacitor, Inc.

  187LMB400M2BG Datasheet HTML 1Page - Illinois Capacitor, Inc. 187LMB400M2BG Datasheet HTML 2Page - Illinois Capacitor, Inc. 187LMB400M2BG Datasheet HTML 3Page - Illinois Capacitor, Inc. 187LMB400M2BG Datasheet HTML 4Page - Illinois Capacitor, Inc. 187LMB400M2BG Datasheet HTML 5Page - Illinois Capacitor, Inc. 187LMB400M2BG Datasheet HTML 6Page - Illinois Capacitor, Inc. 187LMB400M2BG Datasheet HTML 7Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LMB
+105°C, Extended life, 3000
hours
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
22000
10
229LMB010M2CE 41.4466
2.6
25x35
22000
10
229LMB010M2DC 41.4466
2.6
30x25
22000
16
229LMB016M2CG 37.6787
3.8
25x45
22000
16
229LMB016M2DD 37.6787
3.8
30x30
22000
16
229LMB016M2DE 37.6787
3.35
30x35
22000
16
229LMB016M2ED 37.6787
3.2
35x30
22000
25
229LMB025M2DG 33.9109
2.44
30x45
22000
25
229LMB025M2EE 33.9109
3.95
35x35
22000
35
229LMB035M2EG 30.143
5.24
35x45
27000
10
279LMB010M2BH 33.7713
3.19
22x50
27000
10
279LMB010M2CF 33.7713
3.1
25x40
27000
10
279LMB010M2DD 33.7713
3.1
30x30
27000
16
279LMB016M2CH 30.7012
4.2
25x50
27000
16
279LMB016M2DE 30.7012
4.2
30x35
27000
16
279LMB016M2ED 30.7012
4.2
35x30
27000
25
279LMB025M2EE 27.6311
4.8
35x35
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
33000
10
339LMB010M2CG 27.6311
3.4
25x45
33000
10
339LMB010M2DE 27.6311
3.4
30x35
33000
10
339LMB010M2ED 27.6311
3.4
35x30
33000
16
339LMB016M2DF 25.1192
4.7
30x40
33000
16
339LMB016M2EE 25.1192
4.21
35x35
33000
25
339LMB025M2EH 22.6072
5.47
35x50
39000
10
399LMB010M2DF 25.1192
3.79
30x40
39000
10
399LMB010M2ED 25.1192
3.7
35x30
39000
16
399LMB016M2DG 23.8052
4.9
30x45
39000
16
399LMB016M2EF 23.8052
5.1
35x40
47000
10
479LMB010M2DG 24.3389
4.26
30x45
47000
10
479LMB010M2EE 24.3389
4.2
35x35
47000
16
479LMB016M2DH 22.5752
5.27
30x50
47000
16
479LMB016M2EG 22.5752
5.5
35x45
56000
10
569LMB010M2EF 23.0917
5
35x40


Similar Part No. - 187LMB400M2BG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
187LMB400M2BG ILLINOISCAPACITOR-187LMB400M2BG Datasheet
249Kb / 6P
   105째C 3000 hour Snap-Mount Aluminum Electrolytic Capacitors
187LMB400M2BG ILLINOISCAPACITOR-187LMB400M2BG Datasheet
568Kb / 5P
   105C 3000 hour Snap mount Aluminum Electrolytic Capacitors
187LMB400M2BG ILLINOISCAPACITOR-187LMB400M2BG Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 187LMB400M2BG

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
LMX ILLINOISCAPACITOR-LMX Datasheet
460Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
477LBA200M2BF ILLINOISCAPACITOR-477LBA200M2BF Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com