Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC195 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC195
Description  High-Speed CMOS Logic 4-Bit Parallel Access Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC195 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC195 Datasheet HTML 1Page - Texas Instruments CD54HC195 Datasheet HTML 2Page - Texas Instruments CD54HC195 Datasheet HTML 3Page - Texas Instruments CD54HC195 Datasheet HTML 4Page - Texas Instruments CD54HC195 Datasheet HTML 5Page - Texas Instruments CD54HC195 Datasheet HTML 6Page - Texas Instruments CD54HC195 Datasheet HTML 7Page - Texas Instruments CD54HC195 Datasheet HTML 8Page - Texas Instruments CD54HC195 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Test Circuit and Waveforms
FIGURE 1. CLOCK PREREQUISITE AND PROPAGATION
DELAYS AND OUTPUT TRANSITION TIMES
FIGURE 2. MASTER RESET PREREQUISITE AND
PROPAGATION DELAYS
FIGURE 3. J, K, OR PARALLEL ENABLE PREREQUISITE TIMES
CLOCK
Q OR Q
VCC
GND
tTHL
tTLH
10%
90%
l/fMAX
tW
tr
tf
VS
tPLH tPHL
10%
90%
0.5 VCC
RESET
Q
tPLH
Q
CLOCK
tREM
VS
tPHL
VS
tW
VCC
GND
VCC
GND
0.5 VCC
0.5 VCC
PE, K
VALID
J
0.5 VCC
tSU
CLOCK
VS
VCC
GND
GND
th
CD54HC195, CD74HC195


Similar Part No. - CD54HC195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC195 TI-CD54HC195 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195F3A TI-CD54HC195F3A Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195F3A TI-CD54HC195F3A Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results

Similar Description - CD54HC195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com