Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA-20-102V-M-3M Datasheet(PDF) 2 Page - Copal Electronics

Part # PA-20-102V-M-3M
Description  PRESSURE TRANSDUCERS WITH AMP
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PA-20-102V-M-3M Datasheet(HTML) 2 Page - Copal Electronics

  PA-20-102V-M-3M Datasheet HTML 1Page - Copal Electronics PA-20-102V-M-3M Datasheet HTML 2Page - Copal Electronics PA-20-102V-M-3M Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Response
STANDARD SPECIFICATIONS
Item
Pressure reference
Rated pressure range
Maximum pressure
Operating temp. range
Compensated temp. range
Storage temp.
Operating humidity
Supply voltage
Linearity/Hysteresis
Thermal error
(Reference temp.: 25 °C)
Pressure medium
Insulation resistance
Dielectric strength
Net weight (Without cable)
Model number
102V
302R
Gauge
0 ~ 100
100 ~ 300
200
600
Non-corrosive gases
Approx. 5 (PA-20- **** -U)
Approx. 8 (PA-20- **** -M)
1 ~ 5
1Load resistance : 5 k minimum
10.8 ~ 30Including ripple percentage
100
500 V AC, 60 s
0 ~ 50
35 ~ 85No condensation
20 ~ 70
10 ~ 60
± 0.5
± 2
± 2
Approx.1
kPa
kPa
°C
°C
%RH
°C
%F.S.
ZERO %F.S.
SPAN %F.S.
V DC
Consumption current
Output voltage
Output current
20
mA
maximum
V
mA
maximum
M
minimum
g
Unless otherwise specified, the specs are defined at an ambient temperature of 25±5 °C and excitation voltage of 24 V DC.
PA-20
PRESSURE TRANSDUCERS WITH AMP.
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
permissible change
Vibration
10 ~ 55 Hz, 1.5 mm, 3 directions for 2 hours each
1000 m/s2, 3 directions for 3 times each
40 °C, 90 ~ 95 %RH, 240 h.
Analog output : ± 2 %F.S. maximum after test
Shock
Moisture resistance
0 ~ Rated pressure, 106 cycles
EMI : EN55011: 2007, A2 : 2007 Group 1, class B
ý
EMS : EN61326-1 : 2006/EN61326-2-3 : 2006 Table 2
Analog output ± 5 %F.S. maximum during test
Pressure cycling
EMC
PA-20
ms


Similar Part No. - PA-20-102V-M-3M

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-20 COPAL-PA-20 Datasheet
765Kb / 3P
   PRESSURE TRANSDUCER WHTH AMP
PA-204 COPAL-PA-204 Datasheet
708Kb / 2P
   HIGH PRECISION PRESSURE TRANSDUCER
More results

Similar Description - PA-20-102V-M-3M

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PA-860 COPAL-PA-860_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-930 COPAL-PA-930_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-930-A COPAL-PA-930-A Datasheet
79Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-830 COPAL-PA-830 Datasheet
84Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-838 COPAL-PA-838 Datasheet
113Kb / 3P
   Pressure Transducers with Amp
PA-870 COPAL-PA-870 Datasheet
614Kb / 4P
   Pressure Transducers with Amp.
PA-858 COPAL-PA-858_16 Datasheet
92Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP
PA-758 COPAL-PA-758 Datasheet
119Kb / 4P
   PRESSURE TRANSDUCERS WITH AMP.
PA-708 COPAL-PA-708_16 Datasheet
71Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
PA-870 COPAL-PA-870_16 Datasheet
83Kb / 3P
   PRESSURE TRANSDUCERS WITH AMP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com