Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

805MHBA01K4J Datasheet(PDF) 8 Page - Illinois Capacitor, Inc.

Part # 805MHBA01K4J
Description  Small size - High voltage ??High Capacitance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

805MHBA01K4J Datasheet(HTML) 8 Page - Illinois Capacitor, Inc.

  805MHBA01K4J Datasheet HTML 1Page - Illinois Capacitor, Inc. 805MHBA01K4J Datasheet HTML 2Page - Illinois Capacitor, Inc. 805MHBA01K4J Datasheet HTML 3Page - Illinois Capacitor, Inc. 805MHBA01K4J Datasheet HTML 4Page - Illinois Capacitor, Inc. 805MHBA01K4J Datasheet HTML 5Page - Illinois Capacitor, Inc. 805MHBA01K4J Datasheet HTML 6Page - Illinois Capacitor, Inc. 805MHBA01K4J Datasheet HTML 7Page - Illinois Capacitor, Inc. 805MHBA01K4J Datasheet HTML 8Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
MHBA
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) **,
+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+15°C
+10°C
+5°C
68
370
686MHBA04K##
25
30.5
0
0
2.7
57.5x57.5x38
0
0
0
lugs
75
370
756MHBA04K##
25
31.5
0
0
2.6
57.5x57.5x38
0
0
0
lugs
75
370
756MHBA04K4R
25
27
0
0
2.7
57.5x57.5x38
52.5
1.2
20.3
4
75
370
756MHBA04K6R
25
29.5
0
0
2.6
57.5x57.5x38
52.5
1.2
10.2
4


Similar Part No. - 805MHBA01K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
805MHBA01K4J ILLINOISCAPACITOR-805MHBA01K4J Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
More results

Similar Description - 805MHBA01K4J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com