Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC221F3A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC221F3A
Description  High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC221F3A Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54HC221F3A Datasheet HTML 5Page - Texas Instruments CD54HC221F3A Datasheet HTML 6Page - Texas Instruments CD54HC221F3A Datasheet HTML 7Page - Texas Instruments CD54HC221F3A Datasheet HTML 8Page - Texas Instruments CD54HC221F3A Datasheet HTML 9Page - Texas Instruments CD54HC221F3A Datasheet HTML 10Page - Texas Instruments CD54HC221F3A Datasheet HTML 11Page - Texas Instruments CD54HC221F3A Datasheet HTML 12Page - Texas Instruments CD54HC221F3A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Typical Performance Curves
FIGURE 5. HC/HCT221 OUTPUT PULSE WIDTH vs
TEMPERATURE
FIGURE 6. HC/HCT221 K FACTOR vs SUPPLY VOLTAGE
FIGURE 7. HC221 OUTPUT PULSE WIDTH vs CX
FIGURE 8. HC/HCT221 OUTPUT PULSE WIDTH vs CX
685
680
675
670
665
-75
-50
-25
0
25
50
75
100
125
150
175
TA, AMBIENT TEMPERATURE (
oC)
CX = 1µF
RX = 10K
VCC = 5V
0.9
0.8
0.7
0.6
02468
10
VCC, SUPPLY VOLTAGE (V)
RX = 10K
TA = 25
oC
HCT
106
105
104
103
102
10
1
0.1
10
102
103
104
105
106
107
108
CX, TIMING CAPACITANCE (pF)
RX = 100K
RX = 50K
RX = 10K
RX = 2K
VCC = 2V
106
105
104
103
102
10
1
0.1
10
102
103
104
105
106
107
108
CX, TIMING CAPACITANCE (pF)
VCC = 4.5V
RX = 100K
RX = 50K
RX = 10K
RX = 2K
CD54HC221, CD74HC221, CD74HCT221


Similar Part No. - CD54HC221F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC221F3A TI-CD54HC221F3A Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221F3A TI-CD54HC221F3A Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221F3A TI1-CD54HC221F3A Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
More results

Similar Description - CD54HC221F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC221 TI-CD74HC221 Datasheet
65Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_07 Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_08 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com