Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225MTB063KE Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 225MTB063KE
Description  Self Healing ??Small Size ??Low ESR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225MTB063KE Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  225MTB063KE Datasheet HTML 1Page - Illinois Capacitor, Inc. 225MTB063KE Datasheet HTML 2Page - Illinois Capacitor, Inc. 225MTB063KE Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MTB
Metallized Polyester Radial
Lead Box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims LxHxT (mm)
S (MM)
d (MM)
10
100
106MTB100KH
2
32x20x11
27.5
0.8
10
160
106MTB160KH
3
32x22x13
27.5
0.8
10
250
106MTB250KH
5
32x33x18
27.5
0.8
10
250
106MTB250KJ
4
42.5x28x17
37.5
0.8
10
400
106MTB400KJ
6.5
42.5x30x22
37.5
1
15
63
156MTB063KG
2
26.5x22x13
22.5
0.8
15
63
156MTB063KH
1
32x20x11
27.5
0.8
15
100
156MTB100KH
2
32x22x13
27.5
0.8
15
160
156MTB160KH
3
32x28x14
27.5
0.8
15
250
156MTB250KH
5
32x37x22
27.5
0.8
15
250
156MTB250KJ
4
42.5x28x17
37.5
0.8
15
400
156MTB400KJ
6.5
42.5x37x28
37.5
1
22
63
226MTB063KH
1
32x22x13
27.5
0.8
22
100
226MTB100KH
2
32x28x14
27.5
0.8
22
160
226MTB160KH
3
32x37x22
27.5
0.8
22
160
226MTB160KJ
2.2
42.5x28x17
37.5
0.8
22
250
226MTB250KJ
4
42.5x30x22
37.5
1
22
400
226MTB400KJ
6.5
42.5x45x30
37.5
1.2
33
63
336MTB063KH
1
32x24.5x15
27.5
0.8
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims LxHxT (mm)
S (MM)
d (MM)
33
100
336MTB100KH
2
32x33x18
27.5
0.8
33
100
336MTB100KJ
1.2
42.5x28x17
37.5
0.8
33
160
336MTB160KJ
2.2
42.5x30x22
37.5
1
33
250
336MTB250KJ
4
42.5x37x28
37.5
1
47
63
476MTB063KH
1
32x33x18
27.5
0.8
47
63
476MTB063KJ
0.8
42.5x28x17
37.5
0.8
47
100
476MTB100KH
2
32x37x22
27.5
0.8
47
100
476MTB100KJ
1.2
42.5x30x22
37.5
1
47
160
476MTB160KJ
2.2
42.5x37x28
37.5
1
47
250
476MTB250KJ
4
42.5x47x30
37.5
1.2
68
63
686MTB063KH
1
32x37x22
27.5
0.8
68
63
686MTB063KJ
0.8
42.5x30x22
37.5
1
68
100
686MTB100KJ
1.2
42.5x37x28
37.5
1
68
160
686MTB160KJ
1.2
42.5x45x30
37.5
1.2
82
100
826MTB100KJ
1.2
42.5x45x30
37.5
1.2
82
160
826MTB160KJ
2.2
42.5x45x30
37.5
1.2
100
63
107MTB063KJ
0.8
42.5x37x28
37.5
1
150
63
157MTB063KJ
0.8
42.5x45x30
37.5
1.2


Similar Part No. - 225MTB063KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225MTB063KE ILLINOISCAPACITOR-225MTB063KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
225MTB063KE ILLINOISCAPACITOR-225MTB063KE Datasheet
379Kb / 4P
   Radial leaded metallized polyester film capacitors
More results

Similar Description - 225MTB063KE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
   Small size ??Self Healing ??Low Cost
logo
Kemet Corporation
C4A KEMET-C4A Datasheet
287Kb / 3P
   Self-Healing
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
   Self-healing properties
PCMP372 WPI-PCMP372 Datasheet
225Kb / 8P
   Self-healing properties
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
   Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
   Self-healing property
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
   Optical Self-Healing Switch
logo
Illinois Capacitor, Inc...
MWR ILLINOISCAPACITOR-MWR Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
logo
Vishay Siliconix
GTO1200-2R VISHAY-GTO1200-2R Datasheet
55Kb / 2P
   Snubber Capacitors, Dry Self-healing
Revision 25-Mar-02
logo
List of Unclassifed Man...
224K400RA6 ETC2-224K400RA6 Datasheet
546Kb / 6P
   Efficient size Rugged construction Does not fail short ??Self healing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com