Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSH-RB010S54S0NMA0Z Datasheet(PDF) 3 Page - SICK AG

Part # PBSH-RB010S54S0NMA0Z
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PBSH-RB010S54S0NMA0Z Datasheet(HTML) 3 Page - SICK AG

  PBSH-RB010S54S0NMA0Z Datasheet HTML 1Page - SICK AG PBSH-RB010S54S0NMA0Z Datasheet HTML 2Page - SICK AG PBSH-RB010S54S0NMA0Z Datasheet HTML 3Page - SICK AG PBSH-RB010S54S0NMA0Z Datasheet HTML 4Page - SICK AG PBSH-RB010S54S0NMA0Z Datasheet HTML 5Page - SICK AG PBSH-RB010S54S0NMA0Z Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PBSH-RB010S54S0NMA0Z | PBS Hygienic
PRESSURE SENSORS
Mechanics/electronics
Process connection
Conical coupling (DIN 11851) DN 40 with union nut
Wetted parts
Stainless steel 1.4435 / 316L
Internal transmission fluid
Medical white oil, FDA compliant according to CFR 172.878 and 21 CFR 178.3620(a), compli-
ant to USP, EP, and JP
Housing material
Lower body: stainless steel 304, Plastic head: PC + ABS, Buttons: TPE-E, Display window: PC
Electrical connection
M12 round connector x 1, 4-pin
Supply voltage
Power consumption
Total current consumption
Max. 170 mA (incl. switching current)
Electrical safety
Insolation voltage
500 V DC
CE-conformity
EMC directive: 2004/108/EC, EN 61326-2-3
Seal
Without seal
Enclosure rating
IP 65 / IP 67
Protection class III
Ambient data
Ambient temperature
–20 °C ... +80 °C
Storage temperature
–20 °C ... +80 °C
Relative humidity
45 % ... 75 %
Shock load
Vibration load
Classifications
ECl@ss 5.0
27371814
ECl@ss 5.1.4
27371814
ECl@ss 6.0
27371814
ECl@ss 6.2
27371814
ECl@ss 7.0
27371814
ECl@ss 8.0
27371814
ECl@ss 8.1
27371814
ECl@ss 9.0
27371814
ETIM 5.0
EC000243
ETIM 6.0
EC000243
UNSPSC 16.0901
41112409
2016-07-27 14:33:08 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - PBSH-RB010S54S0NMA0Z

ManufacturerPart #DatasheetDescription
logo
SICK AG
PBSH-RB010S54S0BMA0Z SICK-PBSH-RB010S54S0BMA0Z Datasheet
379Kb / 5P
   PRESSURE SENSORS
PBSH-RB010S54S0D5A0Z SICK-PBSH-RB010S54S0D5A0Z Datasheet
380Kb / 5P
   PRESSURE SENSORS
More results

Similar Description - PBSH-RB010S54S0NMA0Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com