Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104PSB252K4H Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 104PSB252K4H
Description  Power semiconductor module protection - High pulse and rms current ??Multiple Leads
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

104PSB252K4H Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  104PSB252K4H Datasheet HTML 1Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 2Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 3Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 4Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 5Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 6Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 7Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 8Page - Illinois Capacitor, Inc. 104PSB252K4H Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
Power semiconductor module protection - High pulse
and rms current Multiple Leads
APPLICATIONS
Power Semiconductor circuits Resonant circuits
Induction Heaters Switching power supplies
Operating Temperature Range
PSB: -40°C to +100°C, observing voltage and current derating
RSB: -40°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
700
850
1000
1200
1500
2000
2500
3000
Non-Recurrent SVDC
VAC
(RSB)
1100
1300
(1200)
1550
(1300)
1750
(1600)
2200
2600
(2400)
3300
4000
(3500)
WVDC
700
850
1000
1200
1500
2000
2500
3000
VAC
420
500
575
630
650
700
725
750
AC voltage (50/60 Hz)
For T>+85°C , The voltage (DC/AC)must be decreased by (1.5/2.5)% per °C
Frequency
(kHz)
C<1uF
C>1uF
Dissipation Factor (MAX)
25°C
1
0.05%
0.06%
Insulation Resistance
Insulation Resistance
@25°C (<70% RH)for 1 minute at
100VDC applied
30000 MΩxuF
(not to exceed 30G
Ω)
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
100000 Hours @WVDC
30000 Hours @ VAC
Life Expectancy
Capacitance Change
<3% of initially measured value
Failure quota
300/ Billion component hours
56 days at40°C with 90 to 95%RH, +40°C and no voltage applied
Capacitance Change
<2% of initially measured value
Dissipation Factor
<0.001 at 1kHz and 25°C
Damp Heat test
Insulation Resistance
>50% of maximum specified value
Self Inductance
<1 nano-Henry per mm of lead spacing
Capacitance Drift Factor
<0.5% after 2 years at 40°C
Capacitance Temperature
Coefficient
-200 ppm/°C, +100ppm/°C
Terminal to Terminal
Terminal to case
Dielectric Strength
160% of rated VDC or 150% VAC
applied for 2 Seconds and 25°C
3kVAC @ 50/60 Hz applied between
terminals and case for 60 seconds at
25°C
Dielectric
Polypropylene
Construction
Double Metallized film with internal series connections
Coating
Flame Retardant plastic box with epoxy resin (UL94V-0)
Leads
Lead free tinned copper leads


Similar Part No. - 104PSB252K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
104PSB252K4H ILLINOISCAPACITOR-104PSB252K4H Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
More results

Similar Description - 104PSB252K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PMB ILLINOISCAPACITOR-PMB Datasheet
661Kb / 5P
   Power semiconductor module protection - High pulse and
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Microsemi Corporation
JANTX1N647-1 MICROSEMI-JANTX1N647-1 Datasheet
185Kb / 3P
   High surge current and peak pulse power provides transient voltage protection for sensitive circuits
logo
Sangdest Microelectroni...
153CMQ SMC-153CMQ Datasheet
278Kb / 4P
   Multiple leads per terminal for high frequency, high current PC board mounting
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com