Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2200 Datasheet(PDF) 4 Page - Keysight Technologies

Part # PA2200
Description  IntegraVision PA2200 Series Power Analyzers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

PA2200 Datasheet(HTML) 4 Page - Keysight Technologies

  PA2200 Datasheet HTML 1Page - Keysight Technologies PA2200 Datasheet HTML 2Page - Keysight Technologies PA2200 Datasheet HTML 3Page - Keysight Technologies PA2200 Datasheet HTML 4Page - Keysight Technologies PA2200 Datasheet HTML 5Page - Keysight Technologies PA2200 Datasheet HTML 6Page - Keysight Technologies PA2200 Datasheet HTML 7Page - Keysight Technologies PA2200 Datasheet HTML 8Page - Keysight Technologies PA2200 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
04 | Keysight | IntegraVision PA2200 Series Power Analyzers - Data Sheet
Measuring power:
Power analyzer or oscilloscope?
Engineers working on electronic power conversion systems need high-
accuracy measurements to identify and characterize incremental efficiency
improvements in devices such as power inverters or converters, uninterruptible
power supplies, battery management systems, vehicle and aircraft power
systems, lighting systems/electronic ballasts and appliances. While some
of today’s power analyzers offer adequate measurement accuracy, they are
cumbersome to use and lack the ability to characterize power consumption
under dynamic conditions. Previously, engineers needed a power analyzer to
make accurate measurements and an oscilloscope to visualize repetitive and
single-shot events such as turn-on and occurrences of transients. Eliminating
a separate oscilloscope in the measurement setup decreases test complexity
and reduces configuration time.
Precision power analyzers offer high accuracy and ease of connection to the
DUT, making them ideal for steady-state measurements of power consumption,
efficiency and power quality. For these measurements, the accuracy of the
power analyzer gives R&D engineers the measurement integrity they need.
With floating inputs and directly connected measurements, precision power
analyzers make it easy for engineers to connect to their DUTs.
Traditionally, only oscilloscopes offer the single-shot measurement capability
necessary for dynamic measurements during functional test. Furthermore, by
offering a visual picture of what is happening, oscilloscopes allow engineers
to gain insight into their DUTs and to identify issues. However, their lower
accuracy means that making critical efficiency measurements on high-
efficiency converters may not be possible. Because oscilloscopes have
ground-referenced, non-isolated front ends, probes are required for floating
and current measurements. Probes further reduce measurement accuracy and
make oscilloscopes harder to connect to the DUT for high-accuracy, power-
related measurements.
R&D engineers, therefore, are forced to switch between these two instruments
depending on the type of measurement they need to make: They use a
power analyzer to make accurate measurements and an oscilloscope to
visualize repetitive and single-shot events such as turn-on and occurrences
of transients. Switching between instruments is time consuming and makes it
difficult to get consistent, reproducible results.
Speciic time-period
measurement
The Keysight IntegraVision power
analyzer supports the capture of
voltage, current and power waveforms
over specific periods of time, with
measurements made based on cursors
placed on the captured waveforms.
This is particularly useful for examining
transient phenomena and in the design
of periodically controlled equipment.
To ensure that your DUT complies with
energy standards, for instance, it is
vital to measure power consumption
across a range of different modes
from sleep to full activity – and all the
transient states in between.
Capturing sudden or irregular
phenomena
Abnormal phenomena can often be
hard to isolate, disappearing from
the screen almost as soon as they
appear. Like a traditional oscilloscope,
the Keysight IntegraVision power
analyzer can be setup to make
single-shot measurements to capture
and measure transient phenomena,
including in-rush, cycle dropouts,
blackouts/brownouts, and other line
disturbances.
Continuous Whole-Cycle
Analysis
Power analyzers use mathematical
transformations to analyze signals. For
precision, the measurement window
cannot have any discontinuities or
gaps. Continuous Whole-Cycle
Analysis (CWA) used by the PA2000
Series is a gapless measurement
technique that always performs
measurements on a positive integer
number of signal cycles.


Similar Part No. - PA2200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA2201T1M RENESAS-PA2201T1M_15 Datasheet
269Kb / 8P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Pulse A Technitrol Comp...
PA2202.121NL PULSE-PA2202.121NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.181NL PULSE-PA2202.181NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.211NL PULSE-PA2202.211NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.231NL PULSE-PA2202.231NL Datasheet
490Kb / 2P
   SMT Power Inductors
More results

Similar Description - PA2200

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
logo
Carlo Gavazzi Holding A...
CPA050 CARLOGAVAZZI-CPA050 Datasheet
2Mb / 24P
   Contactless power analyzers
logo
Extech Instruments Corp...
PQ3350-3 EXTECH-PQ3350-3 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3350-3 EXTECH-PQ3350-3_15 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Extech Instruments Corp...
PQ3350-1 EXTECH-PQ3350-1 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3350-1 EXTECH-PQ3350-1_15 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com