Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2200 Datasheet(PDF) 5 Page - Keysight Technologies

Part # PA2200
Description  IntegraVision PA2200 Series Power Analyzers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

PA2200 Datasheet(HTML) 5 Page - Keysight Technologies

  PA2200 Datasheet HTML 1Page - Keysight Technologies PA2200 Datasheet HTML 2Page - Keysight Technologies PA2200 Datasheet HTML 3Page - Keysight Technologies PA2200 Datasheet HTML 4Page - Keysight Technologies PA2200 Datasheet HTML 5Page - Keysight Technologies PA2200 Datasheet HTML 6Page - Keysight Technologies PA2200 Datasheet HTML 7Page - Keysight Technologies PA2200 Datasheet HTML 8Page - Keysight Technologies PA2200 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
05 | Keysight | IntegraVision PA2200 Series Power Analyzers - Data Sheet
General
– Operates like an oscilloscope, but makes measurements like a power analyzer.
– Achieve 0.05% basic accuracy for superior measurement integrity.
– The PA2201A comes with 2 power channels for single phase measurements
and analysis. The PA2203 has 4 power channels for 3-phase measurement
and analysis.
– Provides isolated inputs for easy and safe connections.
– Capture waveforms with 5 M sample/second digitizer.
– Visualize voltage, current and power waveforms in real-time to gain insight into your
device.
– Save space with a small footprint.
– Clearly see waveform details on a large gesture-enabled touchscreen.
Channel connections for voltage and current inputs
– Simultaneously digitize voltage and current with voltage inputs and current inputs on every
channel.
– Connect via floating voltage and current inputs that are isolated to 1000 V from each
other and from the chassis ground, allowing for ease of connection without the need for
differential probes or the danger associated with floating a ground-referenced instrument.
– Measure voltage using connections via commonly-available shrouded banana plugs.
– Directly measure current up to 2 A and up to 50 A using built-in current shunts with fully
specified and calibrated performance.
– Always have the measurement capability you need with both 2 A and 50 A on all channels
unlike other power analyzers where you have to choose between low current and high
current inputs.
– Use a clamp-on probe or other type of current probes when your testing requires greater
than 50 A or wider than 100 kHz bandwidth. Use your favorite probe or any transducer
with up to 10 V full-scale output. The external current measurement is provided on every
channel. Probes connect via a floating BNC connector. The power analyzer also supports
Keysight current probe models 11488, N2780B, N2781B, N2782B or N2783B.
– Current transformers on both the 2 A and 50 A current measurement inputs enable you to
apply custom ampere-to-ampere scale factors to current signals.
– The PA2201A comes with 2 power channels for single phase measurements and analysis.
The PA2203 has 4 power channels for 3-phase measurement and analysis.
Transients
– Capture one-time events (like start-up) or transient events (like cycle dropout) to visualize
and perform analyses right on your power analyzer that before were only possible using an
oscilloscope.
– Use edge triggering on voltage, current or power signals for easy synchronization with
event like start-up, in-rush or spikes.
– Use external trigger-in to synchronize with an AC source to easily capture the response of
your device to simulated AC line disturbances.
– Use external trigger-out to synchronize with other instruments on your bench.
– The 10 MHz Reference input and the Trigger input and output are 0 to 3.3 V logic level (5 V
max).
The Trigger-out connection has a 50 Ω output impedance.
– These are SMA connectors for safety to avoid accidental misconnection of high voltage or
floating power signals onto ground-referenced low voltage trigger and clock lines.
Keysight IntegraVision Power Analyzer overview


Similar Part No. - PA2200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA2201T1M RENESAS-PA2201T1M_15 Datasheet
269Kb / 8P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Pulse A Technitrol Comp...
PA2202.121NL PULSE-PA2202.121NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.181NL PULSE-PA2202.181NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.211NL PULSE-PA2202.211NL Datasheet
490Kb / 2P
   SMT Power Inductors
PA2202.231NL PULSE-PA2202.231NL Datasheet
490Kb / 2P
   SMT Power Inductors
More results

Similar Description - PA2200

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
PA2203A KEYSIGHT-PA2203A Datasheet
817Kb / 19P
   IntegraVision PA2200 Series Power Analyzers
logo
Carlo Gavazzi Holding A...
CPA050 CARLOGAVAZZI-CPA050 Datasheet
2Mb / 24P
   Contactless power analyzers
logo
Extech Instruments Corp...
PQ3350-3 EXTECH-PQ3350-3 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3350-3 EXTECH-PQ3350-3_15 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
logo
List of Unclassifed Man...
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
   Energy Management Modular Power Analyzers
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
   Chemical analyzers
logo
Extech Instruments Corp...
PQ3350-1 EXTECH-PQ3350-1 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
PQ3350-1 EXTECH-PQ3350-1_15 Datasheet
370Kb / 1P
   3-Phase Power & Harmonics Analyzers
logo
Keysight Technologies
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
   Network Analyzers
N8973A KEYSIGHT-N8973A Datasheet
243Kb / 12P
   NFA Series Noise Figure Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com