Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

225MWR100K Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 225MWR100K
Description  Small size ??Low ESR - General purpose
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

225MWR100K Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  225MWR100K Datasheet HTML 1Page - Illinois Capacitor, Inc. 225MWR100K Datasheet HTML 2Page - Illinois Capacitor, Inc. 225MWR100K Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MWR
Metallized Polyester Axial
Lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims DxL
(mm)
d (MM)
6.8
250
685MWR250K
5
23x34
1
10
50
106MWR050K
6
13.5x20.5
0.8
10
63
106MWR063K
4
14x34
0.8
10
100
106MWR100K
2
18x34
0.8
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Dims DxL
(mm)
d (MM)
10
250
106MWR250K
2
24.5x46.5
1
15
100
156MWR100K
2
21x34
1
22
100
226MWR100K
2
22x46
1


Similar Part No. - 225MWR100K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
225MWR100K ILLINOISCAPACITOR-225MWR100K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
225MWR100K ILLINOISCAPACITOR-225MWR100K Datasheet
328Kb / 3P
   Axial leaded metallized polyester film capacitors
More results

Similar Description - 225MWR100K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
   Self Healing ??Small Size ??Low ESR
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
108CKS050M ILLINOISCAPACITOR-108CKS050M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
CKH ILLINOISCAPACITOR-CKH Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
106CKS200M ILLINOISCAPACITOR-106CKS200M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
HSM ILLINOISCAPACITOR-HSM Datasheet
160Kb / 2P
   Small size - High voltage - General purpose
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com