Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

256MHBA03K4R Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 256MHBA03K4R
Description  Small size - High voltage ??High Capacitance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256MHBA03K4R Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  256MHBA03K4R Datasheet HTML 1Page - Illinois Capacitor, Inc. 256MHBA03K4R Datasheet HTML 2Page - Illinois Capacitor, Inc. 256MHBA03K4R Datasheet HTML 3Page - Illinois Capacitor, Inc. 256MHBA03K4R Datasheet HTML 4Page - Illinois Capacitor, Inc. 256MHBA03K4R Datasheet HTML 5Page - Illinois Capacitor, Inc. 256MHBA03K4R Datasheet HTML 6Page - Illinois Capacitor, Inc. 256MHBA03K4R Datasheet HTML 7Page - Illinois Capacitor, Inc. 256MHBA03K4R Datasheet HTML 8Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MHBA
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) **,
+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+15°C
+10°C
+5°C
0.47
800
474MHBA01K2H
120
3
0
0
22.8
32x20x11
27.5
0.8
0
2
0.56
800
564MHBA01K2H
120
4
0
0
19.2
32x20x11
27.5
0.8
0
2
0.68
700
684MHBA06K2H
110
3.5
0
0
20.5
32x20x11
27.5
0.8
0
2
0.68
800
684MHBA01K2H
120
5
0
0
16.8
32x22x13
27.5
0.8
0
2
1
700
105MHBA06K2H
110
5.5
0
0
15.5
32x22x13
27.5
1
0
2
1
800
105MHBA01K2H
120
6.5
0
0
13.8
32x24.5x15
27.5
1
0
2
1.2
600
125MHBA02K2H
90
5
0
0
16.7
32x20x11
27.5
0.8
0
2
1.5
500
155MHBA03K2H
70
4.5
0
0
17.2
32x20x11
27.5
0.8
0
2
1.5
600
155MHBA02K2H
90
6
0
0
13.5
32x22x13
27.5
1
0
2
1.5
700
155MHBA06K2H
110
6.5
0
0
12.5
32x24.5x15
27.5
1
0
2
1.5
800
155MHBA01K2H
120
8.5
0
0
11.1
32x33x18
27.5
1
0
2
2
500
205MHBA03K2H
70
6
0
0
14.3
32x22x13
27.5
1
0
2
2
600
205MHBA02K2H
90
7
0
0
11.5
32x24.5x15
27.5
1
0
2
2
700
205MHBA06K2H
110
7.5
0
0
10.6
32x28x14
27.5
1
0
2
2.2
500
225MHBA03K2H
70
6
0
0
13.6
32x22x13
27.5
1
0
2
2.2
600
225MHBA02K2H
90
7
0
0
10.7
32x24.5x15
27.5
1
0
2
2.2
800
225MHBA01K2H
120
9.5
0
0
9.1
32x33x18
27.5
1
0
2
2.5
600
255MHBA02K2H
90
8
0
0
10.1
32x28x14
27.5
1
0
2
2.5
800
255MHBA01K2J
82.5
9
0
0
9.8
42.5x28x17
37.5
1.2
0
2
2.5
800
255MHBA01K##
82.5
10.5
0
0
9.1
42.5x28x17
0
0
0
lugs
3
370
305MHBA04K2H
55
5
0
0
13.7
32x20x11
27.5
0.8
0
2
3
700
305MHBA06K##
75
10.5
0
0
9.2
42.5x28x17
0
0
0
lugs
3
700
305MHBA06K2H
110
10
0
0
8.6
32x33x18
27.5
1.2
0
2
3
700
305MHBA06K2J
75
9
0
0
9.9
42.5x28x17
37.5
1.2
0
2
3
700
305MHBA06K4H
110
11.5
0
0
7.9
32x33x18
27.5
1.2
5.1
4
3
800
305MHBA01K4H
120
13.5
0
0
7.1
32x37x22
27.5
1.2
10.2
4
3
800
305MHBA01K2H
120
12
0
0
7.8
32x37x22
27.5
1.2
0
2
3.3
500
335MHBA03K2H
70
7
0
0
11
32x24.5x15
27.5
1
0
2
3.3
600
335MHBA02K4H
90
11.5
0
0
8
32x33x18
27.5
1.2
5.1
4
3.3
600
335MHBA02K2H
90
10
0
0
8.7
32x33x18
27.5
1.2
0
2
3.3
800
335MHBA01K2J
82.5
11
0
0
8.3
42.5x30x22
37.5
1.2
0
2
3.3
800
335MHBA01K##
82.5
12.5
0
0
7.6
42.5x30x22
0
0
0
lugs
4
370
405MHBA04K2H
55
6
0
0
11.3
32x22x13
27.5
1
0
2
4
500
405MHBA03K2H
70
8.5
0
0
9.9
32x33x18
27.5
1.2
0
2
4
600
405MHBA02K##
60
11
0
0
8.2
42.5x28x17
0
0
0
lugs
4
600
405MHBA02K4H
90
12.5
0
0
7
32x33x18
27.5
1.2
10.2
4
4
600
405MHBA02K2H
90
11
0
0
7.7
32x33x18
27.5
1.2
0
2
4
600
405MHBA02K2J
60
9.5
0
0
8.9
42.5x28x17
37.5
1.2
0
2
4
700
405MHBA06K2H
110
12
0
0
7.4
32x37x22
27.5
1.2
0
2
4
700
405MHBA06K2J
75
10.5
0
0
8.5
42.5x30x22
37.5
1.2
0
2
4
700
405MHBA06K##
75
12
0
0
7.8
42.5x30x22
0
0
0
lugs
4
700
405MHBA06K4H
110
14
0
0
6.7
32x37x22
27.5
1.2
10.2
4
4
800
405MHBA01K##
82.5
13.5
0
0
6.6
42.5x33.5x22
0
0
0
lugs
4
800
405MHBA01K2J
82.5
12
0
0
7.3
42.5x33.5x22
37.5
1.2
0
2
4.7
800
475MHBA01K2J
82.5
14
0
0
6.6
41.5x40x20
37.5
1.2
0
2
4.7
800
475MHBA01K4J
82.5
15.5
0
0
6
41.5x40x20
37.5
1.2
10.2
4
5
370
505MHBA04K2H
55
7.5
0
0
9.9
32x28x14
27.5
1
0
2
5
500
505MHBA03K2H
70
9.5
0
0
8.7
32x33x18
27.5
1.2
0
2
5
500
505MHBA03K4H
70
11
0
0
8
32x33x18
27.5
1.2
5.1
4
5
600
505MHBA02K2H
90
12
0
0
7
32x37x22
27.5
1.2
0
2
5
600
505MHBA02K2J
60
11.5
0
0
7.3
42.5x30x22
37.5
1.2
0
2
5
600
505MHBA02K##
60
13
0
0
6.6
42.5x30x22
0
0
0
lugs
5
600
505MHBA02K4H
90
14
0
0
6.3
32x37x22
27.5
1.2
10.2
4
5
700
505MHBA06K##
75
13.5
0
0
6.6
42.5x33.5x22
0
0
0
lugs
5
700
505MHBA06K2J
75
12
0
0
7.3
42.5x33.5x22
37.5
1.2
0
2
5
800
505MHBA01K2J
82.5
14
0
0
6.5
42.5x37x28
37.5
1.2
0
2
5
800
505MHBA01K##
82.5
16.5
0
0
5.8
42.5x37x28
0
0
0
lugs
5
800
505MHBA01K4J
82.5
15.5
0
0
5.9
42.5x37x28
37.5
1.2
10.2
4


Similar Part No. - 256MHBA03K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256MHBA03K4R ILLINOISCAPACITOR-256MHBA03K4R Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
More results

Similar Description - 256MHBA03K4R

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
SLPX CDE-SLPX Datasheet
376Kb / 9P
   Small case size with high capacitance
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
logo
List of Unclassifed Man...
226CKS100M ETC2-226CKS100M Datasheet
464Kb / 3P
   Small size - High voltage - General purpose
logo
Illinois Capacitor, Inc...
CKR ILLINOISCAPACITOR-CKR Datasheet
287Kb / 3P
   Small size - High voltage - General purpose
226CKH050M ILLINOISCAPACITOR-226CKH050M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
476CKS035M ILLINOISCAPACITOR-476CKS035M Datasheet
389Kb / 3P
   Small Size - High Voltage - General Purpose
108CKE025M ILLINOISCAPACITOR-108CKE025M Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com