Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

397LMX450M2DH Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 397LMX450M2DH
Description  Multiple Case Sizes - High Voltage ??High Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

397LMX450M2DH Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  397LMX450M2DH Datasheet HTML 1Page - Illinois Capacitor, Inc. 397LMX450M2DH Datasheet HTML 2Page - Illinois Capacitor, Inc. 397LMX450M2DH Datasheet HTML 3Page - Illinois Capacitor, Inc. 397LMX450M2DH Datasheet HTML 4Page - Illinois Capacitor, Inc. 397LMX450M2DH Datasheet HTML 5Page - Illinois Capacitor, Inc. 397LMX450M2DH Datasheet HTML 6Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
Multiple Case Sizes - High Voltage High Current
APPLICATIONS
Bulk Filtering Switching Power Supplies
Operating Temperature Range
-40°C to +105°C (<100WVDC)
-25°C to +105°C (>160WVDC)
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
SVDC
13
20
32
44
63
79
100
120
200
250
300
400
450
500
Dissipation
Factor
tan δ
(120 Hz)
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
.6
.45
.3
.25
.2
.15
.15
.15
.15
.15
.15
.15
.2
.2
For capacitances above 33000uF, add to DF value (Capacitance-33000) *0.1
10000
Leakage Current
@20°C, Rated WVDC applied
Time
5 Minutes
3√CV
Impedance Ratio
(120 Hz)
WVDC
10
16
25
35
50
63
80
100
160 200
250
350
400
450
-25°C/+20°C
6
6
6
6
4
3
3
3
8
8
8
8
8
8
-40°C/+20°C
15
15
15
15
15
15
15
-
-
-
-
-
-
Load Life
5000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance Change
<20% of initial measured value
Dissipation Factor
<200% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current
Multipliers
Frequency (Hz)
Temperature (°C)
WVDC
60
120
400
1k
10k
50k
45
65
75
85
105
<100
0.9
1.0
1.0
1.15
1.25
1.25
2.4
2.1
1.9
1.7
1
160<V<250
0.8
1.0
1.0
1.25
1.47
1.47
2.4
2.1
1.9
1.7
1
>350
0.8
1.0
1.0
1.3
1.47
1.47
2.4
2.1
1.9
1.7
1


Similar Part No. - 397LMX450M2DH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
397LMX450M2DH ILLINOISCAPACITOR-397LMX450M2DH Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
More results

Similar Description - 397LMX450M2DH

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
LMH ILLINOISCAPACITOR-LMH Datasheet
402Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
LBA ILLINOISCAPACITOR-LBA Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
LBB ILLINOISCAPACITOR-LBB Datasheet
342Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
LMB ILLINOISCAPACITOR-LMB Datasheet
428Kb / 7P
   Multiple Case Sizes - High Voltage ??High Current
157LBB450M2CE ILLINOISCAPACITOR-157LBB450M2CE Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
159LBB035M2CH ILLINOISCAPACITOR-159LBB035M2CH Datasheet
478Kb / 5P
   Multiple Case Sizes - High Voltage ??High Current
477LBA200M2BF ILLINOISCAPACITOR-477LBA200M2BF Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
226KXM050M ILLINOISCAPACITOR-226KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
477KXM050M ILLINOISCAPACITOR-477KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
474RZM050M ILLINOISCAPACITOR-474RZM050M_16 Datasheet
87Kb / 2P
   Low ESR - High Ripple Current ??Multiple case sizes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com