Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

256MARA02KR Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 256MARA02KR
Description  Small size ??Good dvdt ??Medium current
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

256MARA02KR Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  256MARA02KR Datasheet HTML 1Page - Illinois Capacitor, Inc. 256MARA02KR Datasheet HTML 2Page - Illinois Capacitor, Inc. 256MARA02KR Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Small size Good dvdt Medium current
APPLICATIONS
General purpose AC/DC AC/DC motor controls Switching
Power Supplies
Operating Temperature Range
-40°C to +85°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
WVDC
370
500
600
700
800
SVDC
470
625
750
875
1050
Peak, AC voltage
(50/60 Hz)
VAC
160
275/320
320/400
400/440
400/500
C<2.5uF
2.5<C<20uF
C>20uF
Dissipation Factor (MAX)
Tan
δ
at 1 kHz and 25°C
.0007
.0012
.0016
Insulation Resistance
@25°C (<70% RH)for 1 minute
at 100VDC applied
15000 MΩxuF
Self Inductance
<1 nano-Henry per mm of body length and lead length
Terminal to Terminal
Terminal to Case
Dielectric Strength
200% of VDC or VAC applied for
10 Seconds and 25°C
3kVAC (50/60 Hz) applied
for 60 Seconds and 25°C
56 days with no voltage applied at +40C and 93%(+2%) relative humidity
Capacitance Change
<+2% of initially measured value
Dissipation Factor
<.001 at 1 kHz for C>0.1uF
Damp Heat
Insulation Resistance
>50% of minimum specified value
WVDC
370
500
600
700
800
VAC
160
200
275
320
320
400
400
440
400
500
Reliability
Hours
10000
1000
10000
1000
10000
3000
10000
1000
10000
1000
Failure quota
500/10
9 component hours
Construction
metallized film
Coating
Flame Retardant Polyester tape wrap (UL510)with epoxy end fill(UL94V0)
Lead terminations
Lead free tinned copper leads
WVDC
370
500
600
700
800
uF
C<5
5<C<10
C>10
C<3.3
3.3<C<6.8
C>6.8
C<2.5
2.5<C<5
C>4
C<1.5
1.5,C<4
C>4
C<1.2
1.2<C<4
C>4
d
.8
1.0
1.2
.8
1.0
1.2
.8
1.0
1.2
.8
1.0
1.2
.8
1.0
1.2


Similar Part No. - 256MARA02KR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
256MARA02KR ILLINOISCAPACITOR-256MARA02KR Datasheet
383Kb / 4P
   Axial Leaded Metallized Polypropylene Film
More results

Similar Description - 256MARA02KR

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
PPS ILLINOISCAPACITOR-PPS Datasheet
319Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with temperature
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
logo
Ningbo songle relay co....
SQ6 SONGLERELAY-SQ6 Datasheet
3Mb / 2P
   Small size, high contact current
logo
Laird Tech Smart Techno...
CMX1211 LSTD-CMX1211 Datasheet
3Mb / 2P
   Small size with high current
logo
Illinois Capacitor, Inc...
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
logo
Panasonic Battery Group
TX-TH PANASONICBATTERY-TX-TH Datasheet
62Kb / 4P
   Small size, controlled 7.5A inrush current possible
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
List of Unclassifed Man...
NPI52W151MTRF ETC2-NPI52W151MTRF Datasheet
92Kb / 4P
   HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com