Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM350AT Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM350AT
Description  3-Amp Adjustable Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM350AT Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM350AT Datasheet HTML 1Page - National Semiconductor (TI) LM350AT Datasheet HTML 2Page - National Semiconductor (TI) LM350AT Datasheet HTML 3Page - National Semiconductor (TI) LM350AT Datasheet HTML 4Page - National Semiconductor (TI) LM350AT Datasheet HTML 5Page - National Semiconductor (TI) LM350AT Datasheet HTML 6Page - National Semiconductor (TI) LM350AT Datasheet HTML 7Page - National Semiconductor (TI) LM350AT Datasheet HTML 8Page - National Semiconductor (TI) LM350AT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 4)
Power Dissipation
Internally Limited
Input-Output Voltage Differential
+35V
Storage Temperature
−65˚C to +150˚C
Lead Temperature
Metal Package (Soldering, 10 sec.)
Plastic Package (Soldering, 4 sec.)
300˚C
260˚C
ESD Tolerance
TBD
Operating Temperature Range
LM150
−55˚C
≤ T
J ≤ +150˚C
LM350A
−40˚C
≤ T
J ≤ +125˚C
LM350
0˚C
≤ T
J ≤ +125˚C
Electrical Characteristics
Specifications with standard type face are for T
J= 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN−VOUT= 5V, and IOUT= 10 mA. (Note 2)
Parameter
Conditions
LM150
Units
Min
Typ
Max
Reference Voltage
3V
≤ (V
IN −VOUT) ≤ 35V,
1.20
1.25
1.30
V
10 mA
≤ I
OUT ≤ 3A, P ≤ 30W
Line Regulation
3V
≤ (V
IN −VOUT) ≤ 35V (Note 3)
0.005
0.01
%/V
0.02
0.05
%/V
Load Regulation
10 mA
≤ I
OUT ≤ 3A (Note 3)
0.1
0.3
%
0.3
1
%
Thermal Regulation
20 ms Pulse
0.002
0.01
%/W
Adjustment Pin Current
50
100
µA
Adjustment Pin Current Change
10 mA
≤ I
OUT ≤ 3A, 3V ≤ (VIN −VOUT) ≤ 35V
0.2
5
µA
Temperature Stability
T
MIN ≤ TJ ≤ TMAX
1
%
Minimum Load Current
V
IN −VOUT = 35V
3.5
5
mA
Current Limit
V
IN −VOUT ≤ 10V
3.0
4.5
A
V
IN −VOUT = 30V
0.3
1
A
RMS Output Noise, % of V
OUT
10 Hz
≤ f ≤ 10 kHz
0.001
%
Ripple Rejection Ratio
V
OUT = 10V, f = 120 Hz, CADJ = 0µF
65
dB
V
OUT = 10V, f = 120 Hz, CADJ = 10 µF
66
86
dB
Long-Term Stability
T
J = 125˚C, 1000 hrs
0.3
1
%
Thermal Resistance, Junction
K Package
1.2
1.5
˚C/W
to Case
Thermal Resistance, Junction
K Package
35
˚C/W
to Ambient (No Heat Sink)
Electrical Characteristics
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN −VOUT = 5V, and IOUT = 10 mA. (Note 2)
Parameter
Conditions
LM350A
LM350
Units
Min
Typ
Max
Min
Typ
Max
Reference Voltage
I
OUT = 10 mA, TJ = 25˚C
1.238 1.250 1.262
V
3V
≤ (V
IN −VOUT) ≤ 35V,
1.225 1.250 1.270
1.20
1.25
1.30
V
10 mA
≤ I
OUT ≤ 3A, P ≤ 30W
Line Regulation
3V
≤ (V
IN −VOUT) ≤ 35V (Note 3)
0.005
0.01
0.005
0.03
%/V
0.02
0.05
0.02
0.07
%/V
Load Regulation
10 mA
≤ I
OUT ≤ 3A (Note 3)
0.1
0.3
0.1
0.5
%
0.3
1
0.3
1.5
%
Thermal Regulation
20 ms Pulse
0.002
0.01
0.002
0.03
%/W
Adjustment Pin Current
50
100
50
100
µA
Adjustment Pin Current
Change
10 mA
≤ I
OUT ≤ 3A, 3V ≤ (VIN −VOUT) ≤
35V
0.2
5
0.2
5
µA
www.national.com
2


Similar Part No. - LM350AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM350AT TI1-LM350AT Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM350AT TI1-LM350AT Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM350AT/NOPB TI1-LM350AT/NOPB Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM350AT/NOPB TI1-LM350AT/NOPB Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
More results

Similar Description - LM350AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
LM350-N TI-LM350-N Datasheet
2Mb / 21P
[Old version datasheet]   LM150/LM350A/LM350 3-Amp Adjustable Regulators
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
LM338-MIL TI1-LM338-MIL Datasheet
2Mb / 28P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
PT6300 TI-PT6300 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com