Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5411YI-50-TE13 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5411YI-50-TE13
Description  Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5411YI-50-TE13 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5411YI-50-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT5411YI-50-TE13 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
CAT5411
Document No. 2114, Rev. F
Test
SYMBOL
PARAMETER
Min
Typ
Max
UNITS
Conditions
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tWH
SCK High Time
125
ns
tWL
SCK Low Time
125
ns
fSCK
Clock Frequency
DC
3
MHz
tLZ
HOLD to Output Low Z
50
ns
tRI(1)
Input Rise Time
2
µs
tFI(1)
Input Fall Time
2
µs
tHD
HOLD Setup Time
100
ns
tCD
HOLD Hold Time
100
ns
tWC
Write Cycle Time
10
ms
tV
Output Valid from Clock Low
250
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
250
ns
tHZ
HOLD to Output High Z
100
ns
tCS
CS High Time
250
ns
tCSS
CS Setup Time
250
ns
tCSH
CS Hold Time
250
ns
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
POWER UP TIMING (1)
Over recommended operating conditions unless otherwise stated.
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
A.C. CHARACTERISTICS
Over recommended operating conditions unless otherwise stated.
CL = 50pF


Similar Part No. - CAT5411YI-50-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411YI-50-T1 CATALYST-CAT5411YI-50-T1 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5411YI-50-T2 ONSEMI-CAT5411YI-50-T2 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
CAT5411YI-50-T2 ONSEMI-CAT5411YI-50-T2 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
More results

Similar Description - CAT5411YI-50-TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411_07 Datasheet
279Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP TM) with 64 Taps and SPI Interface
CAT5401 CATALYST-CAT5401_07 Datasheet
331Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401 Datasheet
244Kb / 15P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2012 Rev. J
logo
Catalyst Semiconductor
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5411WI-25 ONSEMI-CAT5411WI-25 Datasheet
269Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. K
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com