Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

205PPS102KD29 Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 205PPS102KD29
Description  High dvdt ??Good Pulse Current ??Stable with temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

205PPS102KD29 Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  205PPS102KD29 Datasheet HTML 1Page - Illinois Capacitor, Inc. 205PPS102KD29 Datasheet HTML 2Page - Illinois Capacitor, Inc. 205PPS102KD29 Datasheet HTML 3Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PPS
High Voltage, high dvdt Axial
Lead
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
1
1000
105PPS102K
225
13
3.9
24.5x46
1
1200
105PPS122K
255
13.5
4.1
27.5x46
1
1500
105PPS152K
320
14
3.3
33.5x46
1
1500 105PPS152KD29
235
14
4.5
29x55
1
1500
105PPS152KS
175
13.5
5.1
28x59
1
2000
105PPS202KS
225
14
4.3
33.5x59
1
2000
105PPS202K
300
14
3.8
35.5x55
1
2500
105PPS252KS
280
14
3.9
42x59
1.2
1200
125PPS122K
255
14
3.7
30x46
1.2
1500
125PPS152K
235
14
4
31.5x55
1.2
1500
125PPS152KS
175
14
4.5
28x59
1.3
2000
135PPS202K
300
14
3.3
40.5x55
1.3
2000
135PPS202KS
225
14
3.7
38x59
1.5
700
155PPS700KD21
130
10.5
4.3
21x46
1.5
700
155PPS700K
185
10.5
3.5
25x34
1.5
850
155PPS850K
200
14
3.5
25.5x46
1.5
1000 155PPS102KD25
165
14
4.1
25.5x55
1.5
1000
155PPS102K
225
14
3.1
29.5x46
1.5
1000
155PPS102KS
135
13
4.7
24.5x59
1.5
1200
155PPS122KS
150
14
4.2
27x59
1.5
1200
155PPS122K
255
14
3.2
33.5x46
1.5
1200 155PPS122KD29
190
14
3.7
29x55
1.5
1500
155PPS152K
235
14
3.5
35.5x55
1.5
1500
155PPS152KS
175
14
3.9
33.5x59
1.5
2000
155PPS202KS
225
14
3.5
40.5x59
2
700
205PPS700KN
130
10.5
4
24x46
2
850
205PPS850K
200
14
2.9
29x46
2
1000
205PPS102K
225
14
2.6
33x46
2
1000 205PPS102KD29
165
14
3.5
29x55
2
1000
205PPS102KS
135
14
3.9
27.5x59
2
1200
205PPS122KS
150
14
3.6
31x59
2
1200
205PPS122K
190
14
3.2
33x55
2
1500
205PPS152K
235
14
3
40.5x55
2
1500
205PPS152KS
175
14
3.3
38x59
2.2
700
225PPS700K
130
10.5
3.9
25x46
2.2
850
225PPS850K
200
14
2.9
30x46
2.2
850
225PPS850KR
125
14
3.8
26.5x55
2.2
850
225PPS850KS
110
14
4.3
25x59
2.2
1000
225PPS102KS
135
14
3.8
28.5x59
2.2
1000
225PPS102K
165
14
3.4
30.5x55
2.2
1200
225PPS122K
190
14
3
34.5x55
2.2
1200
225PPS122KS
150
14
3.4
32.5x59
2.2
1500
225PPS152KR
235
14
2.9
41.5x55
2.2
1500
225PPS152KS
175
14
3.2
40x59
2.5
700
255PPS700K
130
14
3.5
26.5x46
2.5
850
255PPS850K
200
14
2.7
32x46
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(v/µ sec.)
Maximum
RMS Ripple
Current (A)
100 kHz,
+70°C
Typical
ESR (mΩ)
100 kHz,
+25°C
Dims DxL
(mm)
2.5
850
255PPS850KS
110
14
4.1
26.5x59
2.5
850
255PPS850KD28
125
12
3.6
28x55
2.5
1000
255PPS102KS
135
14
3.5
31x59
2.5
1000
255PPS102K
165
14
3.1
33x55
2.5
1200
255PPS122K
190
14
2.7
36.5x55
2.5
1200
255PPS122KS
150
14
3
34.5x59
3
700
305PPS700KN
130
14
3.3
29x46
3
850
305PPS850KS
110
14
3.6
29x59
3
850
305PPS850K
200
14
2.4
34.5x46
3
850
305PPS850KD30
125
14
3.2
30.5x55
3
1000
305PPS102KR
165
14
2.8
35.5x55
3
1000
305PPS102KS
135
14
3.1
33x59
3
1200
305PPS122KS
150
14
2.7
37.5x59
3
1200
305PPS122K
190
14
2.4
40x55
3.3
700
335PPS700K
130
14
3.1
30x46
3.3
700
335PPS700KD26
110
14
3.9
26.5x55
3.3
700
335PPS700KS
90
13.5
4.4
25x59
3.3
850
335PPS850KS
110
14
3.5
30x59
3.3
850
335PPS850K
125
14
3.1
32x55
3.3
1000
335PPS102K
165
14
2.7
36.5x55
3.3
1000
335PPS102KS
135
14
3
34.5x59
3.3
1200
335PPS122KS
150
14
2.6
39x59
3.3
1200
335PPS122K
190
14
2.3
41.5x55
4
700
405PPS700KD28
110
14
3.6
28.5x55
4
700
405PPS700K
130
14
2.8
32.5x46
4
700
405PPS700KS
90
14
4.1
27x59
4
850
405PPS850KS
110
14
3.1
33x59
4
850
405PPS850K
125
14
2.8
35x55
4
1000
405PPS102K
165
14
2.4
40x55
4
1000
405PPS102KS
135
14
2.7
38x59
4.7
700
475PPS700KS
90
14
3.7
29x59
4.7
700
475PPS700K
110
14
3.3
31x55
4.7
850
475PPS850K
125
14
2.5
37x55
4.7
850
475PPS850KS
110
14
2.8
35.5x59
4.7
1000
475PPS102KS
135
14
2.4
40.5x59
5
700
505PPS700K
110
14
3.2
32x55
5
700
505PPS700KS
90
14
3.6
30x59
5
850
505PPS850KS
110
14
2.7
36.5x59
5
850
505PPS850K
125
14
2.4
38x55
5.6
850
565PPS850K
125
12
2.2
40.5x55
6.8
700
685PPS700K
110
14
2.7
37x55
6.8
700
685PPS700KS
90
14
3.1
34.5x59
6.8
850
685PPS850KS
110
14
2.3
41.5x59
8.2
700
825PPS700KS
90
14
2.7
38x59
8.2
700
825PPS700K
110
14
2.4
40.5x55
10
700
106PPS700KS
90
14
2.5
41.5x59


Similar Part No. - 205PPS102KD29

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
205PPS102KD29 ILLINOISCAPACITOR-205PPS102KD29 Datasheet
386Kb / 5P
   Metallized Polypropylene Film Capacitors for Power Semiconductor Circuits
More results

Similar Description - 205PPS102KD29

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PPA ILLINOISCAPACITOR-PPA Datasheet
316Kb / 3P
   High dvdt ??Good Pulse Current ??Stable with
MAR ILLINOISCAPACITOR-MAR Datasheet
229Kb / 3P
   Small size ??Good dvdt ??Medium current
PHB ILLINOISCAPACITOR-PHB Datasheet
273Kb / 6P
   High Current - High voltage ??Good Pulse Current rating
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
   Small size ??Good dvdt ??EN60252-1 rated
logo
Unisonic Technologies
M54223L-D08-T UTC-M54223L-D08-T Datasheet
260Kb / 8P
   With good input sensitivity current temperature characteristics
logo
Illinois Capacitor, Inc...
MPR ILLINOISCAPACITOR-MPR Datasheet
202Kb / 2P
   Small size ??Low ESR ??Good Pulse Capabilities ??Stable
PMC ILLINOISCAPACITOR-PMC Datasheet
549Kb / 4P
   High current ??High dvdt ??multiple lug styles
277ULR6R3MDY ILLINOISCAPACITOR-277ULR6R3MDY Datasheet
333Kb / 3P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
UVR ILLINOISCAPACITOR-UVR Datasheet
177Kb / 2P
   High temperature ??Very Low ESR ??High ripple current ??stable with temperature ??High frequency
107UVR6R3MEW ILLINOISCAPACITOR-107UVR6R3MEW Datasheet
259Kb / 2P
   High Temperature ??Very Low ESR ??High Ripple Current ??Stable with Temperature ??High Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com