Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65640-LFXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C65640-LFXC
Description  TetraHub High-speed USB Hub Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65640-LFXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C65640-LFXC Datasheet HTML 7Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 8Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 9Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 10Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 11Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 12Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 13Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 14Page - Cypress Semiconductor CY7C65640-LFXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
CY7C65640
Document #: 38-08019 Rev. *E
Page 11 of 27
6.0
Pin Description Table
Table 6-1 below displays the pin assignments for the CY7C65640.
Table 6-1. Pin Assignments
Pin
Name
Type
Default
Description
3
VCC
Power
N/A
VCC. This signal provides power to the chip.
7
VCC
Power
N/A
VCC. This signal provides power to the chip.
11
VCC
Power
N/A
VCC. This signal provides power to the chip.
15
VCC
Power
N/A
VCC. This signal provides power to the chip.
19
VCC
Power
N/A
VCC. This signal provides power to the chip.
23
VCC
Power
N/A
VCC. This signal provides power to the chip.
27
VCC
Power
N/A
VCC. This signal provides power to the chip.
33
VCC
Power
N/A
VCC. This signal provides power to the chip.
39
VCC
Power
N/A
VCC. This signal provides power to the chip.
45
VCC
Power
N/A
VCC. This signal provides power to the chip.
55
VCC
Power
N/A
VCC. This signal provides power to the chip.
4
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
8
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
12
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
16
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
20
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
24
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
28
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
34
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
40
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
47
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
50
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
56
GND
Power
N/A
GND. Connect to Ground with as short a path as possible.
21
XIN
Input
N/A
24-MHz Crystal IN or External Clock Input.
22
XOUT
Output
N/A
24-MHz Crystal OUT.
46
RESET#
Input
N/A
Active LOW Reset. This pin resets the entire chip. It is normally tied to VCC
through a 100K resistor, and to GND through a 0.1-µF capacitor. Other than
this, no other special power-up procedure is required.
26
BUSPOWER
Input
N/A
VBUS. Connect to the VBUS pin of the upstream connector. This signal
indicates to the hub that it is in a powered state, and may enable the D+ pull-up
resistor to indicate a connection. (The hub will do so after the external
EEPROM is read, unless it is put into a high-speed mode by the upstream
hub). The hub can not be bus powered, and the VBUS signal must not be
used as a power source.
SPI INTERFACE
25
SPI_CS
O
O
SPI Chip Select. Connect to CS pin of the EEPROM.
48
SPI_SCK
O
O
SPI Clock. Connect to EEPROM SCK pin.
49
SPI_SD
I/O/Z
Z
SPI Dataline Connect to GND with 15-K
Ω resistor and to the Data I/O pins
of the EEPROM.
UPSTREAM PORT
17
D–
I/O/Z
Z
Upstream D– Signal.
18
D+
I/O/Z
Z
Upstream D+ Signal.
DOWNSTREAM PORT 1
13
DD–[1]
I/O/Z
Z
Downstream D– Signal.


Similar Part No. - CY7C65640-LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
CY7C65640A-LFXC CYPRESS-CY7C65640A-LFXC Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
CY7C65640A-LFXC CYPRESS-CY7C65640A-LFXC Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
More results

Similar Description - CY7C65640-LFXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65640A CYPRESS-CY7C65640A_09 Datasheet
762Kb / 23P
   TetraHub??High Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A Datasheet
910Kb / 21P
   TetraHub??High-Speed USB Hub Controller
CY7C65640A CYPRESS-CY7C65640A_11 Datasheet
831Kb / 25P
   TetraHub??High Speed USB Hub Controller
logo
Microchip Technology
USB3803 MICROCHIP-USB3803 Datasheet
1Mb / 99P
   USB 2.0 High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
   USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
   USB 2.0 Hi-Speed Hub Controller
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
   USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com