Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG458DJ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG458DJ
Description  Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG458DJ Datasheet(HTML) 2 Page - Vishay Siliconix

  DG458DJ Datasheet HTML 1Page - Vishay Siliconix DG458DJ Datasheet HTML 2Page - Vishay Siliconix DG458DJ Datasheet HTML 3Page - Vishay Siliconix DG458DJ Datasheet HTML 4Page - Vishay Siliconix DG458DJ Datasheet HTML 5Page - Vishay Siliconix DG458DJ Datasheet HTML 6Page - Vishay Siliconix DG458DJ Datasheet HTML 7Page - Vishay Siliconix DG458DJ Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DG458/459
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-2
Document Number: 70064
S-52433—Rev. F, 06-Sep-99
TRUTH TABLES AND ORDERING INFORMATION
TRUTH TABLE
DG458
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
1
0
0
1
1
2
0
1
0
1
3
0
1
1
1
4
1
0
0
1
5
1
0
1
1
6
1
1
0
1
7
1
1
1
1
8
TRUTH TABLE
DG459
A1
A0
EN
On Switch
X
X
0
None
0
0
1
1
0
1
1
2
1
0
1
3
1
1
1
4
Logic “0” = VAL v 0.8 V
Logic “1” = VAH w 2.4 V
X = Don’t Care
ORDERING INFORMATION
Temp Range
Package
Part Number
–40 to 85
_C
16-Pin Plastic DIP
DG458DJ
–40 to 85
_C
16-Pin Plastic DIP
DG459DJ
55
125 C
16-Pin CerDIP
DG458AK/883
–55 to 125
_C
16-Pin CerDIP
DG459AK/883
–55 to 125
_C
LCC-20
DG458AZ/883
LCC-20
DG459AZ/883
*Block Diagram and Pin Configuration not shown.
ABSOLUTE MAXIMUM RATINGS
V+ to V–
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V+ to GND
22 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
V– to GND
–25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VEN, VA Digital Input
(V–) –4 V to (V+) +4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
VS, Analog Input Overvoltage
with Power On
(V–) –20 V to (V+) +20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VS, Analog Input Overvoltage
with Power Off
–35 V to +35 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current, S or D
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current, S or D
(Pulsed at 1 ms, 10% Duty Cycle Max)
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
(AK Suffix)
–65 to 150
_C
. . . . . . . . . . . . . . . . . .
(DJ Suffix)
–65 to 125
_C
. . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
16-Pin Plastic DIPb
600 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin CerDIPc
1000 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
LCC-20d
1000 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
All leads soldered or welded to PC board.
b.
Derate 6.3 mW/
_C above 25_C.
c.
Derate 12 mW/
_C above 75_C.
d.
Derate 10 mW/
_C above 75_C.


Similar Part No. - DG458DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458DJ VISHAY-DG458DJ Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458DJ VISHAY-DG458DJ Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458DJ VISHAY-DG458DJ Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458DJ-E3 VISHAY-DG458DJ-E3 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458DJ-E3 VISHAY-DG458DJ-E3 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
More results

Similar Description - DG458DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG458 VISHAY-DG458_V01 Datasheet
162Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
02-Oct-12
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG428 VISHAY-DG428_08 Datasheet
151Kb / 12P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com