Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCQ75 Datasheet(PDF) 5 Page - XP Power Limited

Part # RCQ75
Description  RCQ75 Series DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCQ75 Datasheet(HTML) 5 Page - XP Power Limited

  RCQ75 Datasheet HTML 1Page - XP Power Limited RCQ75 Datasheet HTML 2Page - XP Power Limited RCQ75 Datasheet HTML 3Page - XP Power Limited RCQ75 Datasheet HTML 4Page - XP Power Limited RCQ75 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RCQ75 Series
www.xppower.com
DC-DC Converter
5
RCQ75
-Vin
L1
C1
C4
C6
+Vin
+Vout
C3
C5
TRIM DOWN
TRIM UP
+SENSE
-SENSE
TRIM
+SENSE
-SENSE
TRIM
10 kOhms
TRIMPOT
Application Notes
Class
C1
C3
C4
C5
C6
L1
Class A
CHEMI-CON KXG Series
68µF/200V
2200pF/3kV
2200pF/3kV
2200pF/3kV
2200pF/3kV
450µH
Models
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
Voutx0.99
Voutx0.98
Voutx0.97
Voutx0.96
Voutx0.95
Voutx0.94
Voutx0.93
Voutx0.92
Voutx0.91
Voutx0.90
5V
138.88 k
62.41 k
36.92 k
24.18 k
16.53 k
11.44 k
7.79 k
5.06 k
2.94 k
1.24 k
12V
413.55 k
184.55 k
108.22 k
70.05 k
47.15 k
31.88 k
20.98 k
12.80 k
6.44 k
1.35 k
15V
530.73 k
238.61 k
141.24 k
92.56 k
63.35 k
43.87 k
29.96 k
19.53 k
11.41 k
4.92 k
24V
598.66 k
267.78 k
157.49 k
102.34 k
69.25 k
47.19 k
31.44 k
19.62 k
10.43 k
3.08 k
External Output Trimming
EMI Filter for Conducted Emissions
Trim Down Resistor Values (Rd)
Models
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
Voutx1.01
Voutx1.02
Voutx1.03
Voutx1.04
Voutx1.05
Voutx1.06
Voutx1.07
Voutx1.08
Voutx1.09
Voutx1.10
5V
106.87 k
47.76 k
28.06 k
18.21 k
12.30 k
8.36 k
5.55 k
3.44 k
1.79 k
0.48 k
12V
351.00 k
157.50 k
93.00 k
60.75 k
41.40 k
28.50 k
19.29 k
12.37 k
7.00 k
2.70 k
15V
422.77 k
189.89 k
112.26 k
73.44 k
50.15 k
34.63 k
23.54 k
15.22 k
8.75 k
3.58 k
24V
487.14 k
218.02 k
128.31 k
83.46 k
56.55 k
38.61 k
25.79 k
16.18 k
8.70 k
2.72 k
Trim Down Resistor Values (Ru)
15 Feb 16


Similar Part No. - RCQ75

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RCQ50 XPPOWER-RCQ50 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S05 XPPOWER-RCQ50110S05 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S12 XPPOWER-RCQ50110S12 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S15 XPPOWER-RCQ50110S15 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S24 XPPOWER-RCQ50110S24 Datasheet
493Kb / 5P
   DC-DC Converter
More results

Similar Description - RCQ75

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
   VBD20 Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com