Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBM200PS12-C Datasheet(PDF) 1 Page - XP Power Limited

Part # PBM200PS12-C
Description  200 Watts PBM200 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PBM200PS12-C Datasheet(HTML) 1 Page - XP Power Limited

  PBM200PS12-C Datasheet HTML 1Page - XP Power Limited PBM200PS12-C Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
200 Watts
Worldwide Medical Approvals
Single, Dual, Triple and Quad Outputs
Power Fail Detect
Remote On/Off
UChannel and Enclosed Versions
100 Watt Convectioncooled Rating
3 Year Warranty
PBM200 Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 3.2 A rms at 115 VAC,
1.6 A rms at 230 VAC
Inrush Current
• 20 A at 115 VAC, 40 A at 230 VAC
cold start 25 °C
Power Factor
• 0.98 typical
Earth Leakage Current
• 90 µA max at 115 VAC/60 Hz
150 µA max at 230 VAC/50 Hz
Input Protection
• Internal T4 A/250 V in line and neutral
Output
Output Voltage
• See table
Output Voltage Trim
• Not user-adjustable
Initial Set Accuracy
• ±2%
Minimum Load
• See table & note 5
Start Up Delay
• 2 s max
Start Up Rise Time
• 18 ms typical
Hold Up Time
• 20 ms minimum at full load & 110 VAC
Drift
• ±0.2%
Line Regulation
• ±0.5% max
Load Regulation
• See note 7
Transient Response
• 4% max deviation, recovery to within
1% in 500 µs for a 25% load change
Ripple & Noise
• 2% max pk-pk, 20 MHz bandwidth with
a 22 µF electrolytic & a 0.47 µF tantalum
capacitor
Overvoltage Protection
• 112-140% Vnom output 1 only, recycle
input to reset
Overtemperature
• Shutdown at +85 °C (singles) or +105 °C
Protection
(multi outputs) with auto recovery,
measured internally
Overload Protection
• 110-150% typical, auto recovery
Short Circuit Protection
• Trip and restart (Hiccup mode)
Temperature
• 0.04%/°C
Coefficient
Remote Sense
• Single output models only.
Compensates for up to 0.5 V drop
Remote On/Off
• On = Logic low or open circuit
Off = Logic high
xppower.com
General
Efficiency
• 80% maximum
Isolation
• 4000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• 100 kHz ±12 kHz
Signals
• Power fail detect, remote on/off
Power Density
• 4.76 W/In3
Power Fail Detect
AC OK = TTL logic high
AC not OK = TTL logic low
MTBF
• 350 kHrs to MIL-HDBK-217F at
+25 °C, GB
Environmental
Operating Temperature
• 0 °C to +70 °C, derate linearly from 100%
power at +50 °C to 50% power at +70 °C
Cooling
• ‘C’ versions have internal fan,
‘B’ versions are derated with convection
cooling or require 25 CFM (see note 4)
Operating Humidity
• Up to 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 2500 m
Shock
• Half sine pulse. acceleration 50 g, 11 ms
duration, 3 shocks in each direction,
unpackaged, non-operating
Vibration
• Sinusoidal 10-55 Hz, amplitude 0.15 mm,
30 min/axis, unpackaged, non-operating
EMC & Safety
Emissions
• EN55011 & FCC Class B conducted
& radiated
Harmonic Currents
• EN61000-3-2, Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6 3 V, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, >95% 5000 ms,
Perf Criteria A, B, B
Safety Approvals
• EN60601-1, UL60601-1,
CSA22.2 No. 601-1 per cUL


Similar Part No. - PBM200PS12-C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM200PS12-C XPPOWER-PBM200PS12-C Datasheet
182Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - PBM200PS12-C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ202-M EMERSON-NETWORKPOWER-LPQ202-M Datasheet
829Kb / 3P
   LPQ200-M Series 200 Watts
logo
Wall Industries,Inc.
LVSERIES WALL-LVSERIES Datasheet
266Kb / 4P
   50-200 Watts
logo
Vicor Corporation
VE-261-CY VICOR-VE-261-CY Datasheet
312Kb / 6P
   50 to 200 Watts
VI-BN2-CU VICOR-VI-BN2-CU Datasheet
712Kb / 6P
   50 to 200 Watts
VI-20B-CX VICOR-VI-20B-CX Datasheet
712Kb / 6P
   50 to 200 Watts
VE-2NZ-EV-F2 VICOR-VE-2NZ-EV-F2 Datasheet
712Kb / 6P
   50 to 200 Watts
logo
Powerbox
3303DS POWERBOX-3303DS Datasheet
91Kb / 1P
   60 - 200 WATTS LINEAR
logo
Vicor Corporation
VI-200 VICOR-VI-200_17 Datasheet
419Kb / 7P
   50 to 200 Watts
logo
List of Unclassifed Man...
S200-50 ETC-S200-50 Datasheet
156Kb / 3P
   200 WATTS - 50 VOLTS 30MHZ
logo
Artesyn Technologies
LPQ201-M ARTESYN-LPQ201-M Datasheet
1Mb / 3P
   Total Power: 100 - 200 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com