Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCQ7572S12 Datasheet(PDF) 1 Page - XP Power Limited

Part # RCQ7572S12
Description  RCQ75 Series DC-DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RCQ7572S12 Datasheet(HTML) 1 Page - XP Power Limited

  RCQ7572S12 Datasheet HTML 1Page - XP Power Limited RCQ7572S12 Datasheet HTML 2Page - XP Power Limited RCQ7572S12 Datasheet HTML 3Page - XP Power Limited RCQ7572S12 Datasheet HTML 4Page - XP Power Limited RCQ7572S12 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RCQ75 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Notes
1. Input currents measured at nominal input voltage.
2. Input current is typically 2.5 mA at nominal input voltage when output is turned off using remote on/off.
3. Add suffix “-HK” for optional heatsink.
• Regulated Single Output
• 72 & 110 VDC for Rail Applications
• Baseplate-cooled
• 3000 VAC Isolation
• Operating Temperature -40 °C to +105 °C
• Remote On/Off & Remote Sense
• Complies with EN50155 and IEC60571
• Meets EMC Standard EN50121-3-2
• Optional Heatsink
• 3 Year Warranty
Dimensions:
RCQ75:
2.28 x 1.45 x 0.50” (57.9 x 36.8 x 12.7 mm)
75 Watts
Models & Ratings
Input voltage
Output voltage
Output current
Input current(1,2)
Overvoltage
Protection
Maximum
capacitive load
Efficiency
Model number(3)
No load
Full load
43-101V
5 V
15.00 A
50 mA
1770 mA
6.2 V
25500 µF
89%
RCQ7572S05
12 V
6.25 A
45 mA
1130 mA
15.0 V
4400 µF
92%
RCQ7572S12
15 V
5.00 A
45 mA
1130 mA
18.0 V
2800 µF
92%
RCQ7572S15
24 V
3.125 A
55 mA
1145 mA
30.0 V
1100 µF
91%
RCQ7572S24
66-160V
5 V
15.00 A
40 mA
765 mA
6.2 V
25500 µF
89%
RCQ75110S05
12 V
6.25 A
35 mA
750 mA
15.0 V
4400 µF
91%
RCQ75110S12
15 V
5.00 A
35 mA
750 mA
18.0 V
2800 µF
91%
RCQ75110S15
24 V
3.125 A
50 mA
760 mA
30.0 V
1100 µF
90%
RCQ75110S24
2.00 (50.8)
2.28 (57.9)
0.16
(4.1) min
1.86 (47.2)
0.04 (1.00) DIA 6PLACES
0.06 (1.50) DIA 2PLACES
Mounting Inserts
M3x0.5 Through 4pl.
1
2
3
4
5
6
7
8
BOTTOM VIEW
Pin Connections
Pin
Function
1
+Vin
2
Remote On/Off
3
-Vin
4
-Vout
5
-Sense*
6
Trim
7
+Sense*
8
+Vout
Mechanical Details
* If remote sense not used the +sense should be
connected to +output and –sense should be
connected to –output. Maximum output deviation
is 10% inclusive of trim.


Similar Part No. - RCQ7572S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RCQ50 XPPOWER-RCQ50 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S05 XPPOWER-RCQ50110S05 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S12 XPPOWER-RCQ50110S12 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S15 XPPOWER-RCQ50110S15 Datasheet
493Kb / 5P
   DC-DC Converter
RCQ50110S24 XPPOWER-RCQ50110S24 Datasheet
493Kb / 5P
   DC-DC Converter
More results

Similar Description - RCQ7572S12

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PWR40XX CANDD-PWR40XX Datasheet
98Kb / 4P
   SERIES DC/DC CONVERTER
HPR100 CANDD-HPR100 Datasheet
59Kb / 4P
   SERIES DC/DC CONVERTER
logo
List of Unclassifed Man...
ML65 ETC1-ML65 Datasheet
1Mb / 10P
   ML65 Series DC-DC Converter
logo
XP Power Limited
ISE0303A XPPOWER-ISE0303A Datasheet
316Kb / 3P
   ISE Series DC-DC Converter
JHL0312S05 XPPOWER-JHL0312S05 Datasheet
425Kb / 3P
   JHL03 Series DC-DC Converter
JHL0612S05 XPPOWER-JHL0612S05 Datasheet
435Kb / 3P
   JHL06 Series DC-DC Converter
ITX0503SA XPPOWER-ITX0503SA Datasheet
297Kb / 3P
   ITX Series DC-DC Converter
logo
List of Unclassifed Man...
VBD20 ETC1-VBD20 Datasheet
134Kb / 2P
   VBD20 Series DC-DC Converter
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com