Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBM200PT01-C Datasheet(PDF) 2 Page - XP Power Limited

Part # PBM200PT01-C
Description  200 Watts PBM200 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PBM200PT01-C Datasheet(HTML) 2 Page - XP Power Limited

  PBM200PT01-C Datasheet HTML 1Page - XP Power Limited PBM200PT01-C Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-May-09
PBM200
Models and Ratings
Notes
1. For U-bracket format, replace suffix ‘-C’ with suffix ‘-B’.
2. Output 2 peak current is 12 A on +12 V, 9 A on +15 V, and 6 A on +24 V.
Maximum 2 s duration with total load <200 W.
3. Output 4 is floating and can be connected externally for positive or negative
output.
4. 200 W for ‘-C’ version with a cover and fan assembly. 100 W for ‘-B’ version
with convection cooling (maximum current of output 1 & 2 derated
to 50%). 200 W for ‘-B’ version with 25 CFM forced air provided by user.
5. Zero minimum load for outputs 2, 3 & 4. 10% minimum load required on
output 1 for all outputs to meet regulation.
6. When the Remote Sense facility is not used, +Sense must be connected to
+V, and –Sense to return, on P2 connector.
7. Total regulation includes initial tolerance, line regulation and load regulation.
8. Peak current for single output models is 110% of Imax. Maximum 2 s duration
with 10% duty cycle.
Mechanical Details
7.00 (177.8)
1.00
(25.4)
3.00
(76.2)
0.50
(12.7)
6.00 (152.4)
0.50
(12.7)
0.85
(21.6)
A
L
N
G
P2
P1
P4
1
1
P3
A
A
A
A
A
A
A
4.00
(101.6)
1.50
(38.1)
1.00
(25.4)
1
9
A: Mounting holes. Threaded inserts for M3 0.5 screws (8 places)
P5
B
B
B: Mounting holes. Threaded inserts for 6.32" screws (8 places)
B
B
B
B
B
B
0.65
(16.5)
2.30
(58.4)
1
Notes
1. Dimensions shown in inches (mm).
2. Tolerance 0.02 [0.5] maximum.
3. Input connector P1 is Dinkle DT-35-B01W-03, output connector
P2 is Dinkle DT-35-B01W-09 screws are M3, Nickel plated.
4. Connector P3 mates with Molex housing 22-01-1043 & Molex
40445 series crimp terminal.
5. Connectors P4 & P5 mate with Molex housing 22-01-1023 &
Molex 40445 series crimp terminal.
6. P4 is for DC fan rated at 24 V/0.2 A (models PBM200PD03 &
PD04), 5 V/0.38 A (PBM200PQ06), or 12 V/0.2 A (all other
models). Pin 1 Fan+, pin 2 Fan-.
7. P5 is for Remote On/Off. Pin 1 is positive, pin 2 is return.
8. Weight:1.83 lb (0.82kg) approx. for ‘-B’ version, 2.14 lb (0.96kg)
approx. for ‘-C’ version.
9. Maximum mounting screw length from surface of chassis
is 0.17 inch (4.3 mm)
Conn Pin
Model Number(s)
PSXX
PDXX
PTXX
(except 04)
PT04
PQXX
P2
1
-SENSE
OP1
OP1
OP1
OP1
2
Return
OP1
OP1
OP1
OP1
3
Return
Com Ret Com Ret Com Ret Com Ret
4
Return
Com Ret Com Ret Com Ret Com Ret
5
Return
Com Ret Com Ret Com Ret Com Ret
6
OP1
OP2
OP2
OP2
OP2
7
OP1
N.C.
OP3
N.C.
OP3
8
OP1
N.C.
N.C.
OP4 Ret OP4 Ret
9
+SENSE
N.C.
N.C.
OP4
OP4
P3
1
Fan
2
Com Ret
3
Com Ret
4
PFD
PFD
PFD
PFD
PFD
Output
Power(4)
Output 1(8)
Output 2(2,5)
Output 3(5)
Output 4(3,5)
Model
Number(1)
Vnom
Imin(5)
Imax
Reg(7)
Vnom
Imax
Reg(7)
Vnom
Imax
Reg(7)
Vnom
Imax
Reg(7)
150 W
3.3 V
3.0 A
46.0 A
3%
PBM200PS3V3-C
175 W
5.1 V
3.0 A
35.0 A
2%
PBM200PS05-C
200 W
12.0 V
1.2 A
16.7 A
2%
PBM200PS12-C
200 W
15.0 V
1.0 A
13.4 A
2%
PBM200PS15-C
200 W
24.0 V
0.6 A
8.4 A
2%
PBM200PS24-C
200 W
30.0 V
0.5 A
6.7 A
2%
PBM200PS30-C
200 W
48.0 V
0.5 A
4.2 A
2%
PBM200PS48-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
PBM200PD01-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+15 V
6.0 A
4%
PBM200PD02-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+24 V
4.0 A
4%
PBM200PD03-C
200 W +12.0 V
1.0 A
8.7 A
2%
+24 V
4.0 A
4%
PBM200PD04-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
-5 V
6.0 A
4%
PBM200PT01-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
-12 V
4.0 A
4%
PBM200PT02-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+15 V
6.0 A
4%
-15 V
4.0 A
4%
PBM200PT03-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
F 24 V
4.0 A
4%
PBM200PT04-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+15 V
6.0 A
4%
-12 V
4.0 A
4%
PBM200PT05-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
-12 V
4.0 A
4%
F 5 V
6.0 A
4%
PBM200PQ01-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+15 V
6.0 A
4%
-15 V
4.0 A
4%
F 24 V
4.0 A
4%
PBM200PQ02-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
-12 V
4.0 A
4%
F 12 V
4.0 A
4%
PBM200PQ03-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
-15 V
4.0 A
4%
F 15 V
4.0 A
4%
PBM200PQ04-C
200 W
+5.1 V
3.0 A
30.0 A
2%
+12 V
8.0 A
4%
-12 V
4.0 A
4%
F 24 V
4.0 A
4%
PBM200PQ05-C
175 W
+3.3 V
3.0 A
30.0 A
3%
+5.1 V
8.0 A
4%
-12 V
4.0 A
4%
F 12 V
4.0 A
4%
PBM200PQ06-C


Similar Part No. - PBM200PT01-C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBM200PT01-C XPPOWER-PBM200PT01-C Datasheet
182Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - PBM200PT01-C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPQ202-M EMERSON-NETWORKPOWER-LPQ202-M Datasheet
829Kb / 3P
   LPQ200-M Series 200 Watts
logo
Wall Industries,Inc.
LVSERIES WALL-LVSERIES Datasheet
266Kb / 4P
   50-200 Watts
logo
Vicor Corporation
VE-261-CY VICOR-VE-261-CY Datasheet
312Kb / 6P
   50 to 200 Watts
VI-BN2-CU VICOR-VI-BN2-CU Datasheet
712Kb / 6P
   50 to 200 Watts
VI-20B-CX VICOR-VI-20B-CX Datasheet
712Kb / 6P
   50 to 200 Watts
VE-2NZ-EV-F2 VICOR-VE-2NZ-EV-F2 Datasheet
712Kb / 6P
   50 to 200 Watts
logo
Powerbox
3303DS POWERBOX-3303DS Datasheet
91Kb / 1P
   60 - 200 WATTS LINEAR
logo
Vicor Corporation
VI-200 VICOR-VI-200_17 Datasheet
419Kb / 7P
   50 to 200 Watts
logo
List of Unclassifed Man...
S200-50 ETC-S200-50 Datasheet
156Kb / 3P
   200 WATTS - 50 VOLTS 30MHZ
logo
Artesyn Technologies
LPQ201-M ARTESYN-LPQ201-M Datasheet
1Mb / 3P
   Total Power: 100 - 200 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com