Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106SAK100M Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 106SAK100M
Description  Small size ??Low Profile ??Lead Free Leads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106SAK100M Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  106SAK100M Datasheet HTML 1Page - Illinois Capacitor, Inc. 106SAK100M Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Low Profile Lead Free Leads
APPLICATIONS
Filtering Bypass Coupling Blocking
Operating
Temperature Range
-40°C to +85°C
Capacitance
Tolerance
+20% at 120 Hz, 20°C
Surge
voltage
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
SVDC
7.9
13
20
32
44
63
79
125
200
250
300
450
Dissipation
Factor
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
Tan δ
.28
.24
.2
.16
.14
.12
.1
.08
.2
.2
.2
.25
Add .02 for every 1000uF above 1000uF
Leakage current
<100 WVDC
<100 WVDC
160 to 400 WVDC
1 Minutes
2 Minutes
1 Minutes
.03CV or 4uA,
Whichever is greater
.01CV or 3uA,
Whichever is greater
.04CV or 100uA
Low
temperature
stability
Impedance
ratio
(120 Hz)
WVDC
6.3
10
16
25
35
50
63
100
160
200
250
400
-25°C to
+20°C
5
4
3
2
2
2
2
2
4
4
4
4
-40°C to
+20°C
12
10
8
5
4
3
3
3
15
15
15
10
Load Life
2000 hours at 85°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance change
<20% initial measured value
Dissipation factor
<200% of maximum specified value
Leakage current
<100% of maximum specified value
Ripple Current
Multipliers
WVDC
Capacitance
(uF)
Frequency (Hz)
Temperature (°C)
50
120
300
1k
10k
+85
+70
+60
6.3 to 100V
C<47
.75
1.0
1.35
1.57
2.0
1.0
1.3
1.5
6.3 to 100V
47<C<470
.8
1.0
1.23
1.32
1.5
1.0
1.3
1.5
6.3 to 100V
C>470
.85
1.0
1.1
1.13
1.15
1.0
1.3
1.5
160 to 400V
all
.8
1.0
1.25
1.40
1.60
1.0
1.4
1.8
D
5
6.3
8
10
12.5
16
18
S
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
L1=L+1.5mm Max.
mm
D1=D+0.5mm Max.
S1=S+0.5 mm


Similar Part No. - 106SAK100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106SAK100M ILLINOISCAPACITOR-106SAK100M Datasheet
115Kb / 3P
   85째C Low Profile Radial Lead Aluminum Electrolytic Capacitors
106SAK100M ILLINOISCAPACITOR-106SAK100M Datasheet
272Kb / 2P
   85C Low Profile Radial Lead Aluminum Electrolytic Capacitors
106SAK100M ILLINOISCAPACITOR-106SAK100M Datasheet
242Kb / 2P
   Low Profile, 2000 hours
106SAK100M ILLINOISCAPACITOR-106SAK100M Datasheet
135Kb / 1P
   Radial Lead Low Profile
More results

Similar Description - 106SAK100M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
108RSS035M ILLINOISCAPACITOR-108RSS035M Datasheet
226Kb / 2P
   Small Size ??Low Profile ??Lead Free Leads
RSS ILLINOISCAPACITOR-RSS Datasheet
189Kb / 2P
   Small size ??Low Prfile ??Lead Free Leads
PUM ILLINOISCAPACITOR-PUM Datasheet
196Kb / 2P
   Small size ??Low heights ??Lead Free Leads
UVK ILLINOISCAPACITOR-UVK Datasheet
201Kb / 2P
   Small size - High Temperature ??Lead Free Leads
SVF ILLINOISCAPACITOR-SVF Datasheet
244Kb / 2P
   5mm Height ??Lead free leads
STF ILLINOISCAPACITOR-STF Datasheet
203Kb / 2P
   5mm Height ??Lead free leads
logo
Murata Manufacturing Co...
DLW21SN181XQ2 MURATA1-DLW21SN181XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21SZ261XQ2 MURATA1-DLW21SZ261XQ2_V01 Datasheet
405Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
DLW21HN181SQ2 MURATA1-DLW21HN181SQ2_V01 Datasheet
342Kb / 3P
   Small size and low profile (2.0x1.2x0.9mm).
Last updated07/26/2022
DLW21SN211XK2 MURATA1-DLW21SN211XK2_V01 Datasheet
406Kb / 3P
   Small size and low profile (2.0x1.2x1.2mm).
Last updated07/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com