Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

106SVL050MEW Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 106SVL050MEW
Description  Small size ??Long Life
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

106SVL050MEW Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  106SVL050MEW Datasheet HTML 1Page - Illinois Capacitor, Inc. 106SVL050MEW Datasheet HTML 2Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Small size Long Life
APPLICATIONS
Filtering Bypass/ Coupling De-Coupling
Operating Temperature Range
-55°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
Surge Voltage
WVDC
6.3
10
16
25
35
50
SVDC
7.9
13
20
32
44
63
Dissipation Factor
WVDC
6.3
10
16
25
35
50
.32
.24
.2
.16
.13
.12
Leakage Current
2 Minutes
.01CV or 3uA,Whichever is greater
Low Temperature
Stability
Impedance Ratio
(120 Hz)
Rated WVDC
6.3
10
16
25
35
50
-25°C to +20°C
4
3
2
2
2
2
-40°C to +20°C
10
7
5
3
3
3
Load Life
5000 hours(3000 hours for D=4,5,6.3mm) at 105°C with rated WVDC
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Shelf Life
1000 hours at 105°C with no voltage applied
Capacitance Change
<30% of initial measured value
Dissipation Factor
<300% of maximum specified value
Leakage Current
<100% of maximum specified value
Resistance to Soldering Heat
Capacitors placed on a 250°C hot plate for 30 seconds with their electrode
terminations facing downward will fulfill the following conditions after being
cooled to room temperature
Capacitance Change
<10% of initial measured value
Dissipation Factor
<100% of maximum specified value
Leakage Current
<100% of maximum specified value
Ripple Current Multipliers
Frequency (Hz)
50
120
300
1k
100k
.7
1.0
1.17
1.36
1.5
D
L
W+0.2
H+0.2
C+0.2
R
LL+0.2
S+0.2
4
5.8 +/-0.3
4.3
4.3
5.0
0.5~0.8
1.8
1.0
5
5.8 +/-0.3
5.3
5.3
6.0
0.5~0.8
2.1
1.3
6.3
5.8 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
6.3
7.7 +/-0.3
6.6
6.6
7.3
0.5~0.8
2.4
2.2
8
10.5+/-0.5
8.3
8.3
9.0
0.7~1.0
2.9
3.1
10
10.5+/-0.5
10.3
10.3
11.0
0.7~1.0
3.2
4.5


Similar Part No. - 106SVL050MEW

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
106SVL050MEW ILLINOISCAPACITOR-106SVL050MEW Datasheet
204Kb / 2P
   Long Life, up to 5000 hours
106SVL050MEW ILLINOISCAPACITOR-106SVL050MEW Datasheet
119Kb / 1P
   SURFACE MOUNT
More results

Similar Description - 106SVL050MEW

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
VY05-05S30L VOLGEN-VY05-05S30L Datasheet
267Kb / 2P
   Small Size, Long-Life, Isolated Type DC-DC Converter
logo
Tyco Electronics
3SCV MACOM-3SCV Datasheet
230Kb / 2P
   Long-life Haif-size Industrial Relay
logo
ALPS ELECTRIC CO.,LTD.
EC11J ALPS-EC11J Datasheet
432Kb / 4P
   11mm Size Metal Shaft Long Life Type
logo
Illinois Capacitor, Inc...
226SMH016M ILLINOISCAPACITOR-226SMH016M Datasheet
284Kb / 2P
   Small Size ??Extended Life ??Low Cost
SVH ILLINOISCAPACITOR-SVH Datasheet
221Kb / 4P
   Small size ??Extended Life ??Low cost
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
Illinois Capacitor, Inc...
SMH ILLINOISCAPACITOR-SMH Datasheet
218Kb / 2P
   Small size ??Extended Life ??Low cost
logo
CTS Corporation
291V1022F832AB CTS-291V1022F832AB Datasheet
3Mb / 3P
   Precision, Long-life Compact 12mm Size Optical Encoder
logo
PARA LIGHT ELECTRONICS ...
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
   Long operating life.
logo
Everlight Electronics C...
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
   Long life feature.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com