Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDC20110S05 Datasheet(PDF) 2 Page - XP Power Limited

Part # RDC20110S05
Description  20 Watts RDC Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

RDC20110S05 Datasheet(HTML) 2 Page - XP Power Limited

  RDC20110S05 Datasheet HTML 1Page - XP Power Limited RDC20110S05 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-Mar-14
RDC20
Notes
1. Input current specified at nominal 72 V or 110 V input.
2. Cross regulation for duals is ±5% when one output is at 100% and the other is
varied between 25% and 100%.
3. Measured with 1 µF ceramic capacitor in parallel with 10 µF electrolytic
capacitor across output rails.
4. Add suffix ‘-HK’ for optional heatsink.
6
4
5
2
1
Bottom View
Single & Dual
Output Models
3
0.10
(2.54)
0.10
(2.54)
DIA
0.04
(1.00)
DIA
0.04
(1.00)
0.10
(2.54)
0.32
(8.00)
0.30
(7.62)
0.30
(7.62)
0.20
(5.08)
0.17
(4.36)
1.73
(43.9)
2.00
(50.8)
0.02
(0.50)
0.24
(6.00)
0.64
(16.3)
0.10
(2.54)
0.40
(10.16)
0.40
(10.16)
0.40
(10.16)
Optional
Heatsink
Mechanical Details
Application Notes
Ambient Temperature (°C)
-40
0
10
20
30
40
50
60
70
80
90
100
-30 -20 -10
0
10 20 30 40 50 60 70 80 90 100
without heat-sink
with heat-sink
Derating Curve
PIN CONNECTIONS
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
Remote On/Off
4
+Vout
+Vout
5
-Vout
Com
6
Trim
-Vout
Typical Resistor
S3V3
S05
S12
S15
Trim Down 10%
15.3 k
Ω 5.31kΩ 5.3kΩ 5.8kΩ
Trim Up 10%
10.3 k
Ω 10.6kΩ 22.1kΩ 20.0kΩ
1. All dimensions are in inches (mm).
2. Weight: 0.07 lbs (30 g) approx
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Notes
External Output Trim
R trim-up
R trim-down
6
5
6
4
Output can be externally
trimmed using this method.
Contact sales for details.
On single output versions only.
Models and Ratings
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load
Efficiency
Model Number(4)
No Load
Full Load
36-140 VDC
3.3 V
6.00 A
20 mA
312 mA
10000 µF
88.0%
RDC2072S3V3
5.0 V
4.00 A
25 mA
313 mA
6800 µF
88.5%
RDC2072S05
12.0 V
1.65 A
15 mA
318 mA
1000 µF
86.5%
RDC2072S12
15.0 V
1.33 A
20 mA
318 mA
700 µF
87.0%
RDC2072S15
±5.0 V
±2.00 A
35 mA
319 mA
±1000 µF
87.0%
RDC2072D05
±12.0 V
±0.83 A
20 mA
323 mA
±470 µF
85.5%
RDC2072D12
±15.0 V
±0.67 A
20 mA
324 mA
±330 µF
86.0%
RDC2072D15
55-176 VDC
3.3 V
6.00 A
15 mA
208 mA
10000 µF
86.5%
RDC20110S3V3
5.0 V
4.00 A
20 mA
209 mA
6800 µF
87.0%
RDC20110S05
12.0 V
1.65 A
15 mA
212 mA
1000 µF
85.0%
RDC20110S12
15.0 V
1.33 A
15 mA
211 mA
700 µF
86.0%
RDC20110S15
±5.0 V
±2.00 A
30 mA
211 mA
±1000 µF
86.0%
RDC20110D05
±12.0 V
±0.83 A
15 mA
215 mA
±470 µF
84.0%
RDC20110D12
±15.0 V
±0.67 A
15 mA
215 mA
±330 µF
85.0%
RDC20110D15


Similar Part No. - RDC20110S05

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC20-100M-RC ALLIED-RDC20-100M-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC20-100M-RC ALLIED-RDC20-100M-RC Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC20-101K-RC ALLIED-RDC20-101K-RC Datasheet
788Kb / 1P
   Radial Drum Core Inductors
RDC20-101K-RC ALLIED-RDC20-101K-RC Datasheet
361Kb / 1P
   Radial Drum Core Inductors
More results

Similar Description - RDC20110S05

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
   30 Watts RDC Series
logo
Rosenberger Hochfrequen...
98W010-000 ROSENBERGER-98W010-000 Datasheet
41Kb / 1P
   Microscope Adapter RDC male
logo
XP Power Limited
JTM20 XPPOWER-JTM20 Datasheet
319Kb / 2P
   20 Watts JTM Series
JCK2012S3V3 XPPOWER-JCK2012S3V3 Datasheet
294Kb / 2P
   20 Watts JCK Series
logo
Anaren Microwave
20-50TPC-S ANAREN-20-50TPC-S Datasheet
218Kb / 2P
   20 Watts
20-50TP ANAREN-20-50TP Datasheet
280Kb / 2P
   20 Watts
logo
Astec America, Inc
APA06K04 ASTEC-APA06K04 Datasheet
269Kb / 2P
   20 Watts
AA20C ASTEC-AA20C Datasheet
561Kb / 2P
   20 Watts
logo
XP Power Limited
JTK2048D15 XPPOWER-JTK2048D15 Datasheet
114Kb / 2P
   15/20 Watts JTK Series
logo
Artesyn Technologies
AXA04F18-L ARTESYN-AXA04F18-L Datasheet
414Kb / 2P
   POWER 20 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com