Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E1466DFO Datasheet(PDF) 5 Page - ATMEL Corporation

Part # E1466DFO
Description  32 KHZ CLOCK CMOS IC WITH DIGITAL TRIMMING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

E1466DFO Datasheet(HTML) 5 Page - ATMEL Corporation

  E1466DFO Datasheet HTML 1Page - ATMEL Corporation E1466DFO Datasheet HTML 2Page - ATMEL Corporation E1466DFO Datasheet HTML 3Page - ATMEL Corporation E1466DFO Datasheet HTML 4Page - ATMEL Corporation E1466DFO Datasheet HTML 5Page - ATMEL Corporation E1466DFO Datasheet HTML 6Page - ATMEL Corporation E1466DFO Datasheet HTML 7Page - ATMEL Corporation E1466DFO Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
e1466D
4731A–CLOCK–06/03
Notes:
1. Typical parameters represent the statistical mean values
2. See test circuit
3. Values can be selected in 1 pF steps. A total capacitance (C
OSCIN + COSCOUT) of 38 pF is available
4. These values are valid for 10 pF quartz applications. For CL = 12.5 pF these values change to 4.5, 6, 7.5, 9 pF
Figure 2. Functional Test
Operating Characteristics
VSS = 0 V, VDD = 1.5 V, Tamb = +25°C, unless otherwise specified.
All voltage levels are measured with reference to VSS. Test crystal as specified below.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Operating voltage
V
DD
1.1
1.5
2.2
V
Operating temperature
T
amb
-20
+70
°C
Operating current
R
1 = ¥
(2)
I
DD
2
5
mA
Motor Drive Output
Motor output current
V
DD = 1.2 V, R1 =200 W
I
M
±4.3
mA
Motor period
T
M
See option list
Motor period during motor test
T
MT
See option list
Motor pulse width
t
M
See option list
Oscillator
Startup voltage
Within 2 s
V
START
1.2
2.2
V
Frequency stability
DV
DD =100 mV, VDD = 1.1 to 2.2 V
Df/f
1
ppm
Integrated input capacitance
(3)
C
OSCIN
See option list
Integrated output capacitance
C
OSCOUT
See option list
Integrated capacitance for bond option
(4)
C1
C2
C3
C4
3
4
5
6
pF
pF
pF
pF
TEST Input
Input current
TEST = VDD peak current
ITINH
0.6
3
10
µA
Input current
TEST = VSS peak current
ITINL
-0.6
-3
-10
µA
Input debounce delay
tTIN
23.4
31.2
ms
MOT1
MOT2
e1466D
MOT1
OSCOUT
R
1
VDD
VSS
TEST
OSCIN
C4 C3 C2 C1


Similar Part No. - E1466DFO

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
E1466A KEYSIGHT-E1466A Datasheet
388Kb / 4P
   4x64 Relay Matrix Switch
More results

Similar Description - E1466DFO

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E1217X ATMEL-E1217X Datasheet
117Kb / 8P
   32 KHZ STANDARD WATCH CMOS IC
logo
Cypress Semiconductor
CY2040 CYPRESS-CY2040 Datasheet
67Kb / 7P
   32 kHz and 24 MHz Clock Generator with Precision 32 kHz Input
logo
EM Microelectronic - MA...
V3022 EMMICRO-V3022 Datasheet
589Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming and High Level Integration
A3024 EMMICRO-A3024 Datasheet
151Kb / 17P
   Very Low Power 8-Bit 32 kHz RTC with Digital Trimming, User RAM and High Level Integration
V3025 EMMICRO-V3025 Datasheet
747Kb / 17P
   17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
logo
Nippon Precision Circui...
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
   Analog Clock CMOS IC
CF5761 NPC-CF5761 Datasheet
103Kb / 10P
   CMOS Analog Clock IC with Alarm Function
logo
EM Microelectronic - MA...
V3023 EMMICRO-V3023 Datasheet
607Kb / 15P
   Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and High Level Integration
logo
Nippon Precision Circui...
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
   Analog Clock CMOS IC
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
   Analog clock CMOS IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com