Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VEP24US09 Datasheet(PDF) 1 Page - XP Power Limited

Part # VEP24US09
Description  8-36 Watts VEP Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

VEP24US09 Datasheet(HTML) 1 Page - XP Power Limited

  VEP24US09 Datasheet HTML 1Page - XP Power Limited VEP24US09 Datasheet HTML 2Page - XP Power Limited VEP24US09 Datasheet HTML 3Page - XP Power Limited VEP24US09 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8-36 Watts
Efficiency Efficiency Level V (24 W Level IV)
CEC2008 & EISA 2007 Compliant
IT & Medical Approvals
Interchangeable Input Connectors
Output Voltages from 5 V to 24 V Available
Class II Construction
White Case Version Available
VEP Series
Input
Input Voltage
• 8 & 15W: 80-264 VAC
24 W: 80-264 VAC, derate output power
25% <90 VAC
36 W: 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 8 W: 0.3 A max at 90 VAC
15 W: 0.5 A max at 90 VAC
24 W: 0.6 A max at 90 VAC
36 W: 0.9 A max at 90 VAC
Inrush Current
• 70 A max at 230 VAC, cold start at 25 °C
Power Factor
• EN61000-3-2, class A
No Load Input Power
• <0.3 W
Output
Output Voltage
• See tables
Initial Set Accuracy
• ±5% at 50% load
Minimum Load
• No minimum load required
Start Up Delay
• 2 s typical
Start Up Rise Time
• 8 & 15 W: 100 ms typical,
24 & 36 W: 50 ms typical
Hold Up Time
• 5 ms typical at full load and 115 VAC
Line Regulation
• ±0.5% max
Load Regulation
• ±5% max
Transient Response
• 4% max. deviation, recovery to <1%
within 500 µs for a 50% step load change
at 0.2 A/µs
Ripple & Noise
• See tables
Overvoltage Protection
• See tables
Overload Protection
• 120-280%
Short Circuit Protection
• Trip and restart (hiccup mode)
Temperature
• 0.2 %/˚C
Coefficient
General
Efficiency
• See tables
Energy Efficiency
• Level V
Level IV (24 W versions)
Isolation
• 8 - 24 W: 4000 VAC Input to Output,
36 W: 3000 VAC Input to Output
Switching Frequency
• 8 & 15 W: 132 kHz typical,
24 & 36 W: 65 kHz typical
MTBF
• 8 - 24 W: 250 kHrs, 36 W: 200 kHrs
to MIL-HDBK-217F at 25°C, GB
Environmental
Operating Temperature
• 0 ˚C to +40 ˚C
Cooling
• Natural convection
Operating Humidity
• 5-95% RH, non-condensing
Storage Temperature
• -25 ˚C to +70 ˚C
Shock
• Able to survive 1 m drop onto concrete on
each of 6 axes
Vibration
• 10-300 Hz, 1 g 15 mins/sweep. 30 mins for
each of 3 axes
EMC & Safety
Emissions
• EN55022, class B conducted & radiated
Harmonic Currents
• EN61000-3-2, class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2, ±4 kV contact, ±8 kV air,
Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m, Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2, Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3 V, Perf Criteria A
Magnetic Field
• EN61000-4-8, 1 A/m, Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• 8 & 15 W: EN60950-1, cUL60950-1,
IEC60950-1, EN60601-1, cUL60601-1,
IEC60601-1;
24 W: EN60950-1, cCSAus60950-1,
IEC60950-1, CSA60950-01-03,
cCSAus60601-1, IEC60601-1, CSA C22.2
No601.1,
36 W: IEC60950-1, EN60950-1, UL60950-1
xppower.com
Specification


Similar Part No. - VEP24US09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
VEP01968A PANASONIC-VEP01968A Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
VEP07A51A PANASONIC-VEP07A51A Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
VEP07A51E PANASONIC-VEP07A51E Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
VEP07A77A PANASONIC-VEP07A77A Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
VEP07A77B PANASONIC-VEP07A77B Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
More results

Similar Description - VEP24US09

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEB XPPOWER-AEB Datasheet
497Kb / 4P
   36-100 Watts
logo
List of Unclassifed Man...
LDR100SB ETC-LDR100SB Datasheet
185Kb / 3P
   100 WATTS 36 VOLTS
logo
Bothhand USA, LP.
EA1060C BOTHHAND-EA1060C Datasheet
40Kb / 2P
   36 Watts Switching Adapter
logo
Motorola, Inc
MJF15030 MOTOROLA-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS 36 WATTS
logo
ON Semiconductor
MJF15030 ONSEMI-MJF15030_06 Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
logo
XP Power Limited
JTF0824S3V3 XPPOWER-JTF0824S3V3 Datasheet
280Kb / 2P
   815 Watts JTF Series
JCJ08 XPPOWER-JCJ08 Datasheet
369Kb / 2P
   8/10 Watts JCJ Series
logo
Qualtek Electronics Cor...
QFWB-36 QUALTEK-QFWB-36 Datasheet
246Kb / 2P
   36 Watts Single Output Wall Mount
logo
Powerbox
TR36 POWERBOX-TR36 Datasheet
278Kb / 1P
   36 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
List of Unclassifed Man...
JTDA50-2 ETC1-JTDA50-2 Datasheet
128Kb / 2P
   50 Watts, 36 Volts, 960 - 1215 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com