Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP7309-IV-C Datasheet(PDF) 6 Page - Cirrus Logic

Part # EP7309-IV-C
Description  HIGH PERFORMANCE LOW POWER SYSTEM ON CHIP ENHANCED DIGITAL AUDIO INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7309-IV-C Datasheet(HTML) 6 Page - Cirrus Logic

Back Button EP7309-IV-C Datasheet HTML 2Page - Cirrus Logic EP7309-IV-C Datasheet HTML 3Page - Cirrus Logic EP7309-IV-C Datasheet HTML 4Page - Cirrus Logic EP7309-IV-C Datasheet HTML 5Page - Cirrus Logic EP7309-IV-C Datasheet HTML 6Page - Cirrus Logic EP7309-IV-C Datasheet HTML 7Page - Cirrus Logic EP7309-IV-C Datasheet HTML 8Page - Cirrus Logic EP7309-IV-C Datasheet HTML 9Page - Cirrus Logic EP7309-IV-C Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
6
Copyright 2001 Cirrus Logic (All Rights Reserved)
DS507PP1
EP7309
High-Performance, Low-Power System on Chip
• Driven byan external 32.768 kHz crystal oscillator
PLL and Clocking
• Processor and Peripheral Clocks operate from a single
3.6864 MHz crystal or external 13 MHz clock
• Programmable clock speeds allow the peripheral bus
to run at 18 MHz when the processor is set to 18 MHz
and at 36 MHz when the processor is set to 36, 49 or
74 MHz
DC-to-DC converter interface (PWM)
• Provides two 96 kHz clock outputs with
programmable duty ratio (from 1-in-16 to 15-in-16)
that can be used to drive a positive or negative DC to
DC converter
Timers
• Internal (RTC) timer
• Two internal 16-bit programmable hardware count-
down timers
General Purpose Input/Output (GPIO)
• Three 8-bit and one 3-bit GPIO ports
• Supports scanning keyboard matrix
Note:
Pins are multiplexed. See Table R on page 7 for more
information.
Hardware debug Interface
• Full JTAG boundary scan and Embedded ICE
support
LED Flasher
A dedicated LED flasher module can be used to generate
a low frequency signal on Port D pin 0 for the purpose of
blinking an LED without CPU intervention. The LED
flasher feature is ideal as a visual annunciator in battery
powered applications, such as a voice mail indicator on a
portable phone or an appointment reminder on a PDA.
• Software adjustable flash period and duty cycle
• Operates from 32 kHz RTC clock
• Will continue to flash in IDLE and STANDBY states
• 4 mA drive current
Note:
Pins are multiplexed. See Table R on page 7 for more
information.
Pin Mnemonic
Pin Description
RTCIN
Real-Time Clock Oscillator Input
RTCOUT
Real-Time Clock Oscillator Output
VDDRTC
Real-Time Clock Oscillator Power
VSSRTC
Real-Time Clock Oscillator Ground
Table K. Real-Time Clock Pin Assignments
Pin Mnemonic
Pin Description
MOSCIN
Main Oscillator Input
MOSCOUT
Main Oscillator Output
VDDOSC
Main Oscillator Power
VSSOSC
Main Oscillator Ground
Table L. PLL and Clocking Pin Assignments
Pin Mnemonic
I/O
Pin Description
DRIVE[1:0]
I/O
PWM drive output
FB[1:0]
I
PWM feedback input
Table M. DC-to-DC Converter Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
PA[7:0]
I
GPIO port A
PB[7:0]
I
GPIO port B
PD[0]/LEDFLSH
(Note)
I/O
GPIO port D
PD[5:1]
I/O
GPIO port D
PD[7:6]/SDQM[1:0]
(Note)
I/O
GPIO port D
PE[1:0]/BOOTSEL[1:0] (Note)
I
GPIO port E
PE[2]/CLKSEL
(Note)
I
GPIO port E
Table N. General Purpose Input/Output Pin Assignments
Pin Mnemonic
I/O
Pin Description
TCLK
I
JTAG clock
TDI
I
JTAG data input
TDO
O
JTAG data output
nTRST
I
JTAG async reset input
TMS
I
JTAG mode select
Table O. Hardware Debug Interface Pin Assignments
Pin Mnemonic
I/O
Pin Description
PD[0]/LEDFLSH
(Note)
O
LED flasher driver
Table P. LED Flasher Pin Assignments


Similar Part No. - EP7309-IV-C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309-IB CIRRUS-EP7309-IB Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-IBZ CIRRUS-EP7309-IBZ Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7309-IR CIRRUS-EP7309-IR Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
More results

Similar Description - EP7309-IV-C

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EP7309 CIRRUS-EP7309_05 Datasheet
1Mb / 51P
   High-performance, Low-power, System-on-chip with Enhanced Digital Audio Interface
EP7311 CIRRUS-EP7311_05 Datasheet
1Mb / 58P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
EP7312 CIRRUS-EP7312 Datasheet
1Mb / 64P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM ON CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7311 CIRRUS-EP7311 Datasheet
1Mb / 54P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH SDRAM AND ENHANCED DIGITAL AUDIO INTERFACE
EP7212 CIRRUS-EP7212 Datasheet
2Mb / 136P
   HIGH-PERFORMANCE, LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER AND DIGITAL AUDIO INTERFACE(DAI)
EP7312 CIRRUS-EP7312_05 Datasheet
1Mb / 64P
   High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced
EP7209 CIRRUS-EP7209 Datasheet
1Mb / 128P
   Ultra-Low-Power Audio Decoder System-on-Chip
EP7211 CIRRUS-EP7211 Datasheet
2Mb / 166P
   HIGH-PERFORMANCE ULTRA-LOW-POWER SYSTEM-ON-CHIP WITH LCD CONTROLLER
logo
ON Semiconductor
NCS36510 ONSEMI-NCS36510_16 Datasheet
215Kb / 34P
   Low Power System-on-Chip
September, 2016 ??Rev. 0
logo
Silicon Laboratories
EM341 SILABS-EM341 Datasheet
3Mb / 237P
   High-Performance, Integrated RF4CE System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com