Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7566DREZ-T7 Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL7566DREZ-T7
Description  Monolithic 6 Amp DC-DC Step-Down Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7566DREZ-T7 Datasheet(HTML) 1 Page - Intersil Corporation

  EL7566DREZ-T7 Datasheet HTML 1Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 2Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 3Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 4Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 5Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 6Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 7Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 8Page - Intersil Corporation EL7566DREZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN7102.5
EL7566
Monolithic 6 Amp DC-DC Step-Down
Regulator
The EL7566 is a full-feature synchronous step-down regulator
capable of up to 6A and 96% efficiency. The device operates
from 3V to 6V input supply (VIN). With internal CMOS power
FETs, the device can operate at up to 100% duty ratio,
allowing for an output voltage range of 0.8V to nearly VIN. An
adjustable switching frequency up to 1MHz enables the use of
small components, thereby reducing board area consumption
to under 0.72sq-in on one side of a PCB. The EL7566
operates in constant frequency PWM mode, making external
synchronization possible. A soft-start feature is integrated in
the EL7566 to limit in-rush currents and allow for a smooth
voltage ramp from zero to regulation. Other start-up features
are integrated to add flexibility for synchronizing many
supplies in multiple configurations. The EL7566 also offers a
voltage margining capability that shifts the output voltage ±5%
for validation of system card performance and reliability during
manufacturing tests. A junction temperature indicator
conveniently monitors the silicon die temperature, saving time
in thermal characterization.
An easy-to-use simulation tool is available for download and
can be used to modify design parameters such as switching
frequency, voltage ripple, ambient temperature, as well as
view schematics waveforms, efficiency graphs, and
complete BOM with Gerber layout.
Features
• Integrated MOSFETs
• 6A continuous output current
• Up to 96% efficiency
• Multiple supply start-up tracking
• Built-in ±5% voltage margining
• 3V to 6V input voltage
• 0.72 in2 footprint with components on one side of PCB
• Adjustable switching frequency to 1MHz
• Oscillator synchronization possible
• 100% duty ratio
• Junction temperature indicator
• Over-temperature protection
• Internal soft-start
• Variable output voltage down to 0.8V
• Power-good indicator
• 28-pin HTSSOP package
• Pb-Free Available (RoHS Compliant)
Applications
• Point-of-regulation power supplies
• FPGA Core and I/O supplies
• DSP, CPU Core, and IO supplies
• Logic/Bus supplies
• Portable equipment
Related Documentation
• Technical Brief 415 - Using the EL7566 Demo Board
• Easy-to-use applications software simulation tool available
at www.intersil.com/dc-dc
Ordering Information
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL7566DRE
28-HTSSOP
-
MDP0048
EL7566DRE-T7
28-HTSSOP
7”
MDP0048
EL7566DRE-T13
28-HTSSOP
13”
MDP0048
EL7566DREZ (Note)
28-HTSSOP (Pb-free)
-
MDP0048
EL7566DREZ-T7 (Note) 28-HTSSOP (Pb-free)
7”
MDP0048
EL7566DREZ-T13 (Note) 28-HTSSOP (Pb-free)
13”
MDP0048
EL7566AIREZ (Note)
28-HTSSOP (Pb-free)
-40°C to 85°C
MDP0048
EL7566AIREZ-T7 (Note) 28-HTSSP (Pb-free)
-40°C to 85°C
7”
MDP0048
EL7566AIREZ-T13
(Note)
28-HTSSOP (Pb-free)
-40°C to 85°C
13”
MDP0048
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both
SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Data Sheet
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
December 1, 2004


Similar Part No. - EL7566DREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7566DREZ-T7 INTERSIL-EL7566DREZ-T7 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7566DREZ-T7 RENESAS-EL7566DREZ-T7 Datasheet
751Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
More results

Similar Description - EL7566DREZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
EL7566 INTERSIL-EL7566_06 Datasheet
399Kb / 14P
   Monolithic 6A DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7562 INTERSIL-EL7562 Datasheet
246Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
EL7562 INTERSIL-EL7562_06 Datasheet
162Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7562 RENESAS-EL7562 Datasheet
470Kb / 9P
   Monolithic 2Amp DC-DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com