Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC49-2.5HSMX Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # HC49-2.5HSMX
Description  Quartz Crystal Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

HC49-2.5HSMX Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  HC49-2.5HSMX Datasheet HTML 1Page - IQD Frequency Products Ltd HC49-2.5HSMX Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HC49/2.5HSMX
Quartz Crystal Specification
Packaging Details
Loose in bulk pack
Pack Style: Bulk
Pack Size: 100
In tape, cut from a reel
Pack Style: Cutt
Pack Size: 1
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability
(Min)
Over Tone Order
ESR
°C
ppm
3.2MHz
3.999999MHz
0 to 50
Fundamental
300
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
4.0MHz
5.499999MHz
0 to 50
Fundamental
130
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
5.5MHz
7.999999MHz
0 to 50
Fundamental
60
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
8.0MHz
39.999999MHz
0 to 50
Fundamental
40
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
26.0MHz
100.0MHz
0 to 50
3rd Overtone
100
±15
-10 to 60
±20
-20 to 70
±20
-30 to 80
±25
-40 to 85
±30
-55 to 105
±100
*Stability Maximum values ±500ppm
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 21 Jul 16 14:53 using Model Data Sheet V1.2550
Page 2 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - HC49-2.5HSMX

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
HC49-3.5H IQD-HC49-3.5H Datasheet
503Kb / 3P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
logo
Golledge Electronics Lt...
HC49-3H GOLLEDGE-HC49-3H Datasheet
113Kb / 1P
   Low Profile Crystal
logo
IQD Frequency Products ...
HC49-3H IQD-HC49-3H Datasheet
506Kb / 3P
   Quartz Crystal Specification
logo
Golledge Electronics Lt...
HC49-3H GOLLEDGE-HC49-3H Datasheet
531Kb / 4P
   Low Profile Leaded Crystal
More results

Similar Description - HC49-2.5HSMX

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com