Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMS15A-9 Datasheet(PDF) 1 Page - TDK Electronics

Part # KMS15A-9
Description  15-60W Medical AC-DC PCB-Mount Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KMS15A-9 Datasheet(HTML) 1 Page - TDK Electronics

  KMS15A-9 Datasheet HTML 1Page - TDK Electronics KMS15A-9 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
79
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
KMS-A Series
Features
Medical Safety Certifications (4kVAC Input - Output)
Class II (No ground needed)
Wide Temperature Range (-40 to +80oC)
Low off-load Power Draw
Smaller size than KMS
High Efficiency
Photo (KMS60A shown)
15-60W Medical AC-DC PCB-Mount Power Supplies
Model
KMS15A
KMS30A
KMS60A
Input Voltage Range (1)
-
90-264VAC 47-440Hz* or 120-370VDC*
Inrush Current Limiting (115 / 230VAC) (2)
A
20 / 40A
30 / 60A
55 / 95A
Input Current (115 / 230VAC)
mA
385 / 250mA
650 / 400mA
1500 / 1000mA
Off-load Power Draw
W
<0.1W
<0.15W
<0.3W
Recommended External Fuse
-
3.15 A slow blow type
Temperature Coefficient
-
±0.05%/°C
Voltage Set Accuracy
%
±2%
Minimum Load
-
None
Overcurrent Protection
-
Hiccup mode, automatic recovery
Overvoltage Protection
%
Yes, Zener diode clamp
Hold-up Time (115 / 230VAC)
ms
15 / 56ms (typ)
>10ms
Leakage Current (Touch)
mA
<0.1mA at 264VAC
Series or parallel operation
-
Yes, see application note for details
Operating Temperature (3)
-
-40°C to +85°C, derate linearly to 30% load from 50°C to 80°C
Maximum Case Temperature
°C
90°C (83°C <115VAC)
85°C (78°C <115VAC)
80°C (73°C <115VAC)
Storage Temperature
-
-40°C to +90°C
Humidity
%RH
10% to 95% RH (non-condensing)
Cooling
-
Convection
Withstand Voltage
VAC
Input to output: 4kVAC, 2 x MOPPs
Immunity
-
EN61000-4-2, -3, -4, -5, -6, -8, -11
Altitude
m
5000m
Safety Agency Certification
-
UL/CSA/IEC/EN 60950-1, ANSI/AAMI ES60601-1, IEC/EN 60601-1 (2xMOPPs)
Conducted and Radiated EMI
-
EN55011 Class B
Weight
g
59g
130g
280g
in
2.07 x 1.08 x 0.93”
2.52 x 1.77 x 0.93”
3.5 x 2.5 x 1.06”
Size (LxWxH)
(mm)
52.5 x 27.5 x 23.5 mm
64.0 x 45.0 x 23.5 mm
89.0 x 63.5 x 27.0 mm
Mounting & Case
-
PC board mountable. Resin case (UL 94V-0)
MTBF
hrs
200,000 to 400,000 hours, model dependant
Warranty
yrs
3 years
Specifications
(1) Derate linearly to 80% load below 110VAC (100VAC for KMS15A)
(2) Cold start, 25oC ambient
(3) Derate linearly to 80% load below -30oC
Key Market Segments & Applications
* Safety certified for AC input, 47-63Hz only


Similar Part No. - KMS15A-9

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KMS15 TDK-KMS15 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS15-12 TDK-KMS15-12 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS15-12 TDK-KMS15-12 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS15-15 TDK-KMS15-15 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS15-15 TDK-KMS15-15 Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
More results

Similar Description - KMS15A-9

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KM TDK-KM Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
KMS15 TDK-KMS15 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
logo
Wall Industries,Inc.
WMIHPU15 WALL-WMIHPU15 Datasheet
531Kb / 4P
   Up to 15 Watts, Medical AC - DC Wall Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
   AC/DC PCB Mount Power Supplies
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
   AC/DC PCB Mount Power Supplies
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
   AC-DC Power Supplies PCB Mount type
VAF1024 COSEL-VAF1024 Datasheet
510Kb / 4P
   AC-DC Power Supplies PCB Mount type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com