Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPS10-5 Datasheet(PDF) 1 Page - TDK Electronics

Part # KPS10-5
Description  5 to 15W AC-DC Board Mount Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KPS10-5 Datasheet(HTML) 1 Page - TDK Electronics

  KPS10-5 Datasheet HTML 1Page - TDK Electronics KPS10-5 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
9
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
KPS Series
Features
u Small Size and lightweight
u PC board Mountable
u Low Cost
u Universal Input Voltage
u UL Class II Approved
u Wide input range
u No external components needed
Key Market Segments & Applications
u Factory Automation
u Printers and motor drives
u Kiosks
5 to 15W AC-DC Board Mount Power Supplies
Notes:
(1) KPS-5 Measured from 100 - 240VAC
(2) Measured with 0.1uF ceramic & 10uF electrolytic at 20MHz BW
Model
KPS-5
KPS-10
KPS-15
Input Voltage range
-
85 - 264VAC (47 - 440Hz) or 110 - 370VDC
Inrush Current (115 / 230VAC)
A
20/40
Input Current (115/230VAC)
A
0.13 / 0.07
0.27 / 0.13
0.4 / 0.2
Temperature Coefficient
-
±0.05%/°C
Voltage Accuracy
-
±1%
Minimum Load
A
None
Load Regulation
-
±1% (10% to 100% load)
Line Regulation
(1)
-
±0.5%
Ripple & Noise
(2)
mV
1% or 50mV whichever is greater
Short Circuit Protection
-
Continuous - hiccup mode
Overvoltage Protection
V
130-150%
Hold Up Time (Typ@115VAC)
ms
8
16
16
LED Indicator
-
Green LED = OK
Operating Temperature
-
0 to +70°C, derate linearly to 25% load from 40°C to 70°C
Storage Temperature
-
-20 to +85°C
Humidity (non condensing)
-
10 - 95% RH
Cooling
-
Convection
Withstand Voltage
-
Input to Output 3kVAC
Vibration (non operating)
-
23.52m/s2 (10 - 55Hz: constant sweep 1 min X, Y, Z for 1 hour)
Shock
-
< 196.1 m/s2 (20G)
Safety Agency Approvals
-
UL60950-1, CSA60950-1, EN60950-1, Class II, CE Mark
Conducted & Radiated EMI
-
EN55022-B, FCC Class B
Immunity
-
EN61000-4 -2, -3, -4, -5, -6
Weight (Typ)
g (oz)
29g (1oz)
60g (2oz)
80g (2.8oz)
Size (WxLxH; H above pcb)
in.
1.38 x 2.17 x 0.79
1.77 x 2.56 x 0.91
1.89 x 2.75 x 0.91
Warranty
-
One Year
Specifications


Similar Part No. - KPS10-5

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KPS1001C KODENSHI-KPS1001C Datasheet
172Kb / 3P
   Paper Sensor
KPS1002C KODENSHI-KPS1002C Datasheet
172Kb / 3P
   Paper Sensor
KPS1003C KODENSHI-KPS1003C Datasheet
173Kb / 3P
   Paper Sensor
KPS1004C KODENSHI-KPS1004C Datasheet
176Kb / 3P
   Paper Sensor
KPS1008C KODENSHI-KPS1008C Datasheet
137Kb / 3P
   photo switch is composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC
More results

Similar Description - KPS10-5

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KPSA1515 TDK-KPSA1515 Datasheet
88Kb / 2P
   4 to 15W AC-DC Board Mount Power Supplies
KPSA TDK-KPSA Datasheet
182Kb / 2P
   4-15W AC-DC Board Mount Power Supplies
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS Datasheet
246Kb / 2P
   Board Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15CM MPD-MPM-15CM Datasheet
241Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15 MPD-MPM-15 Datasheet
189Kb / 2P
   Compact, 15W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
logo
XP Power Limited
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
   AC-DC Power Supplies 5 Watts
logo
MicroPower Direct, LLC
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_16 Datasheet
435Kb / 5P
   AC/DC Power Module 15W
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com