Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1110-350 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1110-350
Description  10-Tap Silicon Delay Line
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1110-350 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1110-350 Datasheet HTML 1Page - Dallas Semiconductor DS1110-350 Datasheet HTML 2Page - Dallas Semiconductor DS1110-350 Datasheet HTML 3Page - Dallas Semiconductor DS1110-350 Datasheet HTML 4Page - Dallas Semiconductor DS1110-350 Datasheet HTML 5Page - Dallas Semiconductor DS1110-350 Datasheet HTML 6Page - Dallas Semiconductor DS1110-350 Datasheet HTML 7Page - Dallas Semiconductor DS1110-350 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
10-Tap Silicon Delay Line
2
______________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ±5%, TA = -40°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on Any Pin Relative to Ground .................-0.5V to +6.0V
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature...................See IPC/JEDEC J-STD-020A
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
4.75
5.0
5.25
V
High-Level Input Voltage
VIH
(Note 1)
2.4
VCC
+ 0.3
V
Low-Level Input Voltage
VIL
(Note 1)
-0.3
+0.8
V
Input Leakage Current
II
0V
≤ VI ≤ VCC
-1.0
+1.0
µA
Active Current
ICC
VCC = max, period = min (Note 2)
40
150
mA
High-Level Output Current
IOH
VCC = min, VOH = 2.3V
-1.0
mA
Low-Level Output Current
IOL
VCC = min, VOL = 0.5V
12
mA
AC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ±5%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Pulse Width
tWI
(Note 6)
10% of
tap 10
ns
+25°C, 5.0V (Notes 3, 5, 6, 7, 9)
-2
Table 1
+2
0°C to +70°C (Notes 4–7)
-3
Table 1
+3
Input-to-Tap Delay
(Delays
40ns)
tPLH
tPHL
-40°C to +85°C (Notes 4–7)
-4
Table 1
+4
ns
+25°C, 5.0V (Notes 3, 5, 6, 7, 9)
-5
Table 1
+5
0°C to +70°C (Notes 4–7)
-8
Table 1
+8
Input-to-Tap Delay
(Delays > 40ns)
tPLH
tPHL
-40°C to +85°C (Notes 4–7)
-13
Table 1
+13
%
Power-Up Time
tPU
200
ms
Input Period
Period
(Note 8)
2 (tWI) or 20,
whichever
is greater
ns


Similar Part No. - DS1110-350

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
DS1110E-XXX MAXIM-DS1110E-XXX Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
DS1110LE-100 DALLAS-DS1110LE-100 Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
DS1110LE-125 DALLAS-DS1110LE-125 Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
More results

Similar Description - DS1110-350

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1010 MAXIM-DS1010 Datasheet
65Kb / 6P
   10-Tap Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1010 DALLAS-DS1010 Datasheet
60Kb / 6P
   10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1110 MAXIM-DS1110 Datasheet
115Kb / 8P
   10-Tap Silicon Delay Line
Rev 1; 11/03
logo
Dallas Semiconductor
DS1110L DALLAS-DS1110L Datasheet
102Kb / 7P
   3V 10-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1000 MAXIM-MXD1000 Datasheet
72Kb / 8P
   5-Tap Silicon Delay Line
19-1310; Rev 0; 10/97
logo
Dallas Semiconductor
DS1000 DALLAS-DS1000 Datasheet
65Kb / 5P
   5-Tap Silicon Delay Line
logo
Maxim Integrated Produc...
DS1000 MAXIM-DS1000 Datasheet
162Kb / 6P
   5-Tap Silicon Delay Line
030194
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com