Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPSA15-12 Datasheet(PDF) 1 Page - TDK Electronics

Part # KPSA15-12
Description  4-15W AC-DC Board Mount Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

KPSA15-12 Datasheet(HTML) 1 Page - TDK Electronics

  KPSA15-12 Datasheet HTML 1Page - TDK Electronics KPSA15-12 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
KPSA Series
Features
 Low profile
 Smaller footprint
 PC board Mountable
 Low Cost
 UL Class II Approved
 Wide input range
 No external components needed
4-15W AC-DC Board Mount Power Supplies
Notes:
(1) Measured with 0.1uF ceramic & 10uF electrolytic at 20MHz BW
(2) 20CFM forced air ratings:
KPSA5: 0 - 70°C full load
KPSA10: 0 - 70°C full load (3.3V & 5V models derate linearly to 80% load from 50 to 70°C)
KPSA15: 0 - 70°C derate linearly to 80% load from 50 to 70°C
Model
KPSA-5
KPSA-10
KPSA-15
Input Voltage range
-
85 - 264VAC (47 - 440Hz) or 110 - 370VDC*
Inrush Current
A
30A at 240VAC, cold start at 25°C
Input Current (115/230VAC)
A
0.13 / 0.07
0.27 / 0.13
0.4 / 0.2
Leakage Current
mA
0.25mA maximum
Temperature Coefficient
-
±0.05%/°C
Voltage Accuracy
-
±1%
Minimum Load
A
None
Load Regulation
-
±1% (10% to 100% load)
Line Regulation
-
±0.5% (100-240VAC line change)
Ripple & Noise
(1)
mV
1% or 50mV whichever is greater
Short Circuit Protection
-
Continuous - hiccup mode
Overvoltage Protection
V
130-150%, Zener clamp
Efficiency (typical)
%
72%
75%
75%
Hold Up Time (Typ@115VAC input)
ms
14ms at full load
LED Indicator
-
Green LED = OK
Operating Temperature
(2)
°C
Convection cooling: 0 to +70°C, derating linearly to 25% load from 40 to 70°C
Storage Temperature
°C
-20 to +85°C
Humidity (non condensing)
-
10 - 95% RH
Cooling
-
Convection or forced air
Withstand Voltage
-
Input to Output 3kVAC
Vibration (non operating)
-
23.52m/s2 (10 - 55Hz: constant sweep 1 min X, Y, Z for 1 hour)
Shock
-
< 196.1 m/s2 (20G)
Safety Agency Approvals
-
UL60950-1, CSA60950-1, EN60950-1, Class II, CE Mark
Conducted & Radiated EMI
-
EN55022-B, FCC Class B
Immunity
-
EN61000-4 -2, -3, -4, -5, -6
Weight (Typ)
g(oz)
29g (1oz)
60g (2oz)
80g (2.8oz)
Size (WxLxH; H above pcb)
in.
1.28 x 2.17 x 0.83
1.55 x 2.40 x 0.9
1.77 x 2.75 x 0.79
Warranty
yr
One Year
Specifications
Key Market Segments & Applications
*Safety certified for AC input only


Similar Part No. - KPSA15-12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KPSA15-12 TDK-KPSA15-12 Datasheet
88Kb / 2P
   4 to 15W AC-DC Board Mount Power Supplies
More results

Similar Description - KPSA15-12

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KPSA1515 TDK-KPSA1515 Datasheet
88Kb / 2P
   4 to 15W AC-DC Board Mount Power Supplies
KPS TDK-KPS Datasheet
231Kb / 2P
   5 to 15W AC-DC Board Mount Power Supplies
logo
MicroPower Direct, LLC
MPM-15IS MPD-MPM-15IS Datasheet
246Kb / 2P
   Board Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-10IS MPD-MPM-10IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15CM MPD-MPM-15CM Datasheet
241Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-15 MPD-MPM-15 Datasheet
189Kb / 2P
   Compact, 15W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
PDRK-15 MPD-PDRK-15 Datasheet
396Kb / 2P
   DIN Rail Mounting Kit For Modular Chassis Mount, 15W AC/DC Power Supplies
logo
Minmax Technology Co., ...
AKF-15 MINMAX-AKF-15_16 Datasheet
435Kb / 5P
   AC/DC Power Module 15W
logo
Wall Industries,Inc.
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
   AC/DC PCB Mount Power Supplies
WMGPSU06 WALL-WMGPSU06 Datasheet
307Kb / 4P
   AC/DC Wall Mount Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com