Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IJW120R100T1 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IJW120R100T1
Description  Silicon Carbide- Junction Field Effect Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IJW120R100T1 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IJW120R100T1 Datasheet HTML 5Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 6Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 7Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 8Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 9Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 10Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 11Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 12Page - Infineon Technologies AG IJW120R100T1 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Silicon Carbide JFET
IJW120R100T1
Electrical characteristics
Final Datasheet
9
Rev. 2.0, <2013-09-11>
Table 6
Dynamic characteristics
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Input capacitance
Ciss
1550
pF
VGS= -19.5 V; VDS= 0 V;
f= 1 MHz
1200
VGS= -19.5 V; VDS= 800 V;
f= 1 MHz
Output capacitance
Coss
1070
VGS= -19.5 V; VDS= 0 V;
f= 1 MHz
80
VGS= -19.5 V; VDS= 800 V;
f= 1 MHz
Effective output capacitance,
energy related
1)
Co(er)
89
VGS= -19.5 V; VDS= 0 V/ 800 V;
TC=25 °C
Effective output capacitance,
time related
2)
Co(tr)
112
VGS= -19.5 V; VDS= 0 V/ 800 V;
TC=25 °C
Turn- on delay time
td(on)
49
ns
VDS= 800 V;
VGS= -19.5 V/ 0 V; ID= 20 A;
TC= 25 °C; RG,tot= 2 Ω
Turn- off delay time
td(off)
30
Rise time
tr
26
Fall time
tf
19
1)
Co(er) is a fixed capacitance that gives the same stored energy as Coss while VDS is rising from 0 V to 800 V
2)
Co(tr) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 V to 800 V
Table 7
Gate charge characteristics
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Gate charge, gate to source
QGS
16
nC
VDS= 800 V to 0 V; IDS= 18 A;
VGS= -19.5 V to 0 V
Gate charge, gate to drain
QGD
32
Gate charge, total
QG
72
Gate plateau voltage
Vplateau
-8
V
Table 8
Reverse diode characteristics
Parameter
Symbol
Values
Unit
Note/Test Condition
Min.
Typ.
Max.
Diode forward voltage
VSD
7.2
V
ISD = 18 A; VGS= -19.5 V;
TC = 25 °C
7.5
ISD = 18 A; VGS= -19.5 V;
TC = 100 °C
7.6
ISD = 18 A; VGS= -19.5 V;
TC = 150 °C
Reverse recovery time
trr
15.6
ns
ISD = 18 A; VDS = 800 V;
RG= 0 Ω; Tj = 25 °C
Reverse recovery charge
Qrr
118
nC
Peak reverse recovery current
Irrm
11
A
Current slope forward
dIF/ dt
3
A/ns
Current slope reverse
dIrr/ dt
1.3


Similar Part No. - IJW120R100T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IJW120R070T1 INFINEON-IJW120R070T1 Datasheet
1Mb / 20P
   Silicon Carbide- Junction Field Effect Transistor
Rev. 2.0, 2013-09-11
More results

Similar Description - IJW120R100T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IJW120R070T1 INFINEON-IJW120R070T1 Datasheet
1Mb / 20P
   Silicon Carbide- Junction Field Effect Transistor
Rev. 2.0, 2013-09-11
logo
InterFET Corporation
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
   Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com