Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IJW120R070T1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IJW120R070T1
Description  Silicon Carbide- Junction Field Effect Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IJW120R070T1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IJW120R070T1 Datasheet HTML 1Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 2Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 3Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 4Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 5Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 6Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 7Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 8Page - Infineon Technologies AG IJW120R070T1 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1)
J-STD20 and JESD22
Final Datasheet
2
Rev. 2.0, <2013-09-11>
Description
Features
Ultra fast switching
Internal fast body diode
Low intrinsic capacitance
Low gate charge
175 °C maximum operating temperature
Benefits
Enabling higher system efficiency and/ or higher output power in same housing
Enabling higher frequency / increased power density solutions
System cost / space savings due to reduced cooling requirements
Higher system reliability due to enlarged junction temperatures rates
Reduced EMI
Applications
Solar Inverters
High voltage DC/ DC or AC/ DC conversion
Bidirectional Inverter
Compliant for applications according to climate class IEC 60721-3-4 (4K4H)
Table 1
Key Performance Parameters
Parameter
Value
Unit
VDS
1200
V
RDS(on) max
70
m
QG, typ
92
nC
ID, pulse
114
A
Eoss @ 800 V
38
µJ
Table 2
Pin Definition
Pin 1
Pin 2
Pin 3
Gate
Drain
Source
Type / ordering Code
Package
Marking
Related links
IJW120R070T1
1)
PG-TO247-3
120R070T1
www.infineon.com/CoolSiC
CoolSiC
™ is Infineon’s new family of active power switches based on
silicon carbide. Combining the excellent material properties of silicon
carbide with our normally-on JFET concept allows the next steps towards
higher performance paired with very high ruggedness. The extremely low
switching and conduction losses make applications even more efficient,
compact, lighter and cooler.
Gate
Pin 1
Drain
Pin 2
Source
Pin 3
IJW120R070T1
1200 V Silicon Carbide JFET
Gate
Drain
Source


Similar Part No. - IJW120R070T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IJW120R100T1 INFINEON-IJW120R100T1 Datasheet
1Mb / 20P
   Silicon Carbide- Junction Field Effect Transistor
Rev. 2.0, 2013-09-11
More results

Similar Description - IJW120R070T1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IJW120R100T1 INFINEON-IJW120R100T1 Datasheet
1Mb / 20P
   Silicon Carbide- Junction Field Effect Transistor
Rev. 2.0, 2013-09-11
logo
InterFET Corporation
NJ450L INTERFET-NJ450L Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ903L INTERFET-NJ903L Datasheet
126Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ14AL INTERFET-NJ14AL Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ26 INTERFET-NJ26 Datasheet
126Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ36D INTERFET-NJ36D Datasheet
128Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ42 INTERFET-NJ42 Datasheet
128Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ72L INTERFET-NJ72L Datasheet
127Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ132 INTERFET-NJ132 Datasheet
123Kb / 2P
   Silicon Junction Field-Effect Transistor
NJ450 INTERFET-NJ450 Datasheet
126Kb / 2P
   Silicon Junction Field-Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com